Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F8300 Datasheet (PDF) - Freescale Semiconductor, Inc

56F8300 Datasheet PDF - Freescale Semiconductor, Inc
Part # 56F8300
Download  56F8300 Download
File Size   563.88 Kbytes
Page   16 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description 3-Phase AC Induction Motor V/Hz Control

56F8300 Datasheet (PDF)

Go To PDF Page Download Datasheet
56F8300 Datasheet PDF - Freescale Semiconductor, Inc

Part # 56F8300
Download  56F8300 Click to download

File Size   563.88 Kbytes
Page   16 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description 3-Phase AC Induction Motor V/Hz Control

56F8300 Datasheet (HTML) - Freescale Semiconductor, Inc


56F8300 Product details

Device Description
The 56F8346 and 56F8146 are members of the 56800E core-based family of controllers. Each combines, on a single chip, the processing power of a Digital Signal Processor (DSP) and the functionality of a microcontroller with a flexible set of peripherals to create an extremely cost-effective solution. Because of its low cost, configuration flexibility, and compact program code, the 56F8346 and 56F8146 are well-suited for many applications. The devices include many peripherals that are especially useful for motion control, smart appliances, steppers, encoders, tachometers, limit switches, power supply and control, automotive control (56F8346 only), engine management, noise suppression, remote utility metering, industrial control for power, lighting, and automation applications.

56F8346/56F8146 General Description
Note: Features in italics are NOT available in the 56F8146 device.

• Up to 60 MIPS at 60MHz core frequency
• DSP and MCU functionality in a unified, C-efficient architecture
• Access up to 1MB of off-chip program and data memory
• Chip Select Logic for glueless interface to ROM and SRAM
• 128KB of Program Flash
• 4KB of Program RAM
• 8KB of Data Flash
• 8KB of Data RAM
• 8KB of Boot Flash
• Up to two 6-channel PWM Modules
• Four 4-channel, 12-bit ADCs
• Temperature Sensor
• Up to two Quadrature Decoders
• Optional On-Chip Regulator
• FlexCAN module
• Two Serial Communication Interfaces (SCIs)
• Up to two Serial Peripheral Interfaces (SPIs)
• Up to four general-purpose Quad Timers
• Computer Operating Properly (COP) / Watchdog
• JTAG/Enhanced On-Chip Emulation (OnCE™) for unobtrusive, real-time debugging
• Up to 62 GPIO lines
• 144-pin LQFP Package




Similar Part No. - 56F8300

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
56F8300 MOTOROLA-56F8300 Datasheet
1Mb / 140P
16-bit Hybrid Controllers
More results


Similar Description - 56F8300

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M56733AFP MITSUBISHI-M56733AFP Datasheet
682Kb / 4P
3-PHASE BRUSHLESS MOTOR CONTROL
logo
Motorola, Inc
MC3PHAC MOTOROLA-MC3PHAC Datasheet
724Kb / 44P
3-Phase AC Motor Controller
logo
Mitsubishi Electric Sem...
M51785P MITSUBISHI-M51785P Datasheet
300Kb / 7P
3 PHASE BRUSHLESS MOTOR CONTROL
logo
Microchip Technology
PIC18F4539 MICROCHIP-PIC18F4539 Datasheet
5Mb / 322P
Enhanced FLASH Microcontrollers with Single Phase Induction Motor Control Kernel
2002
logo
Texas Instruments
MDL-ACIM TI-MDL-ACIM Datasheet
220Kb / 5P
AC Induction Motor (ACIM) Control Board
logo
ATMEL Corporation
ATAVRMC200 ATMEL-ATAVRMC200 Datasheet
147Kb / 2P
AC Induction Motor Control Evaluation Kit
logo
Microchip Technology
PIC18FXX39 MICROCHIP-PIC18FXX39 Datasheet
2Mb / 322P
Enhanced FLASH Microcontrollers with Single Phase Induction Motor Control Kernel
11/29/12 2002-2013
logo
STMicroelectronics
AN1904 STMICROELECTRONICS-AN1904 Datasheet
1Mb / 102P
ST7MC three-phase AC induction motor control software library
10-Jul-2007
logo
Ningbo Leison Motor Co....
LS-2IK06-2GN NINGBO-LS-2IK06-2GN Datasheet
898Kb / 1P
Induction Motor 6W
LS-5IK60-5GU NINGBO-LS-5IK60-5GU Datasheet
946Kb / 1P
Induction Motor 60W
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com