Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM94022 Datasheet (PDF) - Texas Instruments

LM94022 Datasheet PDF - Texas Instruments
Part # LM94022
Download  LM94022 Download
File Size   830.85 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM94022/-Q1 1.5-V, SC70, Multi-Gain Analog Temperature Sensor With Class-AB Output

LM94022 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM94022 Datasheet PDF - Texas Instruments

Part # LM94022
Download  LM94022 Click to download

File Size   830.85 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM94022/-Q1 1.5-V, SC70, Multi-Gain Analog Temperature Sensor With Class-AB Output

LM94022 Datasheet (HTML) - Texas Instruments


LM94022 Product details

1 Features
1• LM94022/-Q1 is AEC-Q100 Grade 0 qualified and
is Manufactured on an Automotive Grade Flow
• Low 1.5-V to 5.5-V Operation With Low 5.4-μA
Supply Current
• Push-Pull Output With ±50-μA Source Current
Capability
• Four Selectable Gains
• Very Accurate Over Wide Temperature Range of
−50°C to +150°C:
– ±1.5ºC Temperature Accuracy for 20ºC to
40ºC Range
– ±1.8ºC Temperature Accuracy for –50ºC to
70ºC Range
– ±2.1ºC Temperature Accuracy for –50ºC to
90ºC Range
– ±2.7ºC Temperature Accuracy for –50ºC to
150ºC Range
• Output is Short-Circuit Protected
• Extremely Small SC70 Package
• For the Similar Functionality in a TO-92 Package,
See LMT84, LMT85, LMT86, or LMT87
• Footprint Compatible With the Industry-Standard
LM20 Temperature Sensor

2 Applications
• Automotive
• Cell Phones
• Wireless Transceivers
• Battery Management
• Disk Drives
• Games
• Appliances

3 Description
The LM94022/-Q1 device is a precision analog output
CMOS integrated-circuit temperature sensor with
selectable linear negative temperature coefficient
(NTC). A class-AB output structure gives the
LM94022/-Q1 strong output source and sink current
capability for driving heavy transient loads such as
that presented by the input of a sample-and-hold
analog-to-digital converter. The low 5.4-μA supply current and 1.5-V operating voltage of the LM94022/-
Q1 make it ideal for battery-powered systems as well
as general temperature-sensing applications.
The Gain Select 1 (GS1) and Gain Select 0 (GS0)
logic inputs select one of four gains for the
temperature-to-voltage output transfer function: −5.5
mV/°C, −8.2 mV/°C, −10.9 mV/°C, and −13.6 mV/°C.
Selecting –5.5 mV/°C (GS1 and GS0 both tied low),
allows the LM94022/-Q1 to operate down to 1.5-V supply while measuring temperature over the full
range of −50°C to +150°C. Maximum temperature
sensitivity, –13.6 mV/°C, is selected when GS1 and
GS0 are both tied high. The gain-select inputs can be
tied directly to VDD or Ground without any pullup or pulldown resistors, reducing component count and
board area. These inputs can also be driven by logic
signals allowing the system to optimize the gain
during operation or system diagnostics.




Similar Part No. - LM94022

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM94022 NSC-LM94022 Datasheet
964Kb / 16P
1.5V, SC70, Multi-Gain Analog Temperature Sensor with Class-AB Output
logo
Texas Instruments
LM94022 TI-LM94022 Datasheet
1Mb / 28P
1.5-V, SC70, Multi-Gain Analog Temperature Sensor With Class-AB Output
LM94022-Q1 TI-LM94022-Q1 Datasheet
1Mb / 28P
1.5-V, SC70, Multi-Gain Analog Temperature Sensor With Class-AB Output
LM94022-Q1 TI2-LM94022-Q1 Datasheet
1Mb / 33P
LM50-Q1 and LM50HV-Q1 - Automotive (Grade 1, Grade 0), Industry-Standard (10mV/°C) Analog Temperature Sensor with ±2°C or ±3°C Accuracy, in SOT-23 Package
REVISED FEBRUARY 2026
logo
National Semiconductor ...
LM94022BIMG NSC-LM94022BIMG Datasheet
964Kb / 16P
1.5V, SC70, Multi-Gain Analog Temperature Sensor with Class-AB Output
More results


Similar Description - LM94022

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM94022 NSC-LM94022 Datasheet
964Kb / 16P
1.5V, SC70, Multi-Gain Analog Temperature Sensor with Class-AB Output
logo
Texas Instruments
LMT84 TI-LMT84 Datasheet
978Kb / 16P
LMT84/LMT84-Q1 1.5V, SC70, Analog Temperature Sensors with Class-AB Output
LMT85 TI-LMT85 Datasheet
1,020Kb / 16P
LMT85/LMT85-Q1 SC70, Analog Temperature Sensors with Class-AB Output
LMT86 TI-LMT86 Datasheet
1,013Kb / 16P
LMT86/LMT86-Q1 SC70, Analog Temperature Sensors with Class-AB Output
LMT87 TI-LMT87 Datasheet
1,019Kb / 16P
LMT87 LMT87-Q1 SC70 Analog Temperature Sensors with Class-AB Output
LMT84DCKR TI-LMT84DCKR Datasheet
946Kb / 16P
LMT84/LMT84-Q1 1.5V, SC70, Analog Temperature Sensors with Class-AB Output
LMT84-Q1 TI1-LMT84-Q1 Datasheet
978Kb / 16P
LMT84/LMT84-Q1 1.5V, SC70, Analog Temperature Sensors with Class-AB Output
LMT87QDCKRQ1 TI1-LMT87QDCKRQ1 Datasheet
988Kb / 16P
LMT87/LMT87-Q1 SC70, Analog Temperature Sensors with Class-AB Output
LMT86DCKT TI1-LMT86DCKT Datasheet
982Kb / 16P
LMT86/LMT86-Q1 SC70, Analog Temperature Sensors with Class-AB Output
LM94022 TI-LM94022_15 Datasheet
1Mb / 28P
1.5-V, SC70, Multi-Gain Analog Temperature Sensor With Class-AB Output
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com