Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM96063 Datasheet (PDF) - Texas Instruments

LM96063 Datasheet PDF - Texas Instruments
Part # LM96063
Download  LM96063 Download
File Size   871.62 Kbytes
Page   46 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM96063 Remote Diode Digital Temperature Sensor with Integrated Fan Control

LM96063 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM96063 Datasheet PDF - Texas Instruments

Part # LM96063
Download  LM96063 Click to download

File Size   871.62 Kbytes
Page   46 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM96063 Remote Diode Digital Temperature Sensor with Integrated Fan Control

LM96063 Datasheet (HTML) - Texas Instruments


LM96063 Product details

1FEATURES
2• Accurately Senses Remote Diode-Connected
MMBT3904 Transistors or Thermal Diodes On-
Board Processors, FPGAs or ASICs
• Accurately Senses Its Own Local Die
Temperature
• Offset Register can Adjust for a Variety of
Thermal Diodes
• Resolves Remote Temperatures up to
255.875°C
• 10-bit Plus Sign and 11-bit Unsigned Data
Formats, with 1/8°C Resolution
• Digital Filter of Remote Data Lowers Noise and
Improves Resolution to 1/32°C
• Integrated PWM Fan Speed Control Output
Supports High Resolution at 22.5kHz
Frequency for 4-Pin Fans
• Acoustic Fan Noise Reduction with User-
Programmable 12-Step Lookup Table
• LUT Transition Fine Resolution Smoothing
Function
• Tachometer Input for Measuring Fan RPM with
Smart-Tach Modes for Measuring RPM of Fans
when Pulse-Width-Modulating an Actual Power
• ALERT Output for Error Event Notification
• TCRIT Output for Critical Temperature System
Shutdown
• SMBus 2.0 Compatible Interface, Supports
TIMEOUT
• WSON Packages

APPLICATIONS
• Communications Infrastructure FPGA, ASIC or
Processor Thermal Management
• Electronic Test and Office Equipment
• Industrial Controls

DESCRIPTION
The LM96063 is remote diode temperature sensors
with integrated fan control that includes remote diode
sensing. The LM96063 accurately measures: (1) its
own temperature and (2) the temperature of a diode-
connected transistor, such as a 2N3904, or a thermal
diode commonly found on Computer Processors,
Graphics Processor Units (GPU) and other ASIC's.
The LM96063 also features an integrated, pulse-
width-modulated (PWM), open-drain fan control
output. Fan speed is a combination of the remote
temperature reading, the lookup table and register
settings. The 12-step Lookup Table (LUT) enables
the user to program a non-linear fan speed vs.
temperature transfer function often used to quiet
acoustic fan noise. In addition a fully programmable
ramping function has been added to allow smooth
transitions between LUT setpoints.
The LM96063 is targeted mainly for a transistor
MMBT3904 used as thermal diodes or thermal diodes
found in many FPGAs, ASICs, and processors on
SOI processes. The LM96163 is identical to the
LM96063 except the TruTherm BJT Beta compensation is enabled at power up that is targeted
for thermal diodes found on popular processors using
bulk non SOI processes.




Similar Part No. - LM96063

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM96063 TI1-LM96063 Datasheet
495Kb / 44P
LM96063 Remote Diode Digital Temperature Sensor with Integrated Fan Control
LM96063 TI1-LM96063 Datasheet
1Mb / 46P
Remote Diode Digital Temperature Sensor with Integrated Fan Control
LM96063C TI1-LM96063C Datasheet
495Kb / 44P
LM96063 Remote Diode Digital Temperature Sensor with Integrated Fan Control
LM96063CISD/NOPB TI1-LM96063CISD/NOPB Datasheet
1Mb / 46P
Remote Diode Digital Temperature Sensor with Integrated Fan Control
LM96063CISDX/NOPB TI1-LM96063CISDX/NOPB Datasheet
1Mb / 46P
Remote Diode Digital Temperature Sensor with Integrated Fan Control
More results


Similar Description - LM96063

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM64 NSC-LM64 Datasheet
376Kb / 29P
짹1째C Remote Diode Temperature Sensor with PWM Fan Control and 5 GPIO?셲
LM63 NSC-LM63 Datasheet
339Kb / 28P
짹1C/짹3C Accurate Remote Diode Digital Temperature Sensor with Integrated Fan Control
logo
List of Unclassifed Man...
ASC7512 ETC2-ASC7512 Datasheet
343Kb / 35P
DIGITAL TEMPERATURE SENSOR WITH INTEGRATED FAN CONTROL
logo
National Semiconductor ...
LM96163 NSC-LM96163 Datasheet
780Kb / 42P
Remote Diode Digital Temperature Sensor with Integrated Fan Control and TruTherm짰 BJT Transistor Beta Fan Control and TruTherm짰 BJT Transistor Beta
logo
Texas Instruments
LM96063 TI1-LM96063 Datasheet
495Kb / 44P
LM96063 Remote Diode Digital Temperature Sensor with Integrated Fan Control
LM63 TI-LM63 Datasheet
1Mb / 41P
The LM63 is a remote diode temperature sensor with integrated fan control.
LM95245CIMMX TI1-LM95245CIMMX Datasheet
1Mb / 36P
Precision Remote Diode Digital Temperature Sensor
LM63 TI1-LM63_14 Datasheet
1Mb / 41P
Accurate Remote Diode Digital Temperature Sensor
LM96063 TI1-LM96063_14 Datasheet
1Mb / 46P
Remote Diode Digital Temperature Sensor with Integrated Fan Control
LM96163 TI1-LM96163 Datasheet
1Mb / 49P
Remote Diode Digital Temperature Sensor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com