Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM96570 Datasheet (PDF) - Texas Instruments

LM96570 Datasheet PDF - Texas Instruments
Part # LM96570
Download  LM96570 Download
File Size   787.95 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM96570 Ultrasound Configurable Transmit Beamformer

LM96570 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM96570 Datasheet PDF - Texas Instruments

Part # LM96570
Download  LM96570 Click to download

File Size   787.95 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM96570 Ultrasound Configurable Transmit Beamformer

LM96570 Datasheet (HTML) - Texas Instruments


LM96570 Product details

1FEATURES
2• Full Control Over Selecting Beam Directions
and Pulse Patterns by Programming Individual
Channel Parameters
• Outputs Interface Seamlessly with Positive
and Negative Inputs on Octal High-Voltage
Pulser ICs
• Beamformer Timing Provides:
– Delay Resolution of 0.78 ns
– Delay Range of up to 102.4 μs
• Pulse Patterns are Locally Generated with:
– Sequences of up to 64 Pulses
– Adjustable Pulse Widths
• 2.5V to 3.3V CMOS Logic Interface

KEY SPECIFICATIONS
• I/O voltage 2.5 to 3.3 V
• Core supply voltage 1.8 V
• Output pulse rate 80 MHz
• Reference frequency 40 (±5%) MHz
• 1σ Output Jitter (@ 5MHz) 25 ps
• Output Phase Noise (@ 5MHz, 1kHz offset)
−116 dBc/Hz
• Delay resolution 0.78 ns
• Delay range 102.4 μs
• Max. pattern length 64 pulses
• Serial interface speed 80 Mbps
• Total Power 0.063 Watts
• Operating Temp. 0 to +70 °C

APPLICATIONS
• Ultrasound Imaging

DESCRIPTION
The LM96570 is an eight-channel monolithic
beamformer for pulse generators in multi-channel
medical ultrasound applications. It is well-suited for
use with the LM965XX series chipset which offers a
complete medical ultrasound solution targeted
towards low-power, portable systems.
The LM96570 offers eight P and N output channels
with individual delays of up to 102.4 μs operating at
pulse rates of up to 80 MHz. A pulse sequence is
launched on all channels simultaneously through a
single firing signal. Advanced features include delay
resolution down to 0.78 ns and programmable
patterns of up to 64 pulses. Pulse patterns and delay
settings are pre-programmed through a serial
interface, thereby simplifying the timing requirements
on the driving circuitry.
The LM96570 is packaged in a 32-pin WQFN.




Similar Part No. - LM96570

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM96570 TI1-LM96570 Datasheet
622Kb / 32P
LM96570 Ultrasound Configurable Transmit Beamformer
LM96570 TI1-LM96570 Datasheet
1Mb / 33P
Ultrasound Configurable Transmit Beamformer
LM96570SQ TI1-LM96570SQ Datasheet
622Kb / 32P
LM96570 Ultrasound Configurable Transmit Beamformer
LM96570SQE TI1-LM96570SQE Datasheet
622Kb / 32P
LM96570 Ultrasound Configurable Transmit Beamformer
LM96570SQX TI1-LM96570SQX Datasheet
622Kb / 32P
LM96570 Ultrasound Configurable Transmit Beamformer
More results


Similar Description - LM96570

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM96551 TI1-LM96551 Datasheet
1Mb / 14P
Ultrasound Transmit Pulser
LM96550 TI1-LM96550 Datasheet
1Mb / 14P
LM96550 Ultrasound Transmit Pulser
LM96570 TI1-LM96570 Datasheet
622Kb / 32P
LM96570 Ultrasound Configurable Transmit Beamformer
LM96530 TI1-LM96530 Datasheet
391Kb / 16P
Ultrasound Transmit/Receive Switch
LM96530 TI1-LM96530_14 Datasheet
901Kb / 18P
Ultrasound Transmit/Receive Switch
logo
Supertex, Inc
HV7351K6-G SUTEX-HV7351K6-G Datasheet
924Kb / 15P
Eight Channel Programmable High Voltage Ultrasound Transmit Beamformer
logo
Texas Instruments
LM96530 TI1-LM96530_15 Datasheet
900Kb / 18P
Ultrasound Transmit/Receive Switch
LM96550 TI1-LM96550_14 Datasheet
416Kb / 15P
Ultrasound Transmit Pulser
LM96551 TI1-LM96551_16 Datasheet
1Mb / 17P
Ultrasound Transmit Pulser
LM96570 TI1-LM96570_13 Datasheet
1Mb / 33P
Ultrasound Configurable Transmit Beamformer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com