Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC6022 Datasheet (PDF) - Texas Instruments

LMC6022 Datasheet PDF - Texas Instruments
Part # LMC6022
Download  LMC6022 Download
File Size   872.85 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMC6022 Low Power CMOS Dual Operational Amplifier

LMC6022 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMC6022 Datasheet PDF - Texas Instruments

Part # LMC6022
Download  LMC6022 Click to download

File Size   872.85 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMC6022 Low Power CMOS Dual Operational Amplifier

LMC6022 Datasheet (HTML) - Texas Instruments


LMC6022 Product details

1FEATURES
2• Specified for 100 kΩ and 5 kΩ Loads
• High Voltage Gain: 120 dB
• Low Offset Voltage Drift: 2.5 μV/°C
• Ultra Low Input Bias Current: 40 fA
• Input Common-Mode Range Includes V−
• Operating Range from +5V to +15V Supply
• Low Distortion: 0.01% at 1 kHz
• Slew Rate: 0.11 V/μs
• Micropower Operation: 0.5 mW

APPLICATIONS
• High-Impedance Buffer or Preamplifier
• Current-to-Voltage Converter
• Long-Term Integrator
• Sample-and-Hold Circuit
• Peak Detector
• Medical Instrumentation
• Industrial Controls

DESCRIPTION
The LMC6022 is a CMOS dual operational amplifier
which can operate from either a single supply or dual
supplies. Its performance features include an input
common-mode range that reaches V−, low input bias
current, and voltage gain (into 100k and 5 kΩ loads)
that is equal to or better than widely accepted bipolar
equivalents, while the power supply requirement is
less than 0.5 mW.
This chip is built with National's advanced Double-
Poly Silicon-Gate CMOS process.
See the LMC6024 datasheet for a CMOS quad
operational amplifier with these same features.




Similar Part No. - LMC6022

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6022 NSC-LMC6022 Datasheet
339Kb / 16P
Low Power CMOS Dual Operational Amplifier
logo
Texas Instruments
LMC6022 TI-LMC6022 Datasheet
1Mb / 22P
LMC6022 Low Power CMOS Dual Operational Amplifier
logo
National Semiconductor ...
LMC6022IM NSC-LMC6022IM Datasheet
339Kb / 16P
Low Power CMOS Dual Operational Amplifier
logo
Texas Instruments
LMC6022IM TI-LMC6022IM Datasheet
1Mb / 22P
LMC6022 Low Power CMOS Dual Operational Amplifier
LMC6022IM/NOPB TI-LMC6022IM/NOPB Datasheet
1Mb / 22P
LMC6022 Low Power CMOS Dual Operational Amplifier
More results


Similar Description - LMC6022

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6022 NSC-LMC6022 Datasheet
339Kb / 16P
Low Power CMOS Dual Operational Amplifier
LPC662 NSC-LPC662 Datasheet
585Kb / 16P
Low Power CMOS Dual Operational Amplifier
logo
ELM Technology Corporat...
ELM832BW ELM-TECH-ELM832BW Datasheet
119Kb / 10P
CMOS Low power dual operational amplifier
logo
Advanced Linear Devices
ALD2722 ALD-ALD2722_11 Datasheet
110Kb / 13P
DUAL EPAD짰 LOW POWER CMOS OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LPC661 NSC-LPC661_14 Datasheet
363Kb / 17P
Low Power CMOS Operational Amplifier
LPC662 NSC-LPC662_14 Datasheet
644Kb / 20P
Low Power CMOS Dual Operational Amplifier
logo
Texas Instruments
LMC6022IMX TI-LMC6022IMX Datasheet
1Mb / 22P
LMC6022 Low Power CMOS Dual Operational Amplifier
logo
ELM Electronics
ELM832BW ELM-ELM832BW Datasheet
926Kb / 10P
CMOS Low power dual operational amplifier
logo
Texas Instruments
LPC662 TI1-LPC662 Datasheet
644Kb / 20P
LPC662 Low Power CMOS Dual Operational Amplifier
logo
Advanced Linear Devices
ALD2732A ALD-ALD2732A Datasheet
92Kb / 9P
PRECISION DUAL LOW POWER CMOS OPERATIONAL AMPLIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com