Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC6772 Datasheet (PDF) - Texas Instruments

LMC6772 Datasheet PDF - Texas Instruments
Part # LMC6772
Download  LMC6772 Download
File Size   984.02 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output

LMC6772 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMC6772 Datasheet PDF - Texas Instruments

Part # LMC6772
Download  LMC6772 Click to download

File Size   984.02 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output

LMC6772 Datasheet (HTML) - Texas Instruments


LMC6772 Product details

1FEATURES
2(Typical Unless Otherwise Noted)
• Low Power Consumption (Max): IS = 10
μA/comp
• Wide Range of Supply Voltages: 2.7V to 15V
• Rail-to-Rail Input Common Mode Voltage
Range
• Open Drain Output
• Short Circuit Protection: 40 mA
• Propagation Delay (@VS = 5V, 100 mV
Overdrive): 5 μs
• LMC6772Q is AEC-Q Qualified
• LMC6772Q has −40°C to 125°C Temperature
Range

APPLICATIONS
• Laptop Computers
• Mobile Phones
• Metering Systems
• Hand-Held Electronics
• RC Timers
• Alarm and Monitoring Circuits
• Window Comparators, Multivibrators

DESCRIPTION
The LMC6772 is an ultra low power dual comparator
with a maximum 10 μA/comparator power supply
current. It is designed to operate over a wide range of
supply voltages, with a minimum supply voltage of
2.7V.
The common mode voltage range of the LMC6772
exceeds both the positive and negative supply rails, a
significant advantage in single supply applications.
The open drain output of the LMC6772 allows for
wired-OR configurations. The open drain output also
offers the advantage of allowing the output to be
pulled to any voltage rail up to 15V, regardless of the
supply voltage of the LMC6772.
The LMC6772 is targeted for systems where low
power consumption is the critical parameter. Ensured
operation at supply voltages of 2.7V and rail-to-rail
performance makes this comparator ideal for batterypowered
applications.
Refer to the LMC6762 datasheet for a push-pull
output stage version of this device.




Similar Part No. - LMC6772

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6772 NSC-LMC6772 Datasheet
288Kb / 11P
Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
logo
Texas Instruments
LMC6772 TI1-LMC6772 Datasheet
1Mb / 27P
Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
LMC6772 TI-LMC6772 Datasheet
1Mb / 25P
Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
LMC6772-Q1 TI-LMC6772-Q1 Datasheet
1Mb / 25P
Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
logo
National Semiconductor ...
LMC6772AIM NSC-LMC6772AIM Datasheet
288Kb / 11P
Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
More results


Similar Description - LMC6772

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6772 NSC-LMC6772 Datasheet
288Kb / 11P
Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
LMC7221 NSC-LMC7221_06 Datasheet
699Kb / 13P
Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
logo
Texas Instruments
SM72375 TI1-SM72375 Datasheet
1Mb / 14P
SM72375 SolarMagic Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
LMC6772AIMMX_NOPB TI1-LMC6772AIMMX_NOPB Datasheet
1Mb / 25P
Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
LMC6772 TI1-LMC6772 Datasheet
1Mb / 27P
Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
SM72375 TI1-SM72375_14 Datasheet
1Mb / 20P
SM72375 SolarMagic Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
LMC6772 TI-LMC6772_15 Datasheet
1Mb / 25P
Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
SM72375 TI-SM72375_15 Datasheet
1Mb / 19P
SM72375 SolarMagic Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
logo
Global Mixed-mode Techn...
G1335 GMT-G1335 Datasheet
160Kb / 1P
Rail-to-Rail CMOS Comparator with Open-Drain Output
logo
Texas Instruments
SM72375 TI1-SM72375_16 Datasheet
1Mb / 20P
SM72375 SolarMagic Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com