Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC7660 Datasheet (PDF) - Texas Instruments

LMC7660 Datasheet PDF - Texas Instruments
Part # LMC7660
Download  LMC7660 Download
File Size   782.48 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMC7660 Switched Capacitor Voltage Converter

LMC7660 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMC7660 Datasheet PDF - Texas Instruments

Part # LMC7660
Download  LMC7660 Click to download

File Size   782.48 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMC7660 Switched Capacitor Voltage Converter

LMC7660 Datasheet (HTML) - Texas Instruments


LMC7660 Product details

1FEATURES
2• Operation Over Full Temperature and Voltage
Range without an External Diode
• Low Supply Current, 200 μA Max
• Pin-for-pin Replacement for the 7660
• Wide Operating Range 1.5V to 10V
• 97% Voltage Conversion Efficiency
• 95% Power Conversion Efficiency
• Easy to Use, Only 2 External Components
• Extended Temperature Range

DESCRIPTION
The LMC7660 is a CMOS voltage converter capable
of converting a positive voltage in the range of +1.5V
to +10V to the corresponding negative voltage of
−1.5V to −10V. The LMC7660 is a pin-for-pin
replacement for the industry-standard 7660. The
converter features: operation over full temperature
and voltage range without need for an external diode,
low quiescent current, and high power efficiency.
The LMC7660 uses its built-in oscillator to switch 4
power MOS switches and charge two inexpensive
electrolytic capacitors.




Similar Part No. - LMC7660

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC7660 NSC-LMC7660 Datasheet
134Kb / 12P
Switched Capacitor Voltage Converter
LMC7660IM NSC-LMC7660IM Datasheet
134Kb / 12P
Switched Capacitor Voltage Converter
logo
Texas Instruments
LMC7660IM TI1-LMC7660IM Datasheet
1Mb / 19P
LMC7660 Switched Capacitor Voltage Converter
LMC7660IM/NOPB TI1-LMC7660IM/NOPB Datasheet
1Mb / 19P
LMC7660 Switched Capacitor Voltage Converter
LMC7660IMX TI1-LMC7660IMX Datasheet
1Mb / 19P
LMC7660 Switched Capacitor Voltage Converter
More results


Similar Description - LMC7660

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2662 NSC-LM2662 Datasheet
282Kb / 12P
Switched Capacitor Voltage Converter
LM2664 NSC-LM2664 Datasheet
222Kb / 9P
Switched Capacitor Voltage Converter
LM2681 NSC-LM2681 Datasheet
201Kb / 8P
Switched Capacitor Voltage Converter
LM2767 NSC-LM2767 Datasheet
194Kb / 9P
Switched Capacitor Voltage Converter
LM2766 NSC-LM2766 Datasheet
220Kb / 9P
Switched Capacitor Voltage Converter
logo
TelCom Semiconductor, I...
TC828A TELCOM-TC828A Datasheet
67Kb / 8P
Switched Capacitor Voltage Converter
logo
Analog Intergrations Co...
AIC7660 AIC-AIC7660 Datasheet
317Kb / 11P
Switched-Capacitor Voltage Converter
logo
Texas Instruments
LMC7660IMX TI1-LMC7660IMX Datasheet
1Mb / 19P
LMC7660 Switched Capacitor Voltage Converter
156869 TI-156869 Datasheet
653Kb / 9P
Switched Capacitor Voltage Converter
LMC7660 TI-LMC7660_15 Datasheet
1Mb / 19P
LMC7660 Switched Capacitor Voltage Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com