Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LME49723 Datasheet (PDF) - Texas Instruments

LME49723 Datasheet PDF - Texas Instruments
Part # LME49723
Download  LME49723 Download
File Size   946.0 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LME49723 Dual High Fidelity Audio Operational Amplifier

LME49723 Datasheet (PDF)

Go To PDF Page Download Datasheet
LME49723 Datasheet PDF - Texas Instruments

Part # LME49723
Download  LME49723 Click to download

File Size   946.0 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LME49723 Dual High Fidelity Audio Operational Amplifier

LME49723 Datasheet (HTML) - Texas Instruments


LME49723 Product details

1FEATURES
2• Easily Drives 600Ω Loads
• Optimized for Superior Audio Signal Fidelity
• Output Short Circuit Protection
• PSRR and CMRR Exceed 100dB (typ)
• SOIC Package

APPLICATIONS
• High Quality Audio Amplification
• High Fidelity Preamplifiers
• High Fidelity Multimedia
• Phono Pre Amps
• High Performance Professional Audio
• High Fidelity Equalization and Crossover
Networks
• High Performance Line Drivers
• High Performance Line Receivers
• High Fidelity Active Filters

KEY SPECIFICATIONS
• Power Supply Voltage Range: ±2.5 to ±17 V
• THD+N (AV = 1, VOUT = 3VRMS, fIN = 1kHz)
– RL = 2kΩ: 0.0002 % (typ)
– RL = 600Ω: 0.0002 % (typ)
• Input Noise Density: 3.6 nV/√Hz (typ)
• Slew Rate: ±8 V/μs (typ)
• Gain Bandwidth Product: 17 MHz (typ)
• Open Loop Gain (RL = 600Ω): 105 dB (typ)
• Input Bias Current: 200 nA (typ)
• Input Offset Voltage: 0.3 mV (typ)

DESCRIPTION
The LME49723 is part of the ultra-low distortion, low
noise, high slew rate operational amplifier series
optimized and fully specified for high performance,
high fidelity applications. Combining advanced
leading-edge process technology with state-of-the-art
circuit design, the LME49723 audio operational amplifiers deliver superior audio signal amplification
for outstanding audio performance. The LME49723
combines extremely low voltage noise density
(3.6nV/√Hz) with vanishingly low THD+N (0.0002%)
to easily satisfy the most demanding audio
applications. To ensure that the most challenging
loads are driven without compromise, the LME49723
has a high slew rate of ±20V/μs and an output current
capability of ±26mA. Further, dynamic range is
maximized by an output stage that drives 2kΩ loads
to within 1V of either power supply voltage and to
within 1.4V when driving 600Ω loads.
The LME49723's outstanding CMRR (100dB), PSRR
(100dB), and VOS (0.3mV) give the amplifier excellent
operational amplifier DC performance.
The LME49723 has a wide supply range of ±2.5V to
±17V. Over this supply range the LME49723’s input
circuitry maintains excellent common-mode and
power supply rejection, as well as maintaining its low
input bias current. The LME49723 is unity gain
stable.
The LME49723 is available in an 8–lead narrow body
SOIC package. Demonstration boards are available
for each package.




Similar Part No. - LME49723

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LME49723 NSC-LME49723 Datasheet
640Kb / 24P
Dual High Fidelity Audio Operational Amplifier
logo
Texas Instruments
LME49723 TI1-LME49723 Datasheet
1Mb / 26P
Dual High Fidelity Audio Operational Amplifier
logo
National Semiconductor ...
LME49723MA NSC-LME49723MA Datasheet
640Kb / 24P
Dual High Fidelity Audio Operational Amplifier
logo
Texas Instruments
LME49723MA/NOPB TI1-LME49723MA/NOPB Datasheet
1Mb / 26P
Dual High Fidelity Audio Operational Amplifier
LME49723MAX/NOPB TI1-LME49723MAX/NOPB Datasheet
1Mb / 26P
Dual High Fidelity Audio Operational Amplifier
More results


Similar Description - LME49723

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4562 NSC-LM4562 Datasheet
2Mb / 33P
Dual High Performance, High Fidelity Audio Operational Amplifier
LME49723 NSC-LME49723 Datasheet
640Kb / 24P
Dual High Fidelity Audio Operational Amplifier
LME49725 NSC-LME49725 Datasheet
1Mb / 24P
PowerWise Dual High Performance, High Fidelity Audio Operational Amplifier
logo
Texas Instruments
LME49720 TI-LME49720 Datasheet
1Mb / 36P
LME49720 Dual High Performance, High Fidelity Audio Operational Amplifier
LM4562 TI1-LM4562_14 Datasheet
1Mb / 42P
Dual High-Performance, High-Fidelity Audio Operational Amplifier
LME49720 TI1-LME49720_14 Datasheet
1Mb / 40P
Dual High Performance, High Fidelity Audio Operational Amplifier
LME49860 TI1-LME49860_14 Datasheet
1Mb / 40P
44V Dual High Performance, High Fidelity Audio Operational Amplifier
LM4562 TI1-LM4562 Datasheet
1Mb / 41P
LM4562 Dual High-Performance, High-Fidelity Audio Operational Amplifier
LME49722 TI1-LME49722 Datasheet
195Kb / 13P
High Performance, High Fidelity Dual Audio Operational Amplifier
LME49723 TI1-LME49723 Datasheet
1Mb / 26P
Dual High Fidelity Audio Operational Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com