Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH0318 Datasheet (PDF) - Texas Instruments

LMH0318 Datasheet PDF - Texas Instruments
Part # LMH0318
Download  LMH0318 Download
File Size   972.82 Kbytes
Page   59 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMH0318 3 Gbps HD/SD SDI Reclocker with Integrated Cable Driver

LMH0318 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMH0318 Datasheet PDF - Texas Instruments

Part # LMH0318
Download  LMH0318 Click to download

File Size   972.82 Kbytes
Page   59 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMH0318 3 Gbps HD/SD SDI Reclocker with Integrated Cable Driver

LMH0318 Datasheet (HTML) - Texas Instruments


LMH0318 Product details

1 Features
1• Supports ST 424(3G), 292(HD), 259(SD), MADI,
and DVB-ASI
• Locks to rates 2.97 Gbps, 1.485 Gbps, or Divided
by 1.001 sub-rates, and DVB-ASI
• Reference-free Operation with Fast Lock Time
covering all Supported or Selected Data Rates
• 75 Ω and 100 Ω Transmitter Outputs
• Integrated 2:1 Mux Input, 1:2 Demux/Fanout
Outputs
• Automatic Slew Rate Based on Input Rate Detect
• On-chip Eye Monitor
• Low 300 mW Power Consumption With Automatic
Power Down On Loss Of Input Signal
• Programmable via SPI, Or SMBus Interface
• Single 2.5 V Supply Operation
• Small 4 mm × 4 mm 24-pin QFN Package
• -40°C to +85°C Operating Temperature Range
• Footprint compatible with LMH1218 for easy
upgrade to 12G

2 Applications
• SMPTE Compatible Serial Digital Interface (SDI)
• Broadcast Video Routers, Switches, and Monitors
• Digital Video Processing and Editing
• DVB-ASI and Distribution Amplifiers

3 Description
The LMH0318 is a 3 Gbps HD/SD SDI Reclocker with
Integrated Cable Driver designed to drive serial video
data compatible to SMPTE-SDI and DVB-ASI
standards. The clock and data recovery circuit eliminates accumulated jitter and detects the
incoming data rate without requiring an external
reference clock. The integrated driver with 75 ohm
and 50 ohm outputs enables multiple media options
such as coax and FR4 PCB.




Similar Part No. - LMH0318

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH0318 TI1-LMH0318 Datasheet
1Mb / 57P
LMH0318 3 Gbps HD/SD SDI Reclocker with Integrated Cable Driver
LMH0318RTWR TI1-LMH0318RTWR Datasheet
1Mb / 57P
LMH0318 3 Gbps HD/SD SDI Reclocker with Integrated Cable Driver
LMH0318RTWT TI1-LMH0318RTWT Datasheet
1Mb / 57P
LMH0318 3 Gbps HD/SD SDI Reclocker with Integrated Cable Driver
LMH0318 TI1-LMH0318_15 Datasheet
1Mb / 57P
LMH0318 3 Gbps HD/SD SDI Reclocker with Integrated Cable Driver
More results


Similar Description - LMH0318

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH0346 NSC-LMH0346_08 Datasheet
310Kb / 14P
3 Gbps HD/SD SDI Reclocker with Dual Differential Outputs
LMH0303 NSC-LMH0303 Datasheet
292Kb / 14P
3 Gbps HD/SD SDI Cable Driver with Cable Detect
LMH0346_0808 NSC-LMH0346_0808 Datasheet
337Kb / 16P
3 Gbps HD/SD SDI Reclocker with Dual Differential Outputs
LMH0346 NSC-LMH0346_09 Datasheet
374Kb / 16P
3 Gbps HD/SD SDI Reclocker with Dual Differential Outputs
logo
Texas Instruments
LMH0336 TI1-LMH0336 Datasheet
136Kb / 5P
3 Gbps HD/SD SDI Low Power Reclocker
LMH0366 TI1-LMH0366 Datasheet
137Kb / 5P
3 Gbps HD/SD SDI Low Power Reclocker with Integrated Eye Monitor
LMH0346 TI1-LMH0346_14 Datasheet
882Kb / 24P
3 Gbps HD/SD SDI Reclocker with Dual Differential Outputs
LMH0318 TI1-LMH0318_15 Datasheet
1Mb / 57P
LMH0318 3 Gbps HD/SD SDI Reclocker with Integrated Cable Driver
LMH0302 TI1-LMH0302 Datasheet
913Kb / 18P
3-Gbps HD/SD SDI Cable Driver
LMH0366 TI1-LMH0366_13 Datasheet
908Kb / 38P
3 Gbps HD/SD SDI Low Power Reclocker with Integrated Eye Monitor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com