Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH0324 Datasheet (PDF) - Texas Instruments

LMH0324 Datasheet PDF - Texas Instruments
Part # LMH0324
Download  LMH0324 Download
File Size   963.04 Kbytes
Page   40 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMH0324 3G/HD/SD SDI Dual Output Adaptive Cable Equalizer

LMH0324 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMH0324 Datasheet PDF - Texas Instruments

Part # LMH0324
Download  LMH0324 Click to download

File Size   963.04 Kbytes
Page   40 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMH0324 3G/HD/SD SDI Dual Output Adaptive Cable Equalizer

LMH0324 Datasheet (HTML) - Texas Instruments


LMH0324 Product details

1 Features
1• Supports ST 424(3G), ST 292(HD), and ST
259(SD)
• Compatible with DVB-ASI and AES10 (MADI)
• Adaptive Cable Equalizer
• Cable Reach (Belden 1694A):
– 200 m at 2.97 Gbps
– 280 m at 1.485 Gbps
– 600 m at 270 Mbps
• Low Power: 78 mW (typical)
• Power Save Mode: 15 mW
• On-chip Input Termination (75 Ω single-ended)
• Integrated Input Return Loss Network
• Dual 100-Ω Output Drivers With De-Emphasis
• Independent Output Power-Down Control
• Supports Signal Splitter Mode (–6 dB Launch
Amplitude)
• Cable Length Indicator
• Digital MUTEREF Threshold
• Powers from 2.5-V or 1.8-V Supply
• Configurable by Control Pins, SPI, or SMBus
Interface
• 4-mm × 4-mm 24-pin QFN Package
• Operating Temperature Range: –40°C to +85°C

2 Applications
• SMPTE Compatible Serial Digital Interface (SDI)
• Broadcast Video Routers, Switchers, and Monitors
• DVB-ASI and Distribution Amplifiers
• Digital Video Processing and Editing

3 Description
The LMH0324 is a low-power, dual-output, extended
reach adaptive cable equalizer. It is designed to
equalize SDI data transmitted over 75-Ω coax cable.
The equalizer operates over a wide range of data
rates from 125 Mbps to 2.97 Gbps. The equalizer
includes an active sensing circuitry that ensures
robust performance and enhanced immunity to
variations in the input signal launch amplitude.
The LMH0324 provides extended cable reach with
low power consumption. It offers power management
to reduce power consumption further when no input
signal is present.
The LMH0324 has two differential serial data outputs,
which provide flexibility for fan-out buffering. The
output drivers offer programmable de-emphasis to
compensate for board trace losses at the LMH0324
outputs. The operating state of the LMH0324 can be
set via pin control. Additional settings of the device
can be programmed via SPI or SMBus interface.
The LMH0324 is pin-compatible to the LMH1219 (12-
Gbps adaptive cable equalizer with integrated
reclocker). The pin compatibility allows ease of
upgrade from a 3-Gbps equalizer to a 12-Gbps
equalizer with integrated reclocker.




Similar Part No. - LMH0324

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH0324 TI1-LMH0324 Datasheet
723Kb / 9P
3G/HD/SD SDI Dual Output Adaptive Cable Equalizer
LMH0324RTWR TI1-LMH0324RTWR Datasheet
723Kb / 9P
3G/HD/SD SDI Dual Output Adaptive Cable Equalizer
LMH0324RTWT TI1-LMH0324RTWT Datasheet
723Kb / 9P
3G/HD/SD SDI Dual Output Adaptive Cable Equalizer
More results


Similar Description - LMH0324

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH0394 TI1-LMH0394 Datasheet
357Kb / 21P
3G HD/SD SDI Low Power Extended Reach Adaptive Cable Equalizer
LMH0395 TI1-LMH0395 Datasheet
370Kb / 21P
3G HD/SD SDI Dual Output Low Power Extended Reach Adaptive Cable Equalizer
LMH0344SQE TI-LMH0344SQE Datasheet
1Mb / 15P
3 Gbps HD/SD SDI Adaptive Cable Equalizer
logo
Semtech Corporation
GS6042 SEMTECH-GS6042 Datasheet
1,018Kb / 21P
6G UHD-SDI/3G/HD/SD Adaptive Cable Equalizer
logo
M/A-COM Technology Solu...
M21644 MA-COM-M21644 Datasheet
809Kb / 31P
3G/HD/SD-SDI Long Reach Adaptive Cable Equalizer
M21424 MA-COM-M21424 Datasheet
180Kb / 2P
3G/HD/SD-SDI Dual-Output Cable Equalizer
logo
Texas Instruments
LMH0324 TI1-LMH0324 Datasheet
723Kb / 9P
3G/HD/SD SDI Dual Output Adaptive Cable Equalizer
LMH0394 TI1-LMH0394_15 Datasheet
1Mb / 35P
3G HD/SD SDI Low Power Extended Reach Adaptive Cable Equalizer
LMH0395 TI1-LMH0395_15 Datasheet
1Mb / 33P
3G HD/SD SDI Dual Output Low Power Extended Reach Adaptive Cable Equalizer
logo
Semtech Corporation
GS3471 SEMTECH-GS3471 Datasheet
5Mb / 179P
3G, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com