Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH0394 Datasheet (PDF) - Texas Instruments

LMH0394 Datasheet PDF - Texas Instruments
Part # LMH0394
Download  LMH0394 Download
File Size   825.63 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMH0394 3G HD/SD SDI Low Power Extended Reach Adaptive Cable Equalizer

LMH0394 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMH0394 Datasheet PDF - Texas Instruments

Part # LMH0394
Download  LMH0394 Click to download

File Size   825.63 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMH0394 3G HD/SD SDI Low Power Extended Reach Adaptive Cable Equalizer

LMH0394 Datasheet (HTML) - Texas Instruments


LMH0394 Product details

1 Features
1• ST 424, ST 292, ST 344, ST 259, and DVB-ASI
Compliant(1)
• Equalized Cable Lengths (Belden 1694A): 200
Meters at 2.97 Gbps, 220 Meters at 1.485 Gbps,
and 400 Meters at 270 Mbps
• Ultra Low Power Consumption: 115 mW (Normal DVBOperation)
• Power-Save Mode With Auto Sleep Control
(17-mW Typical Power Consumption in Power-
Save Mode)
• Designed for Crosstalk Immunity
• Output De-Emphasis to Compensate for FR4
Board Trace Losses
• Digital and Analog Programmable MUTEREF
Threshold
• Optional SPI Register Access
• Input Data Rates: 125 Mbps to 2.97 Gbps
• Internally Terminated 100-Ω LVDS Outputs With
Programmable Output Common-Mode Voltage
and Swing
• Programmable Launch Amplitude Optimization
• Cable Length Indicator
• Single 2.5-V Supply Operation
• 16-pin WQFN Package
• Industrial Temperature Range: −40°C to +85°C
• Footprint Compatible with the LMH0384 and also
the LMH0344, LMH0044, and LMH0074 in Pin
Mode

2 Applications
• ST 424, ST 292, ST 344, and ST 259 Serial
Digital Interfaces(1)
• Broadcast Video Routers, Switchers, and
Distribution Amplifiers

3 Description
The LMH0394 3-Gbps HD/SD SDI Low Power
Extended Reach Adaptive Cable Equalizer is
designed to equalize data transmitted over cable (or
any media with similar dispersive loss
characteristics). The equalizer operates over a wide
range of data rates from 125 Mbps to 2.97 Gbps and
supports ST 424, ST 292, ST 344, ST 259, and DVBOperation)
ASI standards(1).
The LMH0394 provides extended cable reach with
improved immunity to crosstalk and ultra low power
consumption. The equalizer includes active sensing
circuitry that ensures robust performance and enhanced immunity to variations in the input signal
launch amplitude. The output driver offers
programmable de-emphasis for up to 40” of FR4
trace losses. The LMH0394 includes power
management to further reduce power consumption
when no input signal is present.
The LMH0394 supports two modes of operation. In
pin mode, the LMH0394 operates with control pins to set its operating state, and is footprint compatible with
the LMH0384, LMH0344, and legacy SDI equalizers.
In SPI mode, an optional SPI serial interface can be
used to access and configure multiple LMH0394
devices in a daisy-chain configuration. This allows
users to program the output common-mode voltage and swing, output de-emphasis level, input launch
amplitude, and power management settings. Users
may also access a cable length indicator and all pin
mode features.




Similar Part No. - LMH0394

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH0394 TI1-LMH0394 Datasheet
357Kb / 21P
3G HD/SD SDI Low Power Extended Reach Adaptive Cable Equalizer
LMH0394 TI1-LMH0394 Datasheet
1Mb / 35P
3G HD/SD SDI Low Power Extended Reach Adaptive Cable Equalizer
LMH0394SQ TI1-LMH0394SQ Datasheet
357Kb / 21P
3G HD/SD SDI Low Power Extended Reach Adaptive Cable Equalizer
LMH0394SQ/NOPB TI1-LMH0394SQ/NOPB Datasheet
1Mb / 35P
3G HD/SD SDI Low Power Extended Reach Adaptive Cable Equalizer
LMH0394SQE TI1-LMH0394SQE Datasheet
357Kb / 21P
3G HD/SD SDI Low Power Extended Reach Adaptive Cable Equalizer
More results


Similar Description - LMH0394

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH0384 NSC-LMH0384 Datasheet
402Kb / 16P
3 Gbps HD/SD SDI Extended Reach and Configurable Adaptive Cable Equalizer
logo
Texas Instruments
LMH0394 TI1-LMH0394 Datasheet
357Kb / 21P
3G HD/SD SDI Low Power Extended Reach Adaptive Cable Equalizer
LMH0395 TI1-LMH0395 Datasheet
370Kb / 21P
3G HD/SD SDI Dual Output Low Power Extended Reach Adaptive Cable Equalizer
logo
Semtech Corporation
GS3440 SEMTECH-GS3440 Datasheet
1Mb / 23P
Extended Reach 3G/HD/SD Adaptive Cable Equalizer
GS3441 SEMTECH-GS3441 Datasheet
1Mb / 25P
Extended Reach 3G/HD/SD Adaptive Cable Equalizer with Dual Outputs
GS6042 SEMTECH-GS6042 Datasheet
1,018Kb / 21P
6G UHD-SDI/3G/HD/SD Adaptive Cable Equalizer
logo
M/A-COM Technology Solu...
M21644 MA-COM-M21644 Datasheet
809Kb / 31P
3G/HD/SD-SDI Long Reach Adaptive Cable Equalizer
logo
Texas Instruments
LMH0324 TI1-LMH0324 Datasheet
723Kb / 9P
3G/HD/SD SDI Dual Output Adaptive Cable Equalizer
LMH0394 TI1-LMH0394_15 Datasheet
1Mb / 35P
3G HD/SD SDI Low Power Extended Reach Adaptive Cable Equalizer
LMH0395 TI1-LMH0395_15 Datasheet
1Mb / 33P
3G HD/SD SDI Dual Output Low Power Extended Reach Adaptive Cable Equalizer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com