Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH0395 Datasheet (PDF) - Texas Instruments

LMH0395 Datasheet PDF - Texas Instruments
Part # LMH0395
Download  LMH0395 Download
File Size   913.84 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMH0395 3G HD/SD SDI Dual Output Low Power Extended Reach Adaptive Cable Equalizer

LMH0395 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMH0395 Datasheet PDF - Texas Instruments

Part # LMH0395
Download  LMH0395 Click to download

File Size   913.84 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMH0395 3G HD/SD SDI Dual Output Low Power Extended Reach Adaptive Cable Equalizer

LMH0395 Datasheet (HTML) - Texas Instruments


LMH0395 Product details

1 Features
1• ST 424, ST 292, ST 344, ST 259, and DVB-ASI
Compliant(1)
• Equalized Cable Lengths (Belden 1694A): 200
Meters at 2.97 Gbps, 220 Meters at 1.485 Gbps,
and 400 Meters at 270 Mbps
• Ultra-low Power Consumption: 140 mW (Dual
Outputs), 115 mW (Single Output)
• Dual Differential Outputs; Second Output Can Be
Independently Powered Down
• Power-Save Mode With Auto Sleep Control (17-
mW Typical Power Consumption in Power-Save
Mode)
• Designed for Crosstalk Immunity
• Output De-Emphasis to Compensate for FR4
Board Trace Losses
• Digital and Analog Programmable MUTEREF
Threshold
• Optional SPI Register Access and Pin Mode
Operation
• Input Data Rates: 125 Mbps to 2.97 Gbps
• Internally Terminated 100-Ω LVDS Outputs With
Programmable Output Common-Mode Voltage
and Swing
• Programmable Launch Amplitude Optimization
• Cable Length Indicator
• Single 2.5-V Supply Operation
• 24-Pin WQFN Package
• Industrial Temperature Range: −40°C to +85°C

2 Applications
• ST 424, ST 292, ST 344, and ST 259 Serial
Digital Interfaces(1)
• Broadcast Video Routers, Switchers, and
Distribution Amplifiers

3 Description
The LMH0395 3-Gbps HD/SD SDI Dual Output Low
Power Extended Reach Adaptive Cable Equalizer is
designed to equalize data transmitted over cable (or
any media with similar dispersive loss
characteristics). The equalizer operates over a wide
range of data rates from 125 Mbps to 2.97 Gbps and
supports ST 424, ST 292, ST 344, ST 259, and DVBASI
standards.
The LMH0395 device provides extended cable reach
with improved immunity to crosstalk and ultra low
power consumption. The equalizer includes active
sensing circuitry that ensures robust performance and
enhanced immunity to variations in the input signal
launch amplitude. The LMH0395 offers power
management to further reduce power consumption
when no input signal is present.
The LMH0395 has two differential serial data outputs,
increasing flexibility and eliminating the need for a
fanout buffer on the output in many applications. The
outputs may be independently enabled and
controlled. The output drivers offer programmable deemphasis
for up to 40 inches of FR4 trace losses.
The LMH0395 supports two modes of operation. In
pin mode, the LMH0395 operates with control pins to
set its operating state. In SPI mode, an optional SPI
serial interface can be used to access and configure
multiple LMH0395 devices in a daisy-chain
configuration.




Similar Part No. - LMH0395

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH0395 TI1-LMH0395 Datasheet
370Kb / 21P
3G HD/SD SDI Dual Output Low Power Extended Reach Adaptive Cable Equalizer
LMH0395 TI1-LMH0395 Datasheet
1Mb / 33P
3G HD/SD SDI Dual Output Low Power Extended Reach Adaptive Cable Equalizer
LMH0395QX TI1-LMH0395QX Datasheet
370Kb / 21P
3G HD/SD SDI Dual Output Low Power Extended Reach Adaptive Cable Equalizer
LMH0395SQ TI1-LMH0395SQ Datasheet
370Kb / 21P
3G HD/SD SDI Dual Output Low Power Extended Reach Adaptive Cable Equalizer
LMH0395SQ/NOPB TI1-LMH0395SQ/NOPB Datasheet
1Mb / 33P
3G HD/SD SDI Dual Output Low Power Extended Reach Adaptive Cable Equalizer
More results


Similar Description - LMH0395

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH0384 NSC-LMH0384 Datasheet
402Kb / 16P
3 Gbps HD/SD SDI Extended Reach and Configurable Adaptive Cable Equalizer
logo
Texas Instruments
LMH0394 TI1-LMH0394 Datasheet
357Kb / 21P
3G HD/SD SDI Low Power Extended Reach Adaptive Cable Equalizer
LMH0395 TI1-LMH0395 Datasheet
370Kb / 21P
3G HD/SD SDI Dual Output Low Power Extended Reach Adaptive Cable Equalizer
logo
Semtech Corporation
GS3440 SEMTECH-GS3440 Datasheet
1Mb / 23P
Extended Reach 3G/HD/SD Adaptive Cable Equalizer
GS3441 SEMTECH-GS3441 Datasheet
1Mb / 25P
Extended Reach 3G/HD/SD Adaptive Cable Equalizer with Dual Outputs
logo
M/A-COM Technology Solu...
M21644 MA-COM-M21644 Datasheet
809Kb / 31P
3G/HD/SD-SDI Long Reach Adaptive Cable Equalizer
M21424 MA-COM-M21424 Datasheet
180Kb / 2P
3G/HD/SD-SDI Dual-Output Cable Equalizer
logo
Texas Instruments
LMH0324 TI1-LMH0324 Datasheet
723Kb / 9P
3G/HD/SD SDI Dual Output Adaptive Cable Equalizer
LMH0394 TI1-LMH0394_15 Datasheet
1Mb / 35P
3G HD/SD SDI Low Power Extended Reach Adaptive Cable Equalizer
LMH0395 TI1-LMH0395_15 Datasheet
1Mb / 33P
3G HD/SD SDI Dual Output Low Power Extended Reach Adaptive Cable Equalizer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com