Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH1981 Datasheet (PDF) - Texas Instruments

LMH1981 Datasheet PDF - Texas Instruments
Part # LMH1981
Download  LMH1981 Download
File Size   922.92 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMH1981 Multi-Format Video Sync Separator

LMH1981 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMH1981 Datasheet PDF - Texas Instruments

Part # LMH1981
Download  LMH1981 Click to download

File Size   922.92 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMH1981 Multi-Format Video Sync Separator

LMH1981 Datasheet (HTML) - Texas Instruments


LMH1981 Product details

1FEATURES
2• Standard Analog Video Sync Separation for
NTSC, PAL, 480I/P, 576I/P, 720P, and
1080I/P/PsF from Composite Video (CVBS),
S-Video (Y/C), and Component Video
(YPBPR/GBR) Interfaces
• Bi-Level & Tri-Level Sync Compatible
• Composite, Horizontal, and Vertical Sync
Outputs
• Burst/Back Porch Timing, Odd/Even Field, and
Video Format Outputs
• Superior Jitter Performance on Leading Edge
of HSync
• Automatic Video Format Detection
• 50% Sync Slicing for Video Inputs from 0.5 VPP
to 2 VPP
• 3.3V to 5V Supply Operation

APPLICATIONS
• Broadcast and Professional Video Equipment
• HDTV/DTV Systems
• Genlock Circuits
• Video Capture Devices
• Set-Top Boxes (STB) & Digital Video
Recorders (DVR)
• Video Displays

DESCRIPTION
The LMH1981 is a high performance multi-format
sync separator ideal for use in a wide range of video
applications, such as broadcast and professional
video equipment and HDTV/DTV systems.
The input accepts standard analog SD/ED/HD video
signals with either bi-level or tri-level sync, and the
outputs provide all of the critical timing signals in
CMOS logic, which swing from rail-to-rail (VCC and
GND) including Composite, Horizontal, and Vertical
Syncs, Burst/Back Porch Timing, Odd/Even Field,
and Video Format Outputs. HSync features very low
jitter on its leading (falling) edge, minimizing external circuitry needed to clean and reduce jitter in
subsequent clock generation stages.
The LMH1981 automatically detects the input video
format, eliminating the need for programming using a
microcontroller, and applies precise 50% sync slicing
to ensure accurate sync extraction at OH, even for
inputs with irregular amplitude from improper
termination or transmission loss. Its unique Video
Format Output conveys the total horizontal line count
per field as an 11-bit binary serial data stream, which
can be decoded by the video system to determine the
input video format and enable dynamic adjustment of
system parameters, i.e.: color space or scaler
conversions. The LMH1981 is available in a 14-pin
TSSOP package and operates over a temperature
range of −40°C to +85°C.




Similar Part No. - LMH1981

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH1981 NSC-LMH1981 Datasheet
679Kb / 13P
Multi-Format Video Sync Separator
LMH1981 NSC-LMH1981 Datasheet
1Mb / 16P
Multi-Format Video Sync Separator
logo
Texas Instruments
LMH1981 TI1-LMH1981 Datasheet
1Mb / 24P
Multi-Format Video Sync Separator
logo
National Semiconductor ...
LMH1981MT NSC-LMH1981MT Datasheet
679Kb / 13P
Multi-Format Video Sync Separator
LMH1981MT NSC-LMH1981MT Datasheet
1Mb / 16P
Multi-Format Video Sync Separator
More results


Similar Description - LMH1981

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1881 NSC-LM1881 Datasheet
303Kb / 12P
LM1881 Video Sync Separator
LMH1981 NSC-LMH1981 Datasheet
679Kb / 13P
Multi-Format Video Sync Separator
LM1881 NSC-LM1881_06 Datasheet
687Kb / 12P
Video Sync Separator
LMH1981 NSC-LMH1981_07 Datasheet
1Mb / 16P
Multi-Format Video Sync Separator
logo
Intersil Corporation
ISL59450 INTERSIL-ISL59450 Datasheet
2Mb / 37P
Multiformat Video Crosspoint with Integrated Sync Separator
February 14, 2008
EL4511 INTERSIL-EL4511_10 Datasheet
645Kb / 24P
Super Sync Separator
November 12, 2010
logo
Asahi Kasei Microsystem...
AK8854VQ AKM-AK8854VQ Datasheet
1Mb / 95P
Multi-Format Digital Video Decoder
logo
Texas Instruments
LM1881MX TI1-LM1881MX Datasheet
1Mb / 18P
Video Sync Separator
LMH1981 TI1-LMH1981 Datasheet
1Mb / 24P
Multi-Format Video Sync Separator
logo
Renesas Technology Corp
ISL59450 RENESAS-ISL59450 Datasheet
2Mb / 37P
Multiformat Video Crosspoint with Integrated Sync Separator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com