Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6522 Datasheet (PDF) - Texas Instruments

LMH6522 Datasheet PDF - Texas Instruments
Part # LMH6522
Download  LMH6522 Download
File Size   985.43 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMH6522 High Performance Quad DVGA

LMH6522 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMH6522 Datasheet PDF - Texas Instruments

Part # LMH6522
Download  LMH6522 Click to download

File Size   985.43 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMH6522 High Performance Quad DVGA

LMH6522 Datasheet (HTML) - Texas Instruments


LMH6522 Product details

1FEATURES
23• OIP3: 49dBm @ 200MHz
• Noise Figure: 8.5dB
• Voltage Gain: 26dB
• 1dB Gain Steps
• −3dB Bandwidth of 1400 MHz
• Gain Step Accuracy: 0.2 dB
• Disable Function for Each Channel
• Parallel and Serial Gain Control
• Low Power Mode for Power Management
Flexibility
• Small Footprint WQFN Package

APPLICATIONS
• Cellular Base Stations
• Wideband and Narrowband IF Sampling
Receivers
• Wideband Direct Conversion
• ADC Driver

DESCRIPTION
The LMH6522 contains four, high performance,
digitally controlled variable gain amplifiers (DVGA). It
has been designed for use in narrowband and
broadband IF sampling applications. Typically, the
LMH6522 drives a high performance ADC in a broad
range of mixed signal and digital communication
applications such as mobile radio and cellular base
stations where automatic gain control (AGC) is
required to increase system dynamic range.
Each channel of LMH6522 has an independent,
digitally controlled attenuator and a high linearity,
differential output, amplifier. All circuitry has been
optimized for low distortion and maximum system
design flexibility. Power consumption is managed by
a three-state enable pin. Individual channels can be disabled or placed into a Low Power Mode or a
higher performance, High Power Mode.
The LMH6522 digitally controlled attenuator provides
precise 1dB gain steps over a 31dB range. The digital
attenuator can be controlled by either a SPI™ Serial
bus or a high speed parallel bus.
The output amplifier has a differential output, allowing
large signal swings on a single 5V supply. The low
impedance output provides maximum flexibility when
driving a wide range filter designs or analog to digital converters. For applications which have very large
changes in signal level LMH6522 can support up to
62dB of gain range by cascading channels.
The LMH6522 operates over the industrial
temperature range of −40°C to +85°C. The LMH6522
is available in a 54-Pin, thermally enhanced, WQFN package.




Similar Part No. - LMH6522

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6522 TI1-LMH6522 Datasheet
682Kb / 30P
High Performance Quad DVGA
LMH6522 TI-LMH6522 Datasheet
1Mb / 34P
High Performance Quad DVGA
LMH6522SQ TI1-LMH6522SQ Datasheet
682Kb / 30P
High Performance Quad DVGA
LMH6522SQ/NOPB TI-LMH6522SQ/NOPB Datasheet
1Mb / 34P
High Performance Quad DVGA
LMH6522SQE TI1-LMH6522SQE Datasheet
682Kb / 30P
High Performance Quad DVGA
More results


Similar Description - LMH6522

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA6339 SANYO-LA6339_08 Datasheet
293Kb / 5P
High-Performance Quad Comparator
LA6339M SANYO-LA6339M_08 Datasheet
207Kb / 5P
High-Performance Quad Comparator
logo
Texas Instruments
LMH6521 TI1-LMH6521 Datasheet
418Kb / 24P
LMH6521 High Performance Dual DVGA
LMH6522 TI1-LMH6522 Datasheet
682Kb / 30P
High Performance Quad DVGA
LMH6523 TI-LMH6523 Datasheet
1Mb / 31P
High Performance Quad DVGA
LMH6521 TI1-LMH6521_14 Datasheet
1Mb / 28P
High Performance Dual DVGA
LMH6521 TI-LMH6521_15 Datasheet
1Mb / 29P
High Performance Dual DVGA
LMH6522 TI-LMH6522_15 Datasheet
1Mb / 34P
High Performance Quad DVGA
LMH6523 TI-LMH6523_15 Datasheet
1Mb / 33P
High Performance Quad DVGA
LMH6521 TI1-LMH6521_16 Datasheet
1Mb / 29P
High Performance Dual DVGA
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com