Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6570 Datasheet (PDF) - Texas Instruments

LMH6570 Datasheet PDF - Texas Instruments
Part # LMH6570
Download  LMH6570 Download
File Size   845.36 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMH6570 2:1 High Speed Video Multiplexer

LMH6570 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMH6570 Datasheet PDF - Texas Instruments

Part # LMH6570
Download  LMH6570 Click to download

File Size   845.36 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMH6570 2:1 High Speed Video Multiplexer

LMH6570 Datasheet (HTML) - Texas Instruments


LMH6570 Product details

1 Features
1• 500 MHz, 500 mVPP, −3 dB Bandwidth, AV=2
• 400 MHz, 2V PP, −3 dB Bandwidth, AV=2
• 8 ns Channel Switching Time
• 70 dB Channel to Channel Isolation @ 10 MHz
• 0.02%, 0.05° Diff. Gain, Diff. Phase
• 0.1 dB Gain Flatness to 150 MHz
• 2200 V/μs Slew Rate
• Wide Supply Voltage Range: 6 V (±3 V) to 12 V
(±6 V)
• −68 dB HD2 @ 5 MHz
• −84 dB HD3 @ 5 MHz

2 Applications
• Video Router
• Multi Input Video Monitor
• Instrumentation / Test Equipment
• Receiver IF Diversity Switch
• Multi Channel A/D Driver
• Picture in Picture Video Switch

3 Description
The LMH6570 is a high performance analog
multiplexer optimized for professional grade video
and other high fidelity, high bandwidth analog
applications. The output amplifier selects one of two
buffered input signals based on the state of the SEL
pin. The LMH6570 provides a 400 MHz bandwidth at 2-VPP output signal levels. Multimedia and high
definition television (HDTV) applications can benefit
from the 0.1-dB bandwidth of 150 MHz and the 2200-
V/μs slew rate of LMH6570.
The LMH6570 supports composite video applications
with its 0.02% and 0.05° differential gain and phase
errors for NTSC and PAL video signals while driving a single, back terminated 75-Ω load. An 80-mA linear
output current is available for driving multiple video load applications.
The LMH6570 gain is set by external feedback and
gain set resistors for maximum flexibility.
The LMH6570 is available in the 8-pin SOIC
package.




Similar Part No. - LMH6570

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6570 NSC-LMH6570 Datasheet
831Kb / 14P
2:1 High Speed Video Multiplexer
logo
Texas Instruments
LMH6570 TI1-LMH6570 Datasheet
1Mb / 26P
LMH6570 2:1 High Speed Video Multiplexer
logo
National Semiconductor ...
LMH6570MA NSC-LMH6570MA Datasheet
831Kb / 14P
2:1 High Speed Video Multiplexer
logo
Texas Instruments
LMH6570MA/NOPB TI1-LMH6570MA/NOPB Datasheet
1Mb / 26P
LMH6570 2:1 High Speed Video Multiplexer
logo
National Semiconductor ...
LMH6570MAX NSC-LMH6570MAX Datasheet
831Kb / 14P
2:1 High Speed Video Multiplexer
More results


Similar Description - LMH6570

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6572 NSC-LMH6572 Datasheet
409Kb / 12P
Triple 2:1 High Speed Video Multiplexer
LMH6574 NSC-LMH6574 Datasheet
860Kb / 15P
4:1 High Speed Video Multiplexer
LMH6570 NSC-LMH6570 Datasheet
831Kb / 14P
2:1 High Speed Video Multiplexer
logo
Texas Instruments
OPA875 TI-OPA875 Datasheet
659Kb / 18P
Single 2:1 High-Speed Video Multiplexer
logo
Burr-Brown (TI)
OPA3875 BURR-BROWN-OPA3875 Datasheet
614Kb / 22P
Triple 2:1 High-Speed Video Multiplexer
OPA875 BURR-BROWN-OPA875 Datasheet
688Kb / 21P
Single 2:1 High-Speed Video Multiplexer
logo
National Semiconductor ...
LMH6572 NSC-LMH6572_05 Datasheet
792Kb / 12P
Triple 2:1 High Speed Video Multiplexer
LMH6574 NSC-LMH6574_05 Datasheet
857Kb / 14P
4:1 High Speed Video Multiplexer
logo
Texas Instruments
LMH6570 TI1-LMH6570 Datasheet
1Mb / 26P
LMH6570 2:1 High Speed Video Multiplexer
LMH6572 TI1-LMH6572 Datasheet
1Mb / 20P
LMH6572 Triple 2:1 High Speed Video Multiplexer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com