Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6572 Datasheet (PDF) - Texas Instruments

LMH6572 Datasheet PDF - Texas Instruments
Part # LMH6572
Download  LMH6572 Download
File Size   900.29 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMH6572 Triple 2:1 High Speed Video Multiplexer

LMH6572 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMH6572 Datasheet PDF - Texas Instruments

Part # LMH6572
Download  LMH6572 Click to download

File Size   900.29 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMH6572 Triple 2:1 High Speed Video Multiplexer

LMH6572 Datasheet (HTML) - Texas Instruments


LMH6572 Product details

1 Features
1• 350-MHz, 250-mV, −3-dB Bandwidth
• 290-MHz, 2-VPP, −3-dB Bandwidth
• 10-ns Channel Switching Time
• 90-dB Channel to Channel Isolation at 5 MHz
• 0.02%, 0.02° Diff. Gain, Phase
• 0.1-dB Gain Flatness to 140 MHz
• 1400-V/μs Slew Rate
• Wide Supply Voltage Range:
6 V (±3 V) to 12 V (±6 V)
• −78-dB HD2 at 10 MHz
• −75-dB HD3 at 10 MHz

2 Applications
• RGB Video Router
• Multi Input Video Monitor
• Fault Tolerant Data Switch

3 Description
The LMH6572 is a high performance analog
multiplexer optimized for professional grade video
and other high fidelity, high bandwidth analog
applications. The LMH6572 provides a 290-MHz
bandwidth at 2-VPP output signal levels. The 140 MHz
of 0.1-dB bandwidth and a 1500-V/μs slew rate make
this part suitable for high definition television (HDTV)
and high resolution multimedia video applications.
The LMH6572 supports composite video applications
with its 0.02% and 0.02° differential gain and phase
errors for NTSC and PAL video signals while driving
a single, back terminated 75-Ω load. The LM6572
can deliver 80-mA linear output current for driving
multiple video load applications.
The LMH6572 has an internal gain of 2 V/V (+6 dBv)
for driving back terminated transmission lines at a net
gain of 1 V/V (0 dBv).
The LMH6572 is available in the SSOP package.




Similar Part No. - LMH6572

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6572 NSC-LMH6572 Datasheet
409Kb / 12P
Triple 2:1 High Speed Video Multiplexer
LMH6572 NSC-LMH6572 Datasheet
792Kb / 12P
Triple 2:1 High Speed Video Multiplexer
logo
Texas Instruments
LMH6572 TI1-LMH6572 Datasheet
1Mb / 20P
LMH6572 Triple 2:1 High Speed Video Multiplexer
logo
National Semiconductor ...
LMH6572MQ NSC-LMH6572MQ Datasheet
409Kb / 12P
Triple 2:1 High Speed Video Multiplexer
LMH6572MQ NSC-LMH6572MQ Datasheet
792Kb / 12P
Triple 2:1 High Speed Video Multiplexer
More results


Similar Description - LMH6572

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6572 NSC-LMH6572 Datasheet
409Kb / 12P
Triple 2:1 High Speed Video Multiplexer
LMH6570 NSC-LMH6570 Datasheet
831Kb / 14P
2:1 High Speed Video Multiplexer
logo
Texas Instruments
OPA875 TI-OPA875 Datasheet
659Kb / 18P
Single 2:1 High-Speed Video Multiplexer
logo
Burr-Brown (TI)
OPA3875 BURR-BROWN-OPA3875 Datasheet
614Kb / 22P
Triple 2:1 High-Speed Video Multiplexer
OPA875 BURR-BROWN-OPA875 Datasheet
688Kb / 21P
Single 2:1 High-Speed Video Multiplexer
logo
Fairchild Semiconductor
FHP3392 FAIRCHILD-FHP3392 Datasheet
462Kb / 7P
Fixed-Gain, 짹5V, Triple 2:1, High-Speed Video Multiplexer
logo
National Semiconductor ...
LMH6572 NSC-LMH6572_05 Datasheet
792Kb / 12P
Triple 2:1 High Speed Video Multiplexer
LMH6574 NSC-LMH6574_05 Datasheet
857Kb / 14P
4:1 High Speed Video Multiplexer
logo
Texas Instruments
LMH6570 TI1-LMH6570 Datasheet
1Mb / 26P
LMH6570 2:1 High Speed Video Multiplexer
LMH6572 TI1-LMH6572 Datasheet
1Mb / 20P
LMH6572 Triple 2:1 High Speed Video Multiplexer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com