Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6574 Datasheet (PDF) - Texas Instruments

LMH6574 Datasheet PDF - Texas Instruments
Part # LMH6574
Download  LMH6574 Download
File Size   845.92 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMH6574 4:1 High Speed Video Multiplexer

LMH6574 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMH6574 Datasheet PDF - Texas Instruments

Part # LMH6574
Download  LMH6574 Click to download

File Size   845.92 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMH6574 4:1 High Speed Video Multiplexer

LMH6574 Datasheet (HTML) - Texas Instruments


LMH6574 Product details

1 Features
1• 500 MHz, 500 mV −3 dB Bandwidth, AV = 2
• 400 MHz, 2 VPP −3 dB Bandwidth, AV = 2
• 8 ns Channel Switching Time
• 70 dB Channel to Channel Isolation at 10 MHz
• 0.02%, 0.05° Diff. Gain, Phase
• 0.1 dB Gain Flatness to 150 MHz
• 2200 V/μs Slew Rate
• Wide Supply Voltage Range: 6 V (±3 V) to 12 V
(±6 V)
• −68 dB HD2 at 5 MHz
• −84 dB HD3 at 5 MHz

2 Applications
• Video Router
• Multi Input Video Monitor
• Instrumentation / Test Equipment
• Receiver IF Diversity Switch
• Multi Channel A/D Driver
• Picture in Picture Video Switch

3 Description
The LMH6574 is a high-performance analog
multiplexer optimized for professional grade video
and other high fidelity high bandwidth analog
applications. The output amplifier selects any one of
four buffered input signals based on the state of the
two address bits. The LMH6574 provides a 400-MHz
bandwidth at 2 VPP output signal levels. Multimedia
and high definition television (HDTV) applications can
benefit from the LMH6574 0.1 dB bandwidth of 150
MHz and its 2200 V/μs slew rate.
The LMH6574 supports composite video applications
with its 0.02% and 0.05° differential gain and phase
errors for NTSC and PAL video signals while driving
a single, back terminated 75-Ω load. An 80-mA linear
output current is available for driving multiple video
load applications.
The LMH6574 gain is set by external feedback and
gain set resistors for maximum flexibility.
The LMH6574 is available in the 14-pin SOIC
package.




Similar Part No. - LMH6574

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6574 NSC-LMH6574 Datasheet
860Kb / 15P
4:1 High Speed Video Multiplexer
LMH6574 NSC-LMH6574 Datasheet
857Kb / 14P
4:1 High Speed Video Multiplexer
logo
Texas Instruments
LMH6574 TI1-LMH6574 Datasheet
1Mb / 27P
LMH6574 4:1 High Speed Video Multiplexer
logo
National Semiconductor ...
LMH6574MA NSC-LMH6574MA Datasheet
860Kb / 15P
4:1 High Speed Video Multiplexer
LMH6574MA NSC-LMH6574MA Datasheet
857Kb / 14P
4:1 High Speed Video Multiplexer
More results


Similar Description - LMH6574

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6572 NSC-LMH6572 Datasheet
409Kb / 12P
Triple 2:1 High Speed Video Multiplexer
LMH6574 NSC-LMH6574 Datasheet
860Kb / 15P
4:1 High Speed Video Multiplexer
LMH6570 NSC-LMH6570 Datasheet
831Kb / 14P
2:1 High Speed Video Multiplexer
logo
Texas Instruments
OPA875 TI-OPA875 Datasheet
659Kb / 18P
Single 2:1 High-Speed Video Multiplexer
logo
Burr-Brown (TI)
OPA3875 BURR-BROWN-OPA3875 Datasheet
614Kb / 22P
Triple 2:1 High-Speed Video Multiplexer
OPA875 BURR-BROWN-OPA875 Datasheet
688Kb / 21P
Single 2:1 High-Speed Video Multiplexer
logo
National Semiconductor ...
LMH6572 NSC-LMH6572_05 Datasheet
792Kb / 12P
Triple 2:1 High Speed Video Multiplexer
LMH6574 NSC-LMH6574_05 Datasheet
857Kb / 14P
4:1 High Speed Video Multiplexer
logo
Texas Instruments
LMH6570 TI1-LMH6570 Datasheet
1Mb / 26P
LMH6570 2:1 High Speed Video Multiplexer
LMH6574 TI1-LMH6574 Datasheet
1Mb / 27P
LMH6574 4:1 High Speed Video Multiplexer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com