Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6580 Datasheet (PDF) - Texas Instruments

LMH6580 Datasheet PDF - Texas Instruments
Part # LMH6580
Download  LMH6580 Download
File Size   827.57 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMH6580/LMH6581 8x4 500 MHz Analog Crosspoint Switch, Gain of 1,

LMH6580 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMH6580 Datasheet PDF - Texas Instruments

Part # LMH6580
Download  LMH6580 Click to download

File Size   827.57 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMH6580/LMH6581 8x4 500 MHz Analog Crosspoint Switch, Gain of 1,

LMH6580 Datasheet (HTML) - Texas Instruments


LMH6580 Product details

1FEATURES
23• 8 Inputs and 4 Outputs
• 48-pin TQFP Package
• −3 dB Bandwidth (VOUT = 2 VPP, RL = 1 kΩ)
500 MHz
• −3 dB Bandwidth (V OUT = 2 VPP, RL = 150Ω)
450 MHz
• Fast Slew Rate 2100 V/μs
• Channel to Channel Crosstalk (10/100 MHz)
−70/ −52 dBc
• All Hostile Crosstalk (10/100 MHz) −55/−45 dBc
• Easy to Use Serial Programming 4 Wire Bus
• Two Programming Modes Serial & Addressed
Modes
• Symmetrical Pinout Facilitates Expansion.
• Output Current ±70 mA
• Two Gain Options AV = 1 or AV = 2

APPLICATIONS
• Studio Monitoring/Production Video Systems
• Conference Room Multimedia Video Systems
• KVM (Keyboard Video Mouse) Systems
• Security/Surveillance Systems
• Multi-Antenna Diversity Radio
• Video Test Equipment
• Medical Imaging
• Wide-Band Routers & Switches

DESCRIPTION
The LMH™ family of products is joined by the
LMH6580 and the LMH6581, high speed, non-
blocking, analog, crosspoint switches. The
LMH6580/LMH6581 are designed for high speed, DC
coupled, analog signals such as high resolution video
(UXGA and higher). The LMH6580/LMH6581 each
has eight inputs and four outputs. The non-blocking
architecture allows any output to be connected to any
input, including an input that is already selected. With
fully buffered inputs the LMH6580/LMH6581 can be
impedance matched to nearly any source impedance.
The buffered outputs of the LMH6580/LMH6581 can
drive up to two back terminated video loads (75Ω
load). The outputs and inputs also feature high
impedance inactive states allowing high performance
input and output expansion for array sizes such as 8
x 8 or 16 x 4 by combining two devices. The
LMH6580/LMH6581 are controlled with a 4 pin serial
interface that can be configured as a 3 wire interface.
Both serial mode and addressed modes are
available.
The LMH6580/LMH6581 come in 48-pin TQFP
packages. They also have diagonally symmetrical pin
assignments to facilitate double sided board layouts
and easy pin connections for expansion.




Similar Part No. - LMH6580

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6580 NSC-LMH6580 Datasheet
687Kb / 24P
8x4 500MHz Analog Crosspoint Switch, Gain of 1, Gain of 2
logo
Texas Instruments
LMH6580 TI1-LMH6580 Datasheet
594Kb / 30P
8x4 500 MHz Analog Crosspoint Switch, Gain of 1,Gain of 2
logo
National Semiconductor ...
LMH6580VS NSC-LMH6580VS Datasheet
687Kb / 24P
8x4 500MHz Analog Crosspoint Switch, Gain of 1, Gain of 2
logo
Texas Instruments
LMH6580VS/NOPB TI1-LMH6580VS/NOPB Datasheet
594Kb / 30P
8x4 500 MHz Analog Crosspoint Switch, Gain of 1,Gain of 2
More results


Similar Description - LMH6580

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6582 NSC-LMH6582 Datasheet
538Kb / 8P
16x8 500 MHz Analog Crosspoint Switch, Gain of 1/Gain of 2
LMH6580 NSC-LMH6580 Datasheet
687Kb / 24P
8x4 500MHz Analog Crosspoint Switch, Gain of 1, Gain of 2
LMH6582_0708 NSC-LMH6582_0708 Datasheet
473Kb / 16P
16x8 550MHz Analog Crosspoint Switch, Gain of 1
LMH6583_0708 NSC-LMH6583_0708 Datasheet
523Kb / 18P
16x8 550MHz Analog Crosspoint Switch, Gain of 2
LMH6584 NSC-LMH6584 Datasheet
492Kb / 20P
32x16 400 MHz Analog Crosspoint Switches, Gain of 1, Gain of 2
logo
Texas Instruments
LMH6584 TI1-LMH6584_14 Datasheet
2Mb / 32P
LMH6584/LMH6585 32x16 400 MHz Analog Crosspoint Switches, Gain of 1, Gain of 2
LMH6583 TI1-LMH6583_14 Datasheet
369Kb / 24P
LMH6583 16x8 550 MHz Analog Crosspoint Switch, Gain of 2
LMH6580 TI1-LMH6580 Datasheet
594Kb / 30P
8x4 500 MHz Analog Crosspoint Switch, Gain of 1,Gain of 2
LMH6583 TI1-LMH6583 Datasheet
494Kb / 24P
LMH6583 16x8 550 MHz Analog Crosspoint Switch, Gain of 2
LMH6584 TI1-LMH6584 Datasheet
2Mb / 32P
LMH6584/LMH6585 32x16 400 MHz Analog Crosspoint Switches, Gain of 1, Gain of 2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com