Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6704 Datasheet (PDF) - Texas Instruments

LMH6704 Datasheet PDF - Texas Instruments
Part # LMH6704
Download  LMH6704 Download
File Size   802.6 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMH6704 650 MHz Selectable Gain Buffer with Disable

LMH6704 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMH6704 Datasheet PDF - Texas Instruments

Part # LMH6704
Download  LMH6704 Click to download

File Size   802.6 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMH6704 650 MHz Selectable Gain Buffer with Disable

LMH6704 Datasheet (HTML) - Texas Instruments


LMH6704 Product details

1FEATURES
23• Wideband operation
– A V = +1, VO = 0.5 VPP 650 MHz
– AV = +2, VO = 0.5 VPP 450 MHz
– AV = +2, VO = 2 VPP 400 MHz
• High output current ±90 mA
• Very low distortion
– 2nd/3rd harmonics (10 MHz, RL = 100Ω):
−62/−78dBc
– Differential gain/Differential phase:
0.02%/0.02°
• Low noise 2.3nV/√Hz
• High slew rate 3000 V/μs
• Supply current 11.5 mA

APPLICATIONS
• HDTV, NTSC and PAL video systems
• Video switching and distribution
• ADC driver
• DAC buffer
• RGB driver
• High speed multiplexer

DESCRIPTION
The LMH™6704 is a very wideband, DC coupled
selectable gain buffer designed specifically for wide
dynamic range systems requiring exceptional signal
fidelity. The LMH6704 includes on chip feedback and
gain set resistors, simplifying PCB layout while
providing user selectable gains of +1, +2 and −1 V/V.
The LMH6704 provides a disable pin, which places
the amplifier in a high output impedance, low power
mode. The Disable pin may be allowed to float high.
With a 650 MHz Small Signal Bandwidth (AV = +1),
full power gain flatness to 200 MHz, and excellent
Differential Gain and Phase, the LMH6704 is
optimized for video applications. High resolution video
systems will benefit from the LMH6704 ability to drive
multiple video loads at low levels of differential gain
or differential phase distortion.
The LMH6704 is constructed with proprietary high
speed complementary bipolar process using proven
current feedback circuit architectures. It is available in
8 Pin SOIC and 6 Pin SOT-23 packages.




Similar Part No. - LMH6704

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6704 NSC-LMH6704 Datasheet
774Kb / 12P
650 MHz Progammable Gain Buffer with Disable
logo
Texas Instruments
LMH6704 TI1-LMH6704 Datasheet
944Kb / 20P
190MHz Single Supply, Dual and Triple Operational Amplifiers
logo
National Semiconductor ...
LMH6704MA NSC-LMH6704MA Datasheet
774Kb / 12P
650 MHz Progammable Gain Buffer with Disable
logo
Texas Instruments
LMH6704MA/NOPB TI1-LMH6704MA/NOPB Datasheet
949Kb / 20P
650 MHz Selectable Gain Buffer with Disable
logo
National Semiconductor ...
LMH6704MANOPB NSC-LMH6704MANOPB Datasheet
944Kb / 20P
MHz Selectable Gain Buffer with Disable
More results


Similar Description - LMH6704

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2682 BURR-BROWN-OPA2682 Datasheet
182Kb / 19P
Dual, Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
OPA3682 BURR-BROWN-OPA3682 Datasheet
234Kb / 19P
Triple, Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
OPA682 BURR-BROWN-OPA682 Datasheet
213Kb / 20P
Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
logo
National Semiconductor ...
LMH6704 NSC-LMH6704 Datasheet
774Kb / 12P
650 MHz Progammable Gain Buffer with Disable
logo
Burr-Brown (TI)
OPA692 BURR-BROWN-OPA692 Datasheet
498Kb / 26P
Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
logo
Texas Instruments
OPA692IDBVTG4 TI-OPA692IDBVTG4 Datasheet
1Mb / 30P
Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
OPA3692IDBQT TI1-OPA3692IDBQT Datasheet
911Kb / 26P
Triple, Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
logo
National Semiconductor ...
LMH6704 NSC-LMH6704_14 Datasheet
944Kb / 20P
MHz Selectable Gain Buffer with Disable
logo
Texas Instruments
LMH6704 TI1-LMH6704_15 Datasheet
949Kb / 20P
650 MHz Selectable Gain Buffer with Disable
OPA2682 TI1-OPA2682 Datasheet
195Kb / 20P
Dual, Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com