Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6715 Datasheet (PDF) - Texas Instruments

LMH6715 Datasheet PDF - Texas Instruments
Part # LMH6715
Download  LMH6715 Download
File Size   968.08 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMH6715 Dual Wideband Video Op Amp

LMH6715 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMH6715 Datasheet PDF - Texas Instruments

Part # LMH6715
Download  LMH6715 Click to download

File Size   968.08 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMH6715 Dual Wideband Video Op Amp

LMH6715 Datasheet (HTML) - Texas Instruments


LMH6715 Product details

1FEATURES
2• TA = 25°C, RL = 100Ω, Typical Values Unless
Specified.
• Very Low Diff. Gain, Phase: 0.02%, 0.02°
• Wide Bandwidth: 480MHz (AV = +1V/V);
400MHz (AV = +2V/V)
• 0.1dB Gain Flatness to 100MHz
• Low Power: 5.8mA/Channel
• −70dB Channel-to-Channel Crosstalk (10MHz)
• Fast Slew Rate: 1300V/μs
• Unity Gain Stable
• Improved Replacement for CLC412

APPLICATIONS
• HDTV, NTSC & PAL Video Systems
• Video Switching and Distribution
• IQ Amplifiers
• Wideband Active Filters
• Cable Drivers
• DC Coupled Single-to-Differential Conversions

DESCRIPTION
The LMH6715 combines TI's VIP10 high speed
complementary bipolar process with TI's current
feedback topology to produce a very high speed dual
op amp. The LMH6715 provides 400MHz small signal
bandwidth at a gain of +2V/V and 1300V/μs slew rate
while consuming only 5.8mA per amplifier from ±5V
supplies.
The LMH6715 offers exceptional video performance
with its 0.02% and 0.02° differential gain and phase
errors for NTSC and PAL video signals while driving
up to four back terminated 75Ω loads. The LMH6715
also offers a flat gain response of 0.1dB to 100MHz
and very low channel-to-channel crosstalk of −70dB
at 10MHz. Additionally, each amplifier can deliver
70mA of output current. This level of performance makes the LMH6715 an ideal dual op amp for high
density, broadcast quality video systems.
The LMH6715's two very well matched amplifiers
support a number of applications such as differential
line drivers and receivers. In addition, the LMH6715
is well suited for Sallen Key active filters in
applications such as anti-aliasing filters for high
speed A/D converters. Its small 8-pin SOIC package,
low power requirement, low noise and distortion allow
the LMH6715 to serve portable RF applications such
as IQ channels.




Similar Part No. - LMH6715

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6715 NSC-LMH6715 Datasheet
484Kb / 12P
Dual Wideband Video Op Amp
logo
Texas Instruments
LMH6715 TI1-LMH6715 Datasheet
1Mb / 21P
Dual Wideband Video Op Amp
LMH6715 TI1-LMH6715 Datasheet
1Mb / 21P
Dual Wideband Video Op Amp
LMH6715-MIL TI1-LMH6715-MIL Datasheet
1Mb / 21P
Dual Wideband Video Op Amp
LMH6715J-QML TI1-LMH6715J-QML Datasheet
426Kb / 20P
Dual Wideband Video Op Amp
More results


Similar Description - LMH6715

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC412 NSC-CLC412 Datasheet
1Mb / 12P
Dual Wideband Video Op Amp
LMH6715 NSC-LMH6715 Datasheet
484Kb / 12P
Dual Wideband Video Op Amp
logo
Analog Devices
AD828 AD-AD828 Datasheet
256Kb / 12P
Dual, Low Power Video Op Amp
REV.B
AD828 AD-AD828_02 Datasheet
448Kb / 12P
Dual, Low Power Video Op Amp
REV. C
logo
Texas Instruments
LMH6715QML TI1-LMH6715QML Datasheet
426Kb / 20P
Dual Wideband Video Op Amp
logo
Analog Devices
AD828 AD-AD828_15 Datasheet
462Kb / 12P
Dual, Low Power Video Op Amp
REV. C
logo
Texas Instruments
CLC412 TI1-CLC412 Datasheet
919Kb / 20P
Dual Wideband Video Op Amp
LMH6715 TI1-LMH6715_16 Datasheet
1Mb / 21P
Dual Wideband Video Op Amp
LMH6715QML TI1-LMH6715QML_13 Datasheet
616Kb / 18P
Dual Wideband Video Op Amp
LMH6715 TI1-LMH6715_17 Datasheet
1Mb / 21P
Dual Wideband Video Op Amp
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com