Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP2014MT/NOPB Datasheet (PDF) - Texas Instruments

LMP2014MT/NOPB Datasheet PDF - Texas Instruments
Part # LMP2014MT/NOPB
Download  LMP2014MT/NOPB Download
File Size   823.72 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMP2014MT Quad High Precision, Rail-to-Rail Output Operational Amplifier

LMP2014MT/NOPB Datasheet (PDF)

Go To PDF Page Download Datasheet
LMP2014MT/NOPB Datasheet PDF - Texas Instruments

Part # LMP2014MT/NOPB
Download  LMP2014MT/NOPB Click to download

File Size   823.72 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMP2014MT Quad High Precision, Rail-to-Rail Output Operational Amplifier

LMP2014MT/NOPB Datasheet (HTML) - Texas Instruments


LMP2014MT/NOPB Product details

1FEATURES
2• (For VS = 5V, Typical Unless Otherwise Noted)
• Low Specified VOS Over Temperature 60 μV
• Low Noise with No 1/f 35nV/√Hz
• High CMRR 130 dB
• High PSRR 120 dB
• High AVOL 130 dB
• Wide Gain-Bandwidth Product 3 MHz
• High Slew Rate 4 V/μs
• Low Supply Current 3.7 mA
• Rail-to-Rail Output 30 mV
• No External Capacitors Required

APPLICATIONS
• Precision Instrumentation Amplifiers
• Thermocouple Amplifiers
• Strain Gauge Bridge Amplifier

DESCRIPTION
The LMP2014MT is a member of Texas Instruments'
new LMPTM precision amplifier family. The
LMP2014MT offers unprecedented accuracy and
stability while also being offered at an affordable
price. This device utilizes patented techniques to
measure and continually correct the input offset error voltage. The result is an amplifier which is ultra stable
over time and temperature. It has excellent CMRR
and PSRR ratings, and does not exhibit the familiar
1/f voltage and current noise increase that plagues
traditional amplifiers. The combination of the
LMP2014 characteristics makes it a good choice for
transducer amplifiers, high gain configurations, ADC
buffer amplifiers, DAC I-V conversion, and any other
2.7V-5V application requiring precision and long term
stability.
Other useful benefits of the LMP2014 are rail-to-rail
output, a low supply current of 3.7 mA, and wide
gain-bandwidth product of 3 MHz. These extremely
versatile features found in the LMP2014 provide high
performance and ease of use.




Similar Part No. - LMP2014MT/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP2014MT/NOPB TI1-LMP2014MT/NOPB Datasheet
1Mb / 21P
Quad High Precision, Rail-to-Rail Output Operational Amplifier
More results


Similar Description - LMP2014MT/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP2011 NSC-LMP2011 Datasheet
688Kb / 16P
High Precision, Rail-to-Rail Output Operational Amplifier
LMV2011 NSC-LMV2011 Datasheet
582Kb / 15P
High Precision, Rail-to-Rail Output Operational Amplifier
logo
Intersil Corporation
LMP2015 INTERSIL-LMP2015 Datasheet
511Kb / 16P
High Precision, Rail-to-Rail Output Operational Amplifier
December 18, 2007
logo
National Semiconductor ...
LMP2014MT NSC-LMP2014MT_05 Datasheet
978Kb / 14P
Quad High Precision, Rail-to-Rail Output Operational Amplifier
LMP2011 NSC-LMP2011_08 Datasheet
502Kb / 16P
High Precision, Rail-to-Rail Output Operational Amplifier
logo
Advanced Linear Devices
ALD4702 ALD-ALD4702_10 Datasheet
82Kb / 9P
QUAD 5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LMV2011 NSC-LMV2011_08 Datasheet
485Kb / 16P
High Precision, Rail-to-Rail Output Operational Amplifier
LMV2011 NSC-LMV2011_14 Datasheet
1Mb / 24P
High Precision, Rail-to-Rail Output Operational Amplifier
logo
Texas Instruments
LMP2014MT TI1-LMP2014MT Datasheet
1Mb / 21P
Quad High Precision, Rail-to-Rail Output Operational Amplifier
logo
Advanced Linear Devices
ALD4702A ALD-ALD4702A_V01 Datasheet
86Kb / 9P
QUAD 5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com