Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP2231AMAE/NOPB Datasheet (PDF) - Texas Instruments

LMP2231AMAE/NOPB Datasheet PDF - Texas Instruments
Part # LMP2231AMAE/NOPB
Download  LMP2231AMAE/NOPB Download
File Size   983.61 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMP2231 Single Micropower, 1.6V, Precision Operational Amplifier with CMOS Inputs

LMP2231AMAE/NOPB Datasheet (PDF)

Go To PDF Page Download Datasheet
LMP2231AMAE/NOPB Datasheet PDF - Texas Instruments

Part # LMP2231AMAE/NOPB
Download  LMP2231AMAE/NOPB Click to download

File Size   983.61 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMP2231 Single Micropower, 1.6V, Precision Operational Amplifier with CMOS Inputs

LMP2231AMAE/NOPB Datasheet (HTML) - Texas Instruments


LMP2231AMAE/NOPB Product details

1FEATURES
23(For VS = 5V, TA = 25°C, Typical Unless
Otherwise Noted)
• Supply Current 10 μA
• Operating Voltage Range 1.6V to 5.5V
• TCV OS (LMP2231A) ±0.4 μV/°C (max)
• TCVOS (LMP2231B) ±2.5μV/°C (max)
• VOS ±150 μV (max)
• Input Bias Current 20 fA
• PSRR 120 dB
• CMRR 97 dB
• Open Loop Gain 120 dB
• Gain Bandwidth Product 130 kHz
• Slew Rate 58 V/ms
• Input Voltage Noise, f = 1 kHz 60 nV/√Hz
• Temperature Range –40°C to 125°C

APPLICATIONS
• Precision Instrumentation Amplifiers
• Battery Powered Medical Instrumentation
• High Impedance Sensors
• Strain Gauge Bridge Amplifier
• Thermocouple Amplifiers

DESCRIPTION
The LMP2231 is a single micropower precision
amplifier designed for battery powered applications.
The 1.6V to 5.5V operating supply voltage range and
quiescent power consumption of only 16 μW extend
the battery life in portable battery operated systems.
The LMP2231 is part of the LMP™ precision amplifier
family. The high impedance CMOS input makes it
ideal for instrumentation and other sensor interface
applications.
The LMP2231 has a maximum offset of 150 μV and
maximum offset voltage drift of only 0.4 μV/°C along
with low bias current of only ±20 fA. These precise
specifications make the LMP2231 a great choice for
maintaining system accuracy and long term stability.
The LMP2231 has a rail-to-rail output that swings 15
mV from the supply voltage, which increases system
dynamic range. The common mode input voltage
range extends 200 mV below the negative supply,
thus the LMP2231 is ideal for use in single supply
applications with ground sensing.
The LMP2231 is offered in 5-Pin SOT-23 and 8-pin
SOIC packages.
The dual and quad versions of this product are also
available. The dual, LMP2232 is offered in 8-pin
SOIC and VSSOP. The quad, LMP2234 is offered in
14-pin SOIC and TSSOP.




Similar Part No. - LMP2231AMAE/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP2231AMAE/NOPB TI-LMP2231AMAE/NOPB Datasheet
1Mb / 31P
Single Micropower, 1.6V, Precision Operational Amplifier with CMOS Inputs
More results


Similar Description - LMP2231AMAE/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6061 NSC-LMC6061 Datasheet
312Kb / 12P
Precision CMOS Single Micropower Operational Amplifier
LMP2231 NSC-LMP2231 Datasheet
801Kb / 20P
Micropower, 1.8V, Precision Operational Amplifier with CMOS Inputs
LMP2231_0812 NSC-LMP2231_0812 Datasheet
802Kb / 20P
Micropower, 1.6V, Precision Operational Amplifier with CMOS Inputs
LMP2232_0812 NSC-LMP2232_0812 Datasheet
803Kb / 20P
Micropower, 1.6V, Precision, Operational Amplifier with CMOS Input
LMP2234_0812 NSC-LMP2234_0812 Datasheet
856Kb / 20P
Micropower, 1.6V, Precision, Operational Amplifier with CMOS Input
logo
Texas Instruments
LMP2234 TI-LMP2234_13 Datasheet
1Mb / 31P
LMP2234 Quad Micropower, 1.6V, Precision, Operational Amplifier with CMOS Input
logo
National Semiconductor ...
LMC6061 NSC-LMC6061_14 Datasheet
1Mb / 21P
PRECISION CMOS SINGLE MICROPOWER OPERATIONAL AMPLIFIER
logo
Texas Instruments
LMP2231 TI-LMP2231_15 Datasheet
1Mb / 31P
Single Micropower, 1.6V, Precision Operational Amplifier with CMOS Inputs
LMP2232 TI1-LMP2232_15 Datasheet
1Mb / 31P
Dual Micropower, 1.6V, Precision, Operational Amplifier with CMOS Input
LMP2234 TI1-LMP2234 Datasheet
1Mb / 31P
Quad Micropower, 1.6V, Precision, Operational Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com