Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M6010001 Datasheet (PDF) - OKW Enclosures Ltd

M6010001 Datasheet PDF - OKW Enclosures Ltd
Part # M6010001
Download  M6010001 Download
File Size   284.8 Kbytes
Page   4 Pages
Manufacturer  METCASE [OKW Enclosures Ltd]
Direct Link  https://www.metcase.com/
Logo METCASE - OKW Enclosures Ltd
Description INSTRUMET 19" CASES

M6010001 Datasheet (PDF)

Go To PDF Page Download Datasheet
M6010001 Datasheet PDF - OKW Enclosures Ltd

Part # M6010001
Download  M6010001 Click to download

File Size   284.8 Kbytes
Page   4 Pages
Manufacturer  METCASE [OKW Enclosures Ltd]
Direct Link  https://www.metcase.com/
Logo METCASE - OKW Enclosures Ltd
Description INSTRUMET 19" CASES

M6010001 Datasheet (HTML) - OKW Enclosures Ltd


M6010001 Product details

FEATURES:
l Modern aluminium 19" instrument cases
l Light weight yet robust construction
l Conforms to DIN 41494 & IEC 297-1
l Designed to accept standard 3U x 19" subracks, chassis and front panels
l Attractive design with die-cast front and rear bezels and fabricated case body
l Two versions, in three sizes
l Standard models with ABS side handles
l Portable models with tilt/swivel aluminium carry handle bar
l Supplied fully assembled and ready to use
l Internal subrack/chassis support rails
l Removable rear panel included
l Ventilation holes in base and rear panels
l Three M4 earth studs provided inside
l Moulded ABS non-slip tilt feet included
l Anodised 10.5"/19" front panels available as accessories

APPLICATIONS:
l 19" subrack or chassis based electronics such as test and measurement equipment, networking and communications devices, industrial computers, sound and studio systems, laboratory instruments and industrial control systems.




Similar Part No. - M6010001

ManufacturerPart #DatasheetDescription
logo
OKW Enclosures Ltd
M6010001 METCASE-M6010001 Datasheet
401Kb / 4P
INSTRUMET 19" CASES
06/03/2008 13:59:22
More results


Similar Description - M6010001

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
E989 HAMAMATSU-E989 Datasheet
88Kb / 1P
Magnetic Shield Cases
logo
List of Unclassifed Man...
G738 ETC1-G738 Datasheet
344Kb / 2P
Desktop Cases
8554 ETC2-8554 Datasheet
310Kb / 1P
PHENOLIC INSTRUMENT CASES
5242 ETC2-5242 Datasheet
142Kb / 2P
BATTERY CONTACTS FOR MOLDED CASES
G749A ETC2-G749A Datasheet
130Kb / 1P
Desktop Cases
G752 ETC2-G752 Datasheet
89Kb / 2P
Desktop Cases - ABS
G753 ETC2-G753 Datasheet
132Kb / 1P
Desktop Cases
400-1541-GR ETC2-400-1541-GR Datasheet
206Kb / 2P
Molded ABS Plastic Cases
A9406344-AL ETC2-A9406344-AL Datasheet
326Kb / 5P
SH ELL-TYPE CASES
IP67 ETC-IP67_V01 Datasheet
259Kb / 1P
IP67 Low Profile Cases
Ver 1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com