Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0803924 Datasheet (PDF) - PHOENIX CONTACT

0803924 Datasheet PDF - PHOENIX CONTACT
Part # 0803924
Download  0803924 Download
File Size   194.81 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MM-WMS 4,8 (EX9)R C1 WH/BK - Shrink sleeve

0803924 Datasheet (PDF)

Go To PDF Page Download Datasheet
0803924 Datasheet PDF - PHOENIX CONTACT

Part # 0803924
Download  0803924 Click to download

File Size   194.81 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MM-WMS 4,8 (EX9)R C1 WH/BK - Shrink sleeve

0803924 Datasheet (HTML) - PHOENIX CONTACT


0803924 Product details

Shrink sleeve, Roll, white/black, unmarked, can be labeled with: THERMOFOX,
THERMOMARK GO, THERMOMARK GO.K, cable diameter range: 1.6 ... 4.8 mm, mounting
type: slide-on, Number of individual labels: 1, roll length: 1.8 m, text field height: 5.4 mm, text
field width: 1800 mm




Similar Part No. - 0803924

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803922 PHOENIX-0803922 Datasheet
49Kb / 3P
Marker card - SK U/5,0 WH:UNBEDRUCKT
0803922 PHOENIX-0803922 Datasheet
159Kb / 6P
GMKDSP 3/ 2
0803922 PHOENIX-0803922 Datasheet
138Kb / 6P
GMKDSP 3/ 3
0803922 PHOENIX-0803922 Datasheet
145Kb / 6P
MKDSP 10HV/ 2-12,7
0803922 PHOENIX-0803922 Datasheet
154Kb / 5P
IPCV 16/ 3-G-10,16
More results


Similar Description - 0803924

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803937 PHOENIX-0803937 Datasheet
53Kb / 2P
Label, highly flexible - MM-EMLF (EX10)R C1 WH/BK
0803939 PHOENIX-0803939 Datasheet
52Kb / 2P
Label, highly flexible - MM-EMLF (EX18)R C1 WH/BK
0803940 PHOENIX-0803940 Datasheet
52Kb / 2P
Label, highly flexible - MM-EMLF (EX24)R C1 WH/BK
0803971 PHOENIX-0803971 Datasheet
52Kb / 2P
Label - MM-EML (EX12)R C1 WH/BK
0803973 PHOENIX-0803973 Datasheet
52Kb / 2P
Label - MM-EML (EX24)R C1 WH/BK
0803975 PHOENIX-0803975 Datasheet
52Kb / 2P
Label - MM-EML (EX12)R C1 SR/BK
0803983 PHOENIX-0803983 Datasheet
51Kb / 2P
Label - MM-TMT (EX9,5)R C1 WH/BK
1116113 PHOENIX-1116113 Datasheet
54Kb / 2P
Label - MM-EML (EX14)R C1 SR/BK
0803928 PHOENIX-0803928 Datasheet
172Kb / 3P
Shrink sleeve - MM-WMS-2 4,8 (EX9)R C1 WH/BK
12/24/2021
0800294 PHOENIX-0800294 Datasheet
449Kb / 14P
WMS 12,7 (EX20)R - Shrink sleeve
Oct 17, 2023,
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com