Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBPC604 Datasheet (PDF) - DAESAN ELECTRONIC CORP.

KBPC604 Datasheet PDF - DAESAN ELECTRONIC CORP.
Part # KBPC604
Download  KBPC604 Download
File Size   187.14 Kbytes
Page   2 Pages
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.
Description CURRENT 6.0 Amperes VOLTAGE 50 to 1000 Volts

KBPC604 Datasheet (PDF)

Go To PDF Page Download Datasheet
KBPC604 Datasheet PDF - DAESAN ELECTRONIC CORP.

Part # KBPC604
Download  KBPC604 Click to download

File Size   187.14 Kbytes
Page   2 Pages
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.
Description CURRENT 6.0 Amperes VOLTAGE 50 to 1000 Volts

KBPC604 Datasheet (HTML) - DAESAN ELECTRONIC CORP.


KBPC604 Product details

Features
• High Current Capability
• Surge Overload Rating to 125A Peak
• High Case Dielectric Strength of 1500V
• Ideal for Printed Circuit Board Application
• Plastic Material - UL Flammability Classification 94V-0




Similar Part No. - KBPC604

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBPC604 WTE-KBPC604 Datasheet
40Kb / 3P
6.0A BRIDGE RECTIFIER
logo
Jinan Gude Electronic D...
KBPC604 JGD-KBPC604 Datasheet
131Kb / 2P
SINGLE PHASE 6.0 AMPS. SILICON BRIDGE RECTIFIERS
logo
Semtech Corporation
KBPC604 SEMTECH-KBPC604 Datasheet
122Kb / 2P
6.0A SINGLE - PHASE SILICON BRIDGE???
logo
Shanghai Sunrise Electr...
KBPC604 SSE-KBPC604 Datasheet
21Kb / 1P
SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
KBPC604 CHENYI-KBPC604 Datasheet
149Kb / 2P
SINGLE PHASE GLASS BRIDGE RECTIFIER
More results


Similar Description - KBPC604

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
HER601 DAESAN-HER601 Datasheet
325Kb / 2P
CURRENT 6.0 Amperes VOLTAGE 50 to 1000 Volts
HER601G DAESAN-HER601G Datasheet
305Kb / 2P
CURRENT 6.0 Amperes VOLTAGE 50 to 1000 Volts
KBJ6A DAESAN-KBJ6A Datasheet
231Kb / 2P
CURRENT 6.0 Amperes VOLTAGE 50 to 1000 Volts
KBL6005 DAESAN-KBL6005 Datasheet
227Kb / 2P
CURRENT 6.0 Amperes VOLTAGE 50 to 1000 Volts
6A05 DAESAN-6A05 Datasheet
271Kb / 2P
CURRENT 6.0 Amperes VOLTAGE 50 to 1000 Volts
6A05G DAESAN-6A05G Datasheet
321Kb / 2P
CURRENT 6.0 Amperes VOLTAGE 50 to 1000 Volts
FR601 DAESAN-FR601 Datasheet
314Kb / 2P
CURRENT 6.0 Amperes VOLTAGE 50 to 1000 Volts
FR601G DAESAN-FR601G Datasheet
315Kb / 2P
CURRENT 6.0 Amperes VOLTAGE 50 to 1000 Volts
KBU6A DAESAN-KBU6A Datasheet
228Kb / 2P
CURRENT 6.0 Amperes VOLTAGE 50 to 1000 Volts
UF601 DAESAN-UF601 Datasheet
325Kb / 2P
CURRENT 6.0 Amperes VOLTAGE 50 to 1000 Volts
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com