Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBPC801 Datasheet (PDF) - DAESAN ELECTRONIC CORP.

KBPC801 Datasheet PDF - DAESAN ELECTRONIC CORP.
Part # KBPC801
Download  KBPC801 Download
File Size   178.31 Kbytes
Page   2 Pages
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.
Description CURRENT 8.0 Amperes VOLTAGE 50 to 1000 Volts

KBPC801 Datasheet (PDF)

Go To PDF Page Download Datasheet
KBPC801 Datasheet PDF - DAESAN ELECTRONIC CORP.

Part # KBPC801
Download  KBPC801 Click to download

File Size   178.31 Kbytes
Page   2 Pages
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.
Description CURRENT 8.0 Amperes VOLTAGE 50 to 1000 Volts

KBPC801 Datasheet (HTML) - DAESAN ELECTRONIC CORP.


KBPC801 Product details

Features
• Diffused Junction
• High Current Capability
• Surge Overload Rating to 125A Peak
• High Case Dielectric Strength of 1500V
• Ideal for Printed Circuit Board Applications
• Plastic Material - UL Flammability Classification 94V-0




Similar Part No. - KBPC801

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBPC801 WTE-KBPC801 Datasheet
32Kb / 3P
8.0A BRIDGE RECTIFIER
logo
Jinan Gude Electronic D...
KBPC801 JGD-KBPC801 Datasheet
124Kb / 2P
SINGLE PHASE 8.0 AMPS. SILICON BRIDGE RECTIFIERS
logo
Semtech Corporation
KBPC801 SEMTECH-KBPC801 Datasheet
126Kb / 2P
8.0A SINGLE - PHASE SILICON BRIDGE???
logo
Shanghai Sunrise Electr...
KBPC801 SSE-KBPC801 Datasheet
15Kb / 1P
SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
KBPC801 CHENYI-KBPC801 Datasheet
148Kb / 2P
SINGLE PHASE SILICON BRIDGE RECTIFIER
More results


Similar Description - KBPC801

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
8A05 DAESAN-8A05 Datasheet
138Kb / 1P
CURRENT 8.0 Amperes VOLTAGE 50 TO 100 VOLTS
HEP801 DAESAN-HEP801 Datasheet
256Kb / 2P
CURRENT 8.0 AMPERES VOLTAGE 50 TO 600 VOLTS
SFP81 DAESAN-SFP81 Datasheet
283Kb / 2P
CURRENT 8.0 AMPERES VOLTAGE 50 TO 600 VOLTS
HER801 DAESAN-HER801 Datasheet
304Kb / 2P
CURRENT 8.0 Amperes VOLTAGE 50 to 600 Volts
FP801 DAESAN-FP801 Datasheet
321Kb / 2P
CURRENT 8.0 Amperes VOLTAGE 50 to 1000 Volts
FR801 DAESAN-FR801 Datasheet
316Kb / 2P
CURRENT 8.0 Amperes VOLTAGE 50 to 1000 Volts
KBU8A DAESAN-KBU8A Datasheet
181Kb / 2P
CURRENT 8.0 Amperes VOLTAGE 50 to 1000 Volts
SF81 DAESAN-SF81 Datasheet
324Kb / 2P
CURRENT 8.0 Amperes VOLTAGE 50 to 600 Volts
logo
WILLAS ELECTRONIC CORP
BR805 WILLAS-BR805 Datasheet
267Kb / 2P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 8.0 Amperes
RS801 WILLAS-RS801 Datasheet
996Kb / 2P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 8.0 Amperes
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com