Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC313 Datasheet (PDF) - Hittite Microwave Corporation

HMC313 Datasheet PDF - Hittite Microwave Corporation
Part # HMC313_07
Download  HMC313 Download
File Size   271.45 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs InGaP HBT MMIC BROADBAND AMPLIFIER GAIN BLOCK, DC - 6.0 GHz

HMC313 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC313 Datasheet PDF - Hittite Microwave Corporation

Part # HMC313_07
Download  HMC313 Click to download

File Size   271.45 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs InGaP HBT MMIC BROADBAND AMPLIFIER GAIN BLOCK, DC - 6.0 GHz

HMC313 Datasheet (HTML) - Hittite Microwave Corporation


HMC313 Product details

General Description
The HMC313 & HMC313E are GaAs InGaP Heterojunction Bipolar Transistor (HBT) MMIC amplifi ers that operate from a single Vcc supply. The surface mount SOT26 amplifi er can be used as a broadband gain stage or used with external matching for optimized narrow band applications. With Vcc biased at +5V, the HMC313 & HMC313E offers 17 dB of gain and +15 dBm of saturated power while only requiring 50 mA of current.

Features
   P1dB Output Power: +14 dBm
   Output IP3: +27 dBm
   Gain: 17 dB
   Single Supply: +5V
   High Reliability GaAs HBT Process
   Ultra Small Package: SOT26
   Included in the HMC-DK001 Designer’s Kit

Typical Applications
Ideal as a Driver & Amplifi er for:
• 2.2 - 2.7 GHz MMDS
• 3.5 GHz Wireless Local Loop
• 5.0 - 6.0 GHz UNII & HiperLAN




Similar Part No. - HMC313_07

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC313 HITTITE-HMC313_09 Datasheet
215Kb / 6P
GaAs InGaP HBT MMIC BROADBAND AMPLIFIER GAIN BLOCK, DC - 6 GHz
More results


Similar Description - HMC313_07

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC311LP3 HITTITE-HMC311LP3 Datasheet
264Kb / 6P
InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 6.0 GHz
HMC311ST89 HITTITE-HMC311ST89 Datasheet
248Kb / 6P
InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 6.0 GHz
HMC313 HITTITE-HMC313 Datasheet
205Kb / 6P
GaAs InGaP HBT MMIC BROADBAND AMPLIFIER GAIN BLOCK, DC - 6.0 GHz
logo
Mimix Broadband
CGB7001-BD MIMIX-CGB7001-BD_07 Datasheet
604Kb / 7P
DC-6.0 GHz InGaP HBT MMIC Matched Gain Block Amplifier
CGB7007-BD MIMIX-CGB7007-BD Datasheet
435Kb / 7P
DC-6.0 GHz InGaP HBT MMIC Matched Gain Block Amplifier
CGB7012-BD MIMIX-CGB7012-BD Datasheet
492Kb / 7P
DC-6.0 GHz InGaP HBT MMIC Matched Gain Block Amplifier
CGB7015-BD MIMIX-CGB7015-BD Datasheet
197Kb / 7P
DC-6.0 GHz InGaP HBT MMIC Matched Gain Block Amplifier
logo
Hittite Microwave Corpo...
HMC311ST89 HITTITE-HMC311ST89_06 Datasheet
350Kb / 6P
InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 6.0 GHz
HMC313 HITTITE-HMC313_09 Datasheet
215Kb / 6P
GaAs InGaP HBT MMIC BROADBAND AMPLIFIER GAIN BLOCK, DC - 6 GHz
logo
Analog Devices
HMC313 AD-HMC313_18 Datasheet
1Mb / 6P
GaAs InGaP HBT MMIC BROADBAND AMPLIFIER GAIN BLOCK, DC
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com