Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP2232 Datasheet (PDF) - Texas Instruments

LMP2232 Datasheet PDF - Texas Instruments
Part # LMP2232
Download  LMP2232 Download
File Size   929.89 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMP2232 Dual Micropower, 1.6V, Precision, Operational Amplifier with CMOS Input

LMP2232 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMP2232 Datasheet PDF - Texas Instruments

Part # LMP2232
Download  LMP2232 Click to download

File Size   929.89 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMP2232 Dual Micropower, 1.6V, Precision, Operational Amplifier with CMOS Input

LMP2232 Datasheet (HTML) - Texas Instruments


LMP2232 Product details

1FEATURES
23(For VS = 5V, Typical Unless Otherwise Noted)
• Supply Current at 1.8V 16 μA
• Operating Voltage Range 1.6V to 5.5V
• Low TCVOS ±0.5 μV/°C (max)
• V OS ±150 μV (max)
• Input Bias Current 20 fA
• PSRR 120 dB
• CMRR 97 dB
• Open Loop Gain 120 dB
• Gain Bandwidth Product 130 kHz
• Slew Rate 58 V/ms
• Input Voltage Noise, f = 1 kHz 60 nV/√Hz
• Temperature Range –40°C to 125°C

APPLICATIONS
• Precision Instrumentation Amplifiers
• Battery Powered Medical Instrumentation
• High Impedance Sensors
• Strain Gauge Bridge Amplifier
• Thermocouple Amplifiers

DESCRIPTION
The LMP2232 is a dual micropower precision
amplifier designed for battery powered applications.
The 1.6V to 5.5V operating supply voltage range and
quiescent power consumption of only 26 μW extend
the battery life in portable systems. The LMP2232 is
part of the LMP™ precision amplifier family. The high
impedance CMOS input makes it ideal for
instrumentation and other sensor interface
applications.
The LMP2232 has a maximum offset voltage of 150
μV and maximum offset voltage drift of only 0.5 μV/°C
along with low bias current of only ±20 fA. These precise specifications make the LMP2232 a great
choice for maintaining system accuracy and long term
stability.
The LMP2232 has a rail-to-rail output that swings 15
mV from the supply voltage, which increases system
dynamic range. The common mode input voltage
range extends 200 mV below the negative supply, thus the LMP2232 is ideal for ground sensing in
single supply applications.
The LMP2232 is offered in 8-pin SOIC and VSSOP
packages.
The LMP2231 is the single version of this product
and the LMP2234 is the quad version of this product.
Both of these products are available on Texas
Instruments' website.




Similar Part No. - LMP2232

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP2232 NSC-LMP2232 Datasheet
802Kb / 20P
Micropower, 1.8V, Precision, Operational Amplifier with CMOS Input
LMP2232 NSC-LMP2232 Datasheet
803Kb / 20P
Micropower, 1.6V, Precision, Operational Amplifier with CMOS Input
logo
Texas Instruments
LMP2232 TI-LMP2232 Datasheet
1Mb / 30P
Operating Voltage Range 1.6V to 5.5V, Input Bias Current 20 fA
LMP2232 TI1-LMP2232 Datasheet
1Mb / 31P
Dual Micropower, 1.6V, Precision, Operational Amplifier with CMOS Input
logo
National Semiconductor ...
LMP2232AMA NSC-LMP2232AMA Datasheet
802Kb / 20P
Micropower, 1.8V, Precision, Operational Amplifier with CMOS Input
More results


Similar Description - LMP2232

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6062 NSC-LMC6062 Datasheet
321Kb / 12P
Precision CMOS Dual Micropower Operational Amplifier
LMP2232 NSC-LMP2232 Datasheet
802Kb / 20P
Micropower, 1.8V, Precision, Operational Amplifier with CMOS Input
LMP2231_0812 NSC-LMP2231_0812 Datasheet
802Kb / 20P
Micropower, 1.6V, Precision Operational Amplifier with CMOS Inputs
LMP2232_0812 NSC-LMP2232_0812 Datasheet
803Kb / 20P
Micropower, 1.6V, Precision, Operational Amplifier with CMOS Input
LMP2234_0812 NSC-LMP2234_0812 Datasheet
856Kb / 20P
Micropower, 1.6V, Precision, Operational Amplifier with CMOS Input
logo
Texas Instruments
LMP2234 TI-LMP2234_13 Datasheet
1Mb / 31P
LMP2234 Quad Micropower, 1.6V, Precision, Operational Amplifier with CMOS Input
LMP2231 TI-LMP2231_15 Datasheet
1Mb / 31P
Single Micropower, 1.6V, Precision Operational Amplifier with CMOS Inputs
LMP2232 TI1-LMP2232_15 Datasheet
1Mb / 31P
Dual Micropower, 1.6V, Precision, Operational Amplifier with CMOS Input
LMP2234 TI1-LMP2234 Datasheet
1Mb / 31P
Quad Micropower, 1.6V, Precision, Operational Amplifier
logo
Advanced Linear Devices
ALD2731A ALD-ALD2731A Datasheet
92Kb / 9P
PRECISION DUAL MICROPOWER CMOS OPERATIONAL AMPLIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com