Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP2234 Datasheet (PDF) - Texas Instruments

LMP2234 Datasheet PDF - Texas Instruments
Part # LMP2234
Download  LMP2234 Download
File Size   931.45 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMP2234 Quad Micropower, 1.6V, Precision, Operational Amplifier with CMOS Input

LMP2234 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMP2234 Datasheet PDF - Texas Instruments

Part # LMP2234
Download  LMP2234 Click to download

File Size   931.45 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMP2234 Quad Micropower, 1.6V, Precision, Operational Amplifier with CMOS Input

LMP2234 Datasheet (HTML) - Texas Instruments


LMP2234 Product details

1FEATURES
23(For VS = 5V, Typical Unless Otherwise Noted)
• Supply Current at 1.8V 31 μA
• Operating Voltage Range 1.6V to 5.5V
• Low TCVOS ±0.75 μV/°C (max)
• V OS ±150 μV (max)
• Input Bias Current ±20 fA
• PSRR 120 dB
• CMRR 97 dB
• Open Loop Gain 120 dB
• Gain Bandwidth Product 130 kHz
• Slew Rate 58 V/ms
• Input Voltage Noise, f = 1 kHz 60 nV/√Hz
• Temperature Range –40°C to 125°C

APPLICATIONS
• Precision Instrumentation Amplifiers
• Battery Powered Medical Instrumentation
• High Impedance Sensors
• Strain Gauge Bridge Amplifier
• Thermocouple Amplifiers

DESCRIPTION
The LMP2234 is a quad micropower precision
amplifier designed for battery powered applications.
The 1.6 to 5.5V operating supply voltage range and
quiescent power consumption of only 50 μW extend
the battery life in portable systems. The LMP2234 is
part of the LMP™ precision amplifier family. The high
impedance CMOS input makes it ideal for
instrumentation and other sensor interface
applications.
The LMP2234 has a maximum offset voltage of 150
μV and 0.3 μV/°C offset drift along with low bias
current of only ±20 fA. These precise specifications make the LMP2234 a great choice for maintaining
system accuracy and long term stability.
The LMP2234 has a rail-to-rail output that swings 15
mV from the supply voltage, which increases system
dynamic range. The common mode input voltage
range extends 200 mV below the negative supply,
thus the LMP2234 is ideal for ground sensing in single supply applications.
The LMP2234 is offered in 14-Pin SOIC and TSSOP
packages.




Similar Part No. - LMP2234

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP2234 NSC-LMP2234 Datasheet
854Kb / 20P
Micropower, Precision, RRO Amplifier with CMOS Input
LMP2234 NSC-LMP2234 Datasheet
856Kb / 20P
Micropower, 1.6V, Precision, Operational Amplifier with CMOS Input
logo
Texas Instruments
LMP2234 TI1-LMP2234 Datasheet
1Mb / 31P
Quad Micropower, 1.6V, Precision, Operational Amplifier
logo
National Semiconductor ...
LMP2234AMA NSC-LMP2234AMA Datasheet
854Kb / 20P
Micropower, Precision, RRO Amplifier with CMOS Input
LMP2234AMA NSC-LMP2234AMA Datasheet
856Kb / 20P
Micropower, 1.6V, Precision, Operational Amplifier with CMOS Input
More results


Similar Description - LMP2234

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6064 NSC-LMC6064 Datasheet
329Kb / 12P
Precision CMOS Quad Micropower Operational Amplifier
LMP2232 NSC-LMP2232 Datasheet
802Kb / 20P
Micropower, 1.8V, Precision, Operational Amplifier with CMOS Input
LMP2231_0812 NSC-LMP2231_0812 Datasheet
802Kb / 20P
Micropower, 1.6V, Precision Operational Amplifier with CMOS Inputs
LMP2232_0812 NSC-LMP2232_0812 Datasheet
803Kb / 20P
Micropower, 1.6V, Precision, Operational Amplifier with CMOS Input
LMP2234_0812 NSC-LMP2234_0812 Datasheet
856Kb / 20P
Micropower, 1.6V, Precision, Operational Amplifier with CMOS Input
logo
Texas Instruments
LMC6064EP TI1-LMC6064EP Datasheet
480Kb / 18P
Precision CMOS Quad Micropower Operational Amplifier
LMP2234 TI-LMP2234_13 Datasheet
1Mb / 31P
LMP2234 Quad Micropower, 1.6V, Precision, Operational Amplifier with CMOS Input
LMP2231 TI-LMP2231_15 Datasheet
1Mb / 31P
Single Micropower, 1.6V, Precision Operational Amplifier with CMOS Inputs
LMP2232 TI1-LMP2232_15 Datasheet
1Mb / 31P
Dual Micropower, 1.6V, Precision, Operational Amplifier with CMOS Input
LMP2234 TI1-LMP2234 Datasheet
1Mb / 31P
Quad Micropower, 1.6V, Precision, Operational Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com