Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP91000 Datasheet (PDF) - Texas Instruments

LMP91000 Datasheet PDF - Texas Instruments
Part # LMP91000
Download  LMP91000 Download
File Size   856.24 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMP91000 Sensor AFE System: Configurable AFE Potentiostat for Low-Power Chemical- Sensing Applications

LMP91000 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMP91000 Datasheet PDF - Texas Instruments

Part # LMP91000
Download  LMP91000 Click to download

File Size   856.24 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMP91000 Sensor AFE System: Configurable AFE Potentiostat for Low-Power Chemical- Sensing Applications

LMP91000 Datasheet (HTML) - Texas Instruments


LMP91000 Product details

1 Features
1• Typical Values, TA = 25°C
• Supply Voltage 2.7 V to 5.25 V
• Supply Current (Average Over Time) <10 μA
• Cell Conditioning Current Up to 10 mA
• Reference Electrode Bias Current (85°C) 900pA
(max)
• Output Drive Current 750 μA
• Complete Potentiostat Circuit-to-Interface to Most
Chemical Cells
• Programmable Cell Bias Voltage
• Low-Bias Voltage Drift
• Programmable TIA gain 2.75 kΩ to 350 kΩ
• Sink and Source Capability
• I2C Compatible Digital Interface
• Ambient Operating Temperature –40°C to 85°C
• Package 14-Pin WSON
• Supported by WEBENCH® Sensor AFE Designer

2 Applications
• Chemical Species Identification
• Amperometric Applications
• Electrochemical Blood Glucose Meter

3 Description
The LMP91000 is a programmable analog front-end
(AFE) for use in micro-power electrochemical sensing applications. It provides a complete signal path
solution between a sensor and a microcontroller that
generates an output voltage proportional to the cell
current. The LMP91000’s programmability enables it
to support multiple electrochemical sensors such as 3-lead toxic gas sensors and 2-lead galvanic cell
sensors with a single design as opposed to the
multiple discrete solutions. The LMP91000 supports
gas sensitivities over a range of 0.5 nA/ppm to 9500
nA/ppm. It also allows for an easy conversion of current ranges from 5 μA to 750 μA full scale.
The LMP91000’s adjustable cell bias and transimpedance amplifier (TIA) gain are
programmable through the I2C interface. The I2C
interface can also be used for sensor diagnostics. An
integrated temperature sensor can be read by the user through the VOUT pin and used to provide
additional signal correction in the μC or monitored to
verify temperature conditions at the sensor.
The LMP91000 is optimized for micro-power applications and operates over a voltage range of 2.7
to 5.25 V. The total current consumption can be less
than 10 μA. Further power savings are possible by
switching off the TIA amplifier and shorting the
reference electrode to the working electrode with an
internal switch.




Similar Part No. - LMP91000

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP91000 NSC-LMP91000 Datasheet
713Kb / 24P
Sensor AFE System: Configurable AFE Potentiostat for Low-Power Chemical Sensing Applications
logo
Texas Instruments
LMP91000 TI1-LMP91000 Datasheet
557Kb / 25P
Sensor AFE System: Configurable AFE Potentiostat for Low-Power Chemical Sensing Applications
LMP91000 TI-LMP91000 Datasheet
1Mb / 30P
Cell Conditioning Current up to 10 mA, Supply Current (Average Over Time) <10 關A, Output Drive Current 750關A
LMP91000 TI1-LMP91000 Datasheet
628Kb / 31P
Sensor AFE System
logo
National Semiconductor ...
LMP91000SD NSC-LMP91000SD Datasheet
713Kb / 24P
Sensor AFE System: Configurable AFE Potentiostat for Low-Power Chemical Sensing Applications
More results


Similar Description - LMP91000

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP91000 NSC-LMP91000 Datasheet
713Kb / 24P
Sensor AFE System: Configurable AFE Potentiostat for Low-Power Chemical Sensing Applications
logo
Texas Instruments
LMP91000 TI1-LMP91000 Datasheet
557Kb / 25P
Sensor AFE System: Configurable AFE Potentiostat for Low-Power Chemical Sensing Applications
LMP91002 TI1-LMP91002 Datasheet
509Kb / 21P
Sensor AFE System: Configurable AFE Potentiostat
LMP91050 TI1-LMP91050 Datasheet
653Kb / 19P
Configurable AFE for Nondispersive Infrared (NDIR) Sensing Applications
LMP91200 TI1-LMP91200 Datasheet
405Kb / 25P
Configurable AFE for Low-Power Chemical Sensing Applications
LMP91051 TI-LMP91051 Datasheet
1Mb / 23P
Configurable AFE for Nondispersive Infrared (NDIR) Sensing Applications
54F175DMQB TI-54F175DMQB Datasheet
1Mb / 23P
LMP91050 Configurable AFE for Nondispersive Infrared (NDIR) Sensing Applications
LMP90100 TI1-LMP90100_16 Datasheet
1Mb / 74P
Sensor AFE System: Multichannel, Low-Power, 24-Bit Sensor AFE
LMP91200 TI1-LMP91200_16 Datasheet
986Kb / 24P
Configurable AFE for Low-Power Chemical-Sensing Applications
LMP91050 TI1-LMP91050_15 Datasheet
1Mb / 28P
Configurable AFE for Nondispersive Infrared (NDIR) Sensing Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com