Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMT70 Datasheet (PDF) - Texas Instruments

LMT70 Datasheet PDF - Texas Instruments
Part # LMT70
Download  LMT70 Download
File Size   907.78 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMT70, LMT70A ±0.05°C Precision Analog Temperature Sensor, RTD and Precision NTC Thermistor IC

LMT70 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMT70 Datasheet PDF - Texas Instruments

Part # LMT70
Download  LMT70 Click to download

File Size   907.78 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMT70, LMT70A ±0.05°C Precision Analog Temperature Sensor, RTD and Precision NTC Thermistor IC

LMT70 Datasheet (HTML) - Texas Instruments


LMT70 Product details

1 Features
1• Accuracy:
– ±0.05°C (typ) or ±0.13°C (max) from 20°C to
42°C
– ±0.2°C (max) from -20°C to 90°C
– ±0.23°C (max) from 90°C to 110°C
– ±0.36°C (max) from -55°C to 150°C
• Wide Temperature Range: −55°C to 150°C
• Matching of Two Adjacent LMT70A on Tape and
Reel: 0.1°C (max) at 30°C
• Very Linear Analog Temperature Sensor with
Output Enable Pin
• NTC Output Slope: -5.19 mV/°C
• Output On/Off Switch with RDS on < 80 Ω
• Wide Power Supply Range: 2.0 V to 5.5 V
• Low Power Supply Current: 9.2 μA (typ)12 μA
(max)
• Ultra Small 0.88 mm by 0.88 mm 4-bump WLCSP
(DSBGA) Package

2 Applications
• Internet of Things (IoT) Sensor Nodes
• Industrial RTD (Class AA) or Precision NTC/PTC
Thermistor Replacement
• Medical/Fitness Equipment
• Medical Thermometer
• Human Body temperature monitor
• Metering Temperature Compensation

3 Description
The LMT70 is an ultra-small, high-precision, low-
power CMOS analog temperature sensor with an output enable pin. Applications for the LMT70 include
virtually any type of temperature sensing where cost-
effective, high precision and low-power are required,
such as Internet of Things (IoT) sensor nodes,
medical thermometers, high-precision instrumentation and battery powered devices. The LMT70 is also a
great replacement for RTD and precision NTC/PTC
thermistors.
Its output enable pin allows multiple LMT70s to share
one ADC channel, thus simplifying ADC calibration
and reducing the overall system cost for precision
temperature sensing. The LMT70 also has a linear and low impedance output allowing seamless
interface to an off-the-shelf MCU/ADC. Dissipating
less than 36μW, the LMT70 has ultra-low self-heating
supporting its high-precision over a wide temperature
range.
The LMT70A provides unparalleled temperature
matching performance of 0.1°C (max) for two
adjacent LMT70A's picked from the same tape and
reel. Therefore, the LMT70A is an ideal solution for energy metering applications requiring heat transfer
calculations.




Similar Part No. - LMT70

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMT70 TI-LMT70 Datasheet
1Mb / 29P
Precision Analog Temperature Sensor, RTD and Precision NTC Thermistor IC
logo
Shanghai Leiditech Elec...
LMT70.3P02K LEIDITECH-LMT70.3P02K Datasheet
411Kb / 3P
P- Channel MOSFMT
LMT70.66P02K LEIDITECH-LMT70.66P02K Datasheet
628Kb / 4P
P-Channel Enhancement Mode Power MOSFET
logo
Texas Instruments
LMT70A TI-LMT70A Datasheet
1Mb / 29P
Precision Analog Temperature Sensor, RTD and Precision NTC Thermistor IC
LMT70AYFQR TI-LMT70AYFQR Datasheet
1Mb / 29P
Precision Analog Temperature Sensor, RTD and Precision NTC Thermistor IC
More results


Similar Description - LMT70

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8120ANP SII-S-8120ANP Datasheet
123Kb / 9P
LOW-VOLTAGE C-MOS HIGH-PRECISION TEMPERATURE SENSOR IC
logo
STMicroelectronics
STLM20 STMICROELECTRONICS-STLM20 Datasheet
186Kb / 17P
Ultra-low Current 2.4V precision analog temperature sensor
10-Oct-2006
logo
Zentrum Mikroelektronik...
TSIC ZMD-TSIC Datasheet
261Kb / 2P
High Precision Temperature Sensor IC
logo
List of Unclassifed Man...
MF523100 ETC2-MF523100 Datasheet
748Kb / 4P
MF52 Pearl-Shaped Precision NTC Thermistor for Temperature Measurement
MF51-A ETC2-MF51-A Datasheet
252Kb / 2P
MF51 Precision Glass Encapsulated NTC Thermistor for Temperature Measurement
CWF3100 ETC2-CWF3100 Datasheet
838Kb / 5P
CWF Precision NTC Thermistor Probes for Temperature Measurement
CWF1-103J3380 ETC2-CWF1-103J3380 Datasheet
838Kb / 5P
Precision NTC Thermistor Probes for Temperature Measurement
MF11 ETC2-MF11 Datasheet
246Kb / 2P
Temperature Compensation NTC Thermistor
logo
Texas Instruments
LMT70 TI-LMT70 Datasheet
1Mb / 29P
Precision Analog Temperature Sensor, RTD and Precision NTC Thermistor IC
logo
TE Connectivity Ltd
44006RC TEC-44006RC Datasheet
97Kb / 3P
44006RC Precision Epoxy NTC Thermistor
Rev A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com