Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV7291 Datasheet (PDF) - Texas Instruments

LMV7291 Datasheet PDF - Texas Instruments
Part # LMV7291
Download  LMV7291 Download
File Size   811.5 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMV7291 Single 1.8V Low Power Comparator with Rail-to-Rail Input

LMV7291 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMV7291 Datasheet PDF - Texas Instruments

Part # LMV7291
Download  LMV7291 Click to download

File Size   811.5 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMV7291 Single 1.8V Low Power Comparator with Rail-to-Rail Input

LMV7291 Datasheet (HTML) - Texas Instruments


LMV7291 Product details

1FEATURES
2• (VS = 1.8V, TA = 25°C, Typical
Values unless Specified)
• Single Supply
• Ultra Low Supply Current 9μA per Channel
• Low Input Bias Current 10nA
• Low Input Offset Current 200pA
• Low ensured V OS 4mV
• Propagation Delay 880ns (20mV Overdrive)
• Input Common Mode Voltage Range 0.1V
beyond Rails

APPLICATIONS
• Mobile Communications
• Laptops and PDA's
• Battery Powered Electronics
• General Purpose Low Voltage Applications

DESCRIPTION
The LMV7291 is a rail-to-rail input low power
comparator, characterized at supply voltage 1.8V,
2.7V and 5.0V. It consumes only 9uA supply current
per channel while achieving a 800ns propagation
delay.
The LMV7291 is available in SC70 package. With this
tiny package, the PC board area can be significantly
reduced. It is ideal for low voltage, low power and
space critical designs.
The LMV7291 features a push-pull output stage
which allows operation with minimum power consumption when driving a load.
The LMV7291 is built with Texas Instruments'
advance submicron silicon-gate BiCMOS process. It
has bipolar inputs for improved noise performance
and CMOS outputs for rail-to-rail output swing.




Similar Part No. - LMV7291

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV7291 NSC-LMV7291 Datasheet
400Kb / 14P
Single 1.8V Low Power Comparator with Rail-to-Rail Input
logo
Texas Instruments
LMV7291 TI1-LMV7291 Datasheet
1Mb / 23P
Single 1.8V Low Power Comparator with Rail-to-Rail Input
logo
National Semiconductor ...
LMV7291MG NSC-LMV7291MG Datasheet
400Kb / 14P
Single 1.8V Low Power Comparator with Rail-to-Rail Input
logo
Texas Instruments
LMV7291MG TI1-LMV7291MG Datasheet
1Mb / 23P
Single 1.8V Low Power Comparator with Rail-to-Rail Input
LMV7291MG/NOPB TI1-LMV7291MG/NOPB Datasheet
1Mb / 23P
Single 1.8V Low Power Comparator with Rail-to-Rail Input
More results


Similar Description - LMV7291

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV7251 NSC-LMV7251 Datasheet
221Kb / 11P
1.8V Low Voltage Comparator with Rail-to-Rail Input
LMV7271 NSC-LMV7271 Datasheet
494Kb / 16P
Single & Dual, 1.8V Low Power Comparators with Rail-to-Rail Input
LMV7291 NSC-LMV7291 Datasheet
400Kb / 14P
Single 1.8V Low Power Comparator with Rail-to-Rail Input
logo
STMicroelectronics
TS3021 STMICROELECTRONICS-TS3021 Datasheet
901Kb / 17P
Rail-to-rail 1.8V high-speed comparator
22-Feb-2007
TS3021_0710 STMICROELECTRONICS-TS3021_0710 Datasheet
901Kb / 16P
Rail-to-rail 1.8V high-speed comparator
17-Oct-2007
logo
National Semiconductor ...
LMV7271 NSC-LMV7271_08 Datasheet
939Kb / 18P
Single & Dual, 1.8V Low Power Comparators with Rail-to-Rail Input
logo
Texas Instruments
LMV7272TL-NOPB TI1-LMV7272TL-NOPB Datasheet
1Mb / 29P
Single & Dual, 1.8V Low Power Comparators with Rail-to-Rail Input
LMV7291 TI1-LMV7291 Datasheet
1Mb / 23P
Single 1.8V Low Power Comparator with Rail-to-Rail Input
LMV7275-Q1 TI-LMV7275-Q1_15 Datasheet
1Mb / 31P
LMV7275-Q1 Automotive Single 1.8-V Low Power Comparator With Rail-to-Rail Input
LMV7275-Q1 TI1-LMV7275-Q1 Datasheet
1Mb / 31P
Automotive Single 1.8-V Low Power Comparator With Rail-to-Rail Input
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com