Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMZ12008 Datasheet (PDF) - Texas Instruments

LMZ12008 Datasheet PDF - Texas Instruments
Part # LMZ12008
Download  LMZ12008 Download
File Size   984.4 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMZ12008 8-A SIMPLE SWITCHER® Power Module With 20-V Maximum Input Voltage

LMZ12008 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMZ12008 Datasheet PDF - Texas Instruments

Part # LMZ12008
Download  LMZ12008 Click to download

File Size   984.4 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMZ12008 8-A SIMPLE SWITCHER® Power Module With 20-V Maximum Input Voltage

LMZ12008 Datasheet (HTML) - Texas Instruments


LMZ12008 Product details

1 Features
1• Integrated Shielded Inductor
• Simple PCB Layout
• Fixed Switching Frequency (350kHz)
• Flexible Start-up Sequencing Using External Softstart,
Tracking and Precision Enable
• Protection Against Inrush Currents and Faults
such as Input UVLO and Output Short Circuit
• Junction Temperature Range –40°C to 125°C
• Single Exposed Pad and Standard Pinout for Easy
Mounting and Manufacturing
• Fully Enabled for WEBENCH® Power Designer
• Pin Compatible With LMZ22010/08/06,
LMZ12010/06, LMZ23610/08/06, and
LMZ13610/08/06
• Electrical Specifications
– 40-W Maximum Total Output Power
– Up to 8-A Output Current
– Input Voltage Range 6 V to 20 V
– Output Voltage Range 0.8 V to 6 V
– Efficiency up to 92%
• Performance Benefits
– High Efficiency Reduces System Heat
Generation
– Low Radiated Emissions (EMI) Tested to
EN55022
NOTE: EN 55022:2006, +A1:2007, FCC Part 15 Subpart B,
tested on Evaluation Board with EMI configuration
– Only 7 External Components
– Low Output Voltage Ripple
– No External Heat Sink Required

2 Applications
• Point-of-load Conversions from 12-V Input Rail
• Time-Critical Projects
• Space Constrained / High Thermal Requirement
Applications
• Negative Output Voltage Applications
See AN-2027 SNVA425.

3 Description
The LMZ12008 SIMPLE SWITCHER® power module
is an easy-to-use step-down DC-DC solution capable
of driving up to 8-A load. The LMZ12008 is available
in an innovative package that enhances thermal
performance and allows for hand or machine
soldering.
The LMZ12008 can accept an input voltage rail
between 6 V and 20 V and can deliver an adjustable
and highly accurate output voltage as low as 0.8 V.
The LMZ12008 only requires two external resistors
and external capacitors to complete the power
solution. The LMZ12008 is a reliable and robust
design with the following protection features: thermal
shutdown, programmable input undervoltage lockout,
output overvoltage protection, short circuit protection,
output current limit, and the device allows start-up
into a prebiased output.




Similar Part No. - LMZ12008

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMZ12008 TI1-LMZ12008 Datasheet
1Mb / 24P
SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
LMZ12008 TI1-LMZ12008 Datasheet
1Mb / 35P
SIMPLE SWITCHER Power Module
LMZ12008TZ TI1-LMZ12008TZ Datasheet
1Mb / 24P
SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
LMZ12008TZ TI1-LMZ12008TZ Datasheet
1Mb / 35P
SIMPLE SWITCHER Power Module
LMZ12008TZ/NOPB TI1-LMZ12008TZ/NOPB Datasheet
1Mb / 35P
SIMPLE SWITCHER Power Module
More results


Similar Description - LMZ12008

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMZ12010 NSC-LMZ12010 Datasheet
1Mb / 22P
10A SIMPLE SWITCHER Power Module with 20V Maximum Input Voltage
LMZ22005 NSC-LMZ22005 Datasheet
1Mb / 22P
5A SIMPLE SWITCHER Power Module with 20V Maximum Input Voltage
LMZ23605TZ NSC-LMZ23605TZ Datasheet
1Mb / 22P
5A SIMPLE SWITCHER Power Module with 36V Maximum Input Voltage
logo
Texas Instruments
LMZ10504 TI-LMZ10504_15 Datasheet
1Mb / 35P
4A SIMPLE SWITCHER Power Module With 5.5-V Maximum Input Voltage
LMZ10505 TI-LMZ10505_15 Datasheet
1Mb / 36P
5A SIMPLE SWITCHER Power Module With 5.5-V Maximum Input Voltage
LMZ12002 TI-LMZ12002_15 Datasheet
1Mb / 31P
2A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage
LMZ12008 TI-LMZ12008_15 Datasheet
1Mb / 35P
LMZ12008 8-A SIMPLE SWITCHER짰 Power Module With 20-V Maximum Input Voltage
LMZ22003 TI-LMZ22003_15 Datasheet
1Mb / 33P
3A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage
LMZ22008 TI-LMZ22008_15 Datasheet
1Mb / 36P
8A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage and Current Sharing
LMZ22005 TI-LMZ22005_15 Datasheet
1Mb / 34P
5A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com