Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV341 Datasheet (PDF) - Texas Instruments

LMV341 Datasheet PDF - Texas Instruments
Part # LMV341
Download  LMV341 Download
File Size   964.4 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS

LMV341 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMV341 Datasheet PDF - Texas Instruments

Part # LMV341
Download  LMV341 Click to download

File Size   964.4 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS

LMV341 Datasheet (HTML) - Texas Instruments


LMV341 Product details

1FEATURES
· Qualified for Automotive Applications
· 2.7-V and 5-V Performance
· Rail-to-Rail Output Swing
· Input Bias Current: 1 pA Typ
· Input Offset Voltage: 0.25 mV Typ
· Low Supply Current: 100 mA Typ
· Gain Bandwidth: 1 MHz Typ
· Slew Rate: 1 V/ms Typ
· Turn-On Time From Shutdown: 5 ms Typ
· Input Referred Voltage Noise (at 10 kHz):
20 nV/√Hz

DESCRIPTION/ORDERING INFORMATION
The LMV341 and LMV344 devices are single and quad CMOS operational amplifiers, respectively, with low
voltage, low power, and rail-to-rail output swing capabilities. The PMOS input stage offers an ultra-low input bias
current of 1 pA (typ) and an offset voltage of 0.25 mV (typ). The single supply amplifier is designed specifically
for low-voltage (2.7 V to 5 V) operation, with a wide common-mode input voltage range that typically extends
from –0.2 V to 0.8 V from the positive supply rail. Additional features are a 20-nV/√Hz voltage noise at 10 kHz,
1-MHz unity-gain bandwidth, 1-V/ms slew rate, and 100-mA current consumption per channel.
An extended industrial temperature range from –40°C to 125°C makes this device suitable for automotive
applications.




Similar Part No. - LMV341

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV341 NSC-LMV341 Datasheet
694Kb / 17P
Single with Shutdown/Dual/Quad General Purpose, 2.7V, Rail-to-Rail Output, 125째C, Operational Amplifiers
logo
Texas Instruments
LMV341 TI-LMV341 Datasheet
871Kb / 27P
RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
LMV341 TI1-LMV341 Datasheet
1Mb / 20P
Single with Shutdown/Dual/Quad General Purpose, 2.7V,Rail-to-Rail Output, 125C, Operational Amplifiers
LMV341 TI-LMV341 Datasheet
996Kb / 30P
RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS
JUNE 2009
LMV341 TI2-LMV341 Datasheet
2Mb / 42P
LMV34x Rail-to-Rail Output CMOS Operational Amplifiers With Shutdown
REVISED JUNE 2025
More results


Similar Description - LMV341

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS461 STMICROELECTRONICS-TS461_05 Datasheet
192Kb / 12P
Output Rail-to-Rail Operational Amplifiers
Mar-2005
logo
Texas Instruments
LMV341-Q1 TI1-LMV341-Q1 Datasheet
680Kb / 24P
RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TS464CDT STMICROELECTRONICS-TS464CDT Datasheet
280Kb / 13P
Output rail-to-rail operational amplifiers
02-Apr-2009
logo
SG Micro Corp
SGM8655 SGMICRO-SGM8655_15 Datasheet
463Kb / 18P
Rail-to-Rail Output CMOS Operational Amplifiers
SGM8931 SGMICRO-SGM8931 Datasheet
365Kb / 16P
Rail-to-Rail Output Operational Amplifiers
SGM8932 SGMICRO-SGM8932 Datasheet
365Kb / 16P
Rail-to-Rail Output Operational Amplifiers
logo
Unisonic Technologies
LV358 UTC-LV358_15 Datasheet
483Kb / 11P
RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
LMV341-Q1 TI-LMV341-Q1_15 Datasheet
1Mb / 27P
RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS
LPV321 TI1-LPV321_13 Datasheet
1Mb / 30P
Rail-to-Rail Output Operational Amplifiers
logo
Unisonic Technologies
LV358 UTC-LV358_17 Datasheet
408Kb / 12P
RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com