Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV796 Datasheet (PDF) - Texas Instruments

LMV796 Datasheet PDF - Texas Instruments
Part # LMV796
Download  LMV796 Download
File Size   801.63 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMV796/LMV796Q/LMV797 17 MHz, Low Noise, CMOS Input, 1.8V Operational Amplifiers

LMV796 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMV796 Datasheet PDF - Texas Instruments

Part # LMV796
Download  LMV796 Click to download

File Size   801.63 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMV796/LMV796Q/LMV797 17 MHz, Low Noise, CMOS Input, 1.8V Operational Amplifiers

LMV796 Datasheet (HTML) - Texas Instruments


LMV796 Product details

1FEATURES
2(Typical 5V Supply, Unless Otherwise Noted)
• Input Referred Voltage Noise 5.8 nV/√Hz
• Input Bias Current 100 fA
• Unity Gain Bandwidth 17 MHz
• Supply Current per Channel
– LMV796/LMV796Q 1.15 mA
– LMV797 1.30 mA
• Rail-to-Rail Output Swing
– @ 10 kΩ Load 25 mV from Rail
– @ 2 kΩ Load 45 mV from Rail
• Guaranteed 2.5V and 5.0V Performance
• Total Harmonic Distortion 0.01% @ 1kHz, 600Ω
• Temperature Range −40°C to 125°C
• LMV796Q is an Automotive Grade Product that
is AEC-Q100 Grade 1 Qualified and is
Manufactured on an Automotive Grade Flow.

APPLICATIONS
• Photodiode Amplifiers
• Active Filters and Buffers
• Low Noise Signal Processing
• Medical Instrumentation
• Sensor Interface Applications
• Automotive

DESCRIPTION
The LMV796/LMV796Q (Single) and the LMV797
(Dual) low noise, CMOS input operational amplifiers
offer a low input voltage noise density of 5.8 nV/√Hz
while consuming only 1.15 mA (LMV796/LMV796Q)
of quiescent current. The LMV796/LMV796Q and
LMV797 are unity gain stable op amps and have gain bandwidth of 17 MHz. The LMV796/LMV796Q/
LMV797 have a supply voltage range of 1.8V to 5.5V
and can operate from a single supply. The
LMV796/LMV796Q/LMV797 each feature a rail-to-rail
output stage capable of driving a 600Ω load and
sourcing as much as 60 mA of current.
The LMV796/LMV796Q family provides optimal
performance in low voltage and low noise systems. A
CMOS input stage, with typical input bias currents in
the range of a few femtoAmperes, and an input
common mode voltage range, which includes ground,
make the LMV796/LMV796Q and the LMV797 ideal
for low power sensor applications.
The LMV796/LMV796Q/LMV797 are manufactured
using TI’s advanced VIP50 process. The LMV796/ LMV796Q are offered in 5–pin SOT-23 package. The
LMV797 is offered in 8–pin VSSOP package.




Similar Part No. - LMV796

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV796 NSC-LMV796 Datasheet
1Mb / 19P
17 MHz, Low Noise, CMOS Input, 1.8V Operational Amplifiers
logo
Texas Instruments
LMV796 TI-LMV796 Datasheet
1Mb / 30P
17 MHz, Low Noise, CMOS Input, 1.8V Operational Amplifiers
LMV796-Q1 TI-LMV796-Q1 Datasheet
1Mb / 30P
17 MHz, Low Noise, CMOS Input, 1.8V Operational Amplifiers
logo
National Semiconductor ...
LMV796MF NSC-LMV796MF Datasheet
1Mb / 19P
17 MHz, Low Noise, CMOS Input, 1.8V Operational Amplifiers
logo
Texas Instruments
LMV796MF/NOPB TI-LMV796MF/NOPB Datasheet
1Mb / 30P
17 MHz, Low Noise, CMOS Input, 1.8V Operational Amplifiers
More results


Similar Description - LMV796

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV791 NSC-LMV791 Datasheet
1,005Kb / 16P
17 MHz, Low Noise, CMOS Input, 1.8V Operational Amplifier
LMV792 NSC-LMV792 Datasheet
1Mb / 21P
17 MHz, Low Noise, CMOS Input, 1.8V Operational Amplifiers
LMV796 NSC-LMV796 Datasheet
1Mb / 19P
17 MHz, Low Noise, CMOS Input, 1.8V Operational Amplifiers
LMV793 NSC-LMV793 Datasheet
632Kb / 22P
88 MHz, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifiers
LMP7717 NSC-LMP7717_08 Datasheet
1Mb / 24P
88 MHz, Precision, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifier
logo
Texas Instruments
LMV796 TI-LMV796_15 Datasheet
1,015Kb / 29P
LMV796/LMV796Q/LMV797 17 MHz, Low Noise, CMOS Input, 1.8V Operational Amplifiers
LMV796 TI-LMV796_15 Datasheet
1Mb / 30P
17 MHz, Low Noise, CMOS Input, 1.8V Operational Amplifiers
LMV791 TI1-LMV791 Datasheet
1Mb / 34P
17-MHz, Low-Noise, CMOS Input, 1.8-V Operational Amplifiers
LMP7717 TI1-LMP7717 Datasheet
1Mb / 37P
88 MHz, Precision, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifier
LMV793 TI1-LMV793 Datasheet
1Mb / 34P
LMV793/LMV794 88 MHz, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com