Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2960 Datasheet (PDF) - Texas Instruments

LP2960 Datasheet PDF - Texas Instruments
Part # LP2960
Download  LP2960 Download
File Size   791.36 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP2960 Adjustable Micropower 0.5A Low-Dropout Regulators

LP2960 Datasheet (PDF)

Go To PDF Page Download Datasheet
LP2960 Datasheet PDF - Texas Instruments

Part # LP2960
Download  LP2960 Click to download

File Size   791.36 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP2960 Adjustable Micropower 0.5A Low-Dropout Regulators

LP2960 Datasheet (HTML) - Texas Instruments


LP2960 Product details

1FEATURES
2• Output Voltage Adjusts from 1.23V–29V
• Ensured 500 mA Output Current
• 5V and 3.3V Versions Available
• 16-Pin SO Package
• Low Dropout Voltage
• Low Quiescent Current
• Tight Line and Load Regulation
• Low Temperature Coefficient
• Current Limiting and Thermal Protection
• Logic-Level Shutdown
• Can be Wired for Snap-ON and Snap-OFF
• Reverse Battery Protection

APPLICATIONS
• High-Efficiency Linear Regulator
• Regulator with Under-Voltage Shutdown
• Low Dropout Battery-Powered Regulator
• Cellular Telephones

DESCRIPTION
The LP2960 is a micropower voltage regulator with
very low dropout voltage (12 mV typical at 1 mA load
and 470 mV typical at 500 mA load) and very low
quiescent current (450 μA typical at 1 mA load).
The LP2960 is ideally suited for battery-powered
systems: the quiescent current increases only slightly
at dropout, which prolongs battery life.
The LP2960 retains all the desirable characteristics of
the LP2953, and offers increased output current.
The error flag goes low any time the output drops
more than 5% out of regulation.
Reverse battery protection is provided.
The LP2960 requires only 10 μF of output
capacitance for stability (5V version).
The internal voltage reference is made available for
external use, providing a low-T.C. reference with very
good regulation characteristics.
The part is available in a 16-pin surface mount
(SOIC) package.




Similar Part No. - LP2960

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2960 NSC-LP2960 Datasheet
452Kb / 17P
Adjustable Micropower 0.5A Low-Dropout Regulators
logo
Texas Instruments
LP2960 TI1-LP2960 Datasheet
1Mb / 24P
LP2960 Adjustable Micropower 0.5A Low-Dropout Regulators
LP2960 TI1-LP2960 Datasheet
1Mb / 24P
Adjustable Micropower 0.5A Low-Dropout Regulators
logo
National Semiconductor ...
LP2960AIM-3.3 NSC-LP2960AIM-3.3 Datasheet
452Kb / 17P
Adjustable Micropower 0.5A Low-Dropout Regulators
logo
Texas Instruments
LP2960AIM-3.3 TI1-LP2960AIM-3.3 Datasheet
1Mb / 24P
LP2960 Adjustable Micropower 0.5A Low-Dropout Regulators
More results


Similar Description - LP2960

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2952 NSC-LP2952 Datasheet
1Mb / 22P
Adjustable Micropower Low-Dropout Voltage Regulators
LP2960 NSC-LP2960 Datasheet
452Kb / 17P
Adjustable Micropower 0.5A Low-Dropout Regulators
logo
Linear Technology
RH1086M LINER-RH1086M Datasheet
164Kb / 4P
0.5A and 1.5A Low Dropout Positive Adjustable Regulators
RH1086M LINER-RH1086M_1 Datasheet
89Kb / 6P
0.5A and 1.5A Low Dropout Positive Adjustable Regulators
logo
Texas Instruments
LP2952 TI1-LP2952 Datasheet
1Mb / 24P
Adjustable Micropower Low-Dropout Voltage Regulators
LP2953QML TI1-LP2953QML Datasheet
439Kb / 24P
Adjustable Micropower Low-Dropout Voltage Regulators
LP2960IMX-33 TI1-LP2960IMX-33 Datasheet
1Mb / 24P
LP2960 Adjustable Micropower 0.5A Low-Dropout Regulators
logo
Linear Technology
RH1086M LINER-RH1086M_15 Datasheet
94Kb / 6P
0.5A and 1.5A Low Dropout Positive Adjustable Regulators
logo
Texas Instruments
LP2953QML TI1-LP2953QML_16 Datasheet
763Kb / 26P
Adjustable Micropower Low-Dropout Voltage Regulators
LP2960 TI1-LP2960 Datasheet
1Mb / 24P
Adjustable Micropower 0.5A Low-Dropout Regulators
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com