Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP38511-ADJ Datasheet (PDF) - Texas Instruments

LP38511-ADJ Datasheet PDF - Texas Instruments
Part # LP38511-ADJ
Download  LP38511-ADJ Download
File Size   986.91 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP38511-ADJ 800mA Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator

LP38511-ADJ Datasheet (PDF)

Go To PDF Page Download Datasheet
LP38511-ADJ Datasheet PDF - Texas Instruments

Part # LP38511-ADJ
Download  LP38511-ADJ Click to download

File Size   986.91 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP38511-ADJ 800mA Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator

LP38511-ADJ Datasheet (HTML) - Texas Instruments


LP38511-ADJ Product details

1FEATURES
2• 2.25V to 5.5V Input Voltage Range
• Adjustable Output Voltage Range of 0.5V to
3.3V
• 800mA Output Load Current
• ±2.0% Accuracy over Line, Load, and Full-
Temperature Range from -40°C to +125°C
• Stable with Tiny 10 uF Ceramic Capacitors
• Enable Pin
• Typically Less than 1uA of Ground Pin Current highestwith
Enable Pin Low
• 25dB of PSRR at 100 kHz
• Over-Temperature and Over-Current
Protection
• 8-Pin SO PowerPad and 5-Pin PFM Surface
Mount Packages

APPLICATIONS
• Digital Core ASICs, FPGAs, and DSPs
• Servers
• Routers and Switches
• Base Stations
• Storage Area Networks
• DDR2 Memory

DESCRIPTION
The LP38511-ADJ Fast-Transient Response Low-
Dropout Voltage Regulator offers the highestwith
performance in meeting AC and DC accuracy
requirements for powering Digital Cores. The
LP38511-ADJ uses a proprietary control loop that
enables extremely fast response to change in line
conditions and load demands. Output Voltage DC
accuracy is specified at 2.5% over line, load and full
temperature range from -40°C to +125°C. The
LP38511-ADJ is designed for inputs from the 2.5V,
3.3V, and 5.0V rail, is stable with 10 uF ceramic
capacitors, and has an adjustable output voltage. The
LP38511-ADJ provides excellent transient
performance to meet the demand of high
performance digital core ASICs, DSPs, and FPGAs
found in highly-intensive applications such as servers,
routers/switches, and base stations.




Similar Part No. - LP38511-ADJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP38511-ADJ NSC-LP38511-ADJ Datasheet
403Kb / 14P
800mA Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
logo
Texas Instruments
LP38511-ADJ TI-LP38511-ADJ Datasheet
1Mb / 21P
LP38511-ADJ 800mA Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
LP38511-ADJ TI1-LP38511-ADJ Datasheet
1Mb / 21P
LP38511-ADJ 800mA Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
LP38511-ADJ TI1-LP38511-ADJ Datasheet
1Mb / 23P
800mA Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
LP38511-ADJ TI1-LP38511-ADJ_16 Datasheet
1Mb / 23P
800mA Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
More results


Similar Description - LP38511-ADJ

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G958 GMT-G958 Datasheet
149Kb / 7P
800mA Adjustable Low-Dropout Linear Regulator
logo
National Semiconductor ...
LP38511-ADJ NSC-LP38511-ADJ Datasheet
403Kb / 14P
800mA Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
LP38512-ADJ NSC-LP38512-ADJ Datasheet
388Kb / 14P
1.5A Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
LP38513-ADJ NSC-LP38513-ADJ Datasheet
382Kb / 12P
3A Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
logo
Texas Instruments
LP38511MR-ADJ TI-LP38511MR-ADJ Datasheet
1Mb / 21P
LP38511-ADJ 800mA Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
logo
Anpec Electronics Corop...
APL1087 ANPEC-APL1087_08 Datasheet
360Kb / 16P
800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed
logo
Texas Instruments
LP38511TJ-ADJ TI1-LP38511TJ-ADJ Datasheet
1Mb / 21P
LP38511-ADJ 800mA Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
LP38511-ADJ TI1-LP38511-ADJ_16 Datasheet
1Mb / 23P
800mA Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
LP38512-ADJ TI1-LP38512-ADJ Datasheet
1Mb / 24P
1.5A Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
LP38513-ADJ TI1-LP38513-ADJ Datasheet
1Mb / 18P
3A Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com