Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP38841-ADJ Datasheet (PDF) - Texas Instruments

LP38841-ADJ Datasheet PDF - Texas Instruments
Part # LP38841-ADJ
Download  LP38841-ADJ Download
File Size   862.18 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP38841-ADJ 0.8A Ultra Low Dropout Adjustable Linear Regulators Stable with Ceramic Output Capacitors

LP38841-ADJ Datasheet (PDF)

Go To PDF Page Download Datasheet
LP38841-ADJ Datasheet PDF - Texas Instruments

Part # LP38841-ADJ
Download  LP38841-ADJ Click to download

File Size   862.18 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP38841-ADJ 0.8A Ultra Low Dropout Adjustable Linear Regulators Stable with Ceramic Output Capacitors

LP38841-ADJ Datasheet (HTML) - Texas Instruments


LP38841-ADJ Product details

1FEATURES
2• Ideal for Conversion from 1.8V or 1.5V Inputs
• Designed for Use with Low ESR Ceramic
Capacitors
• Ultra Low Dropout Voltage (75mV @ 0.8A Typ)
• 0.56V to 1.5V Adjustable Output Range
• Load Regulation of 0.1%/A (Typ)
• 30nA Quiescent Current in Shutdown (Typ)
• Low Ground Pin Current at all Loads
• Over Temperature/Over Current Protection
• Available in 8 Lead SO
• −40°C to +125°C Junction Temperature Range
• UVLO Disables Output when VBIAS < 3.8V

APPLICATIONS
• ASIC Power Supplies In:
– Desktops, Notebooks, and Graphics Cards,
Servers
– Gaming Set Top Boxes, Printers and
Copiers
• Server Core and I/O Supplies
• DSP and FPGA Power Supplies
• SMPS Post-Regulators

DESCRIPTION
The LP38841-ADJ is a high current, fast response
regulator which can maintain output voltage
regulation with minimum input to output voltage drop.
Fabricated on a CMOS process, the device operates
from two input voltages: Vbias provides voltage to
drive the gate of the N-MOS power transistor, while
Vin is the input voltage which supplies power to the
load. The use of an external bias rail allows the part
to operate from ultra low Vin voltages. Unlike bipolar
regulators, the CMOS architecture consumes
extremely low quiescent current at any output load current. The use of an N-MOS power transistor
results in wide bandwidth, yet minimum external
capacitance is required to maintain loop stability.
The fast transient response of these devices makes
them suitable for use in powering DSP,
Microcontroller Core voltages and Switch Mode
Power Supply post regulators. The parts are available
in the SO package.
Dropout Voltage: 75 mV (typ) @ 0.8A load current.
Quiescent Current: 30 mA (typ) at full load.
Shutdown Current: 30 nA (typ) when S/D pin is low.
Precision Reference Voltage: 1.5% room
temperature accuracy.




Similar Part No. - LP38841-ADJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP38841-ADJ NSC-LP38841-ADJ Datasheet
256Kb / 10P
0.8A Ultra Low Dropout Adjustable Linear Regulators Stable with Ceramic Output Capacitors
logo
Texas Instruments
LP38841-ADJ TI-LP38841-ADJ Datasheet
843Kb / 15P
0.8A Ultra Low Dropout Adjustable Linear Regulators Stable with Ceramic Output Capacitors
LP38841-ADJ TI-LP38841-ADJ_15 Datasheet
843Kb / 15P
0.8A Ultra Low Dropout Adjustable Linear Regulators Stable with Ceramic Output Capacitors
More results


Similar Description - LP38841-ADJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP38841 NSC-LP38841 Datasheet
595Kb / 10P
0.8A Ultra Low Dropout Linear Regulators Stable with Ceramic Output Capacitors
LP38842-ADJ NSC-LP38842-ADJ Datasheet
594Kb / 8P
1.5A Ultra Low Dropout Adjustable Linear Regulators Stable with Ceramic Output Capacitors
LP38841-ADJ NSC-LP38841-ADJ Datasheet
256Kb / 10P
0.8A Ultra Low Dropout Adjustable Linear Regulators Stable with Ceramic Output Capacitors
logo
Texas Instruments
LP38690-ADJ TI1-LP38690-ADJ Datasheet
1Mb / 22P
LP38692-ADJ 1A Low Dropout CMOS Linear Regulators with Adjustable Output Stable with Ceramic Output Capacitors
LP38693SD-ADJ TI1-LP38693SD-ADJ Datasheet
1Mb / 22P
LP38693-ADJ 500mA Low Dropout CMOS Linear Regulators with Adjustable Output Stable with Ceramic Output Capacitors
LP38841 TI1-LP38841 Datasheet
1Mb / 18P
0.8A Ultra Low Dropout Linear Regulators Stable with Ceramic Output Capacitors
LP38841 TI-LP38841_15 Datasheet
1Mb / 17P
LP38841 0.8A Ultra Low Dropout Linear Regulators Stable with Ceramic Output Capacitors
LP38841-ADJ TI-LP38841-ADJ_15 Datasheet
843Kb / 15P
0.8A Ultra Low Dropout Adjustable Linear Regulators Stable with Ceramic Output Capacitors
LP38842-ADJ TI-LP38842-ADJ_15 Datasheet
846Kb / 15P
1.5A Ultra Low Dropout Adjustable Linear Regulators Stable with Ceramic Output Capacitors
LP38841 TI1-LP38841_16 Datasheet
1Mb / 17P
0.8A Ultra Low Dropout Linear Regulators Stable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com