Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3883ESX-1.2/NOPB Datasheet (PDF) - Texas Instruments

LP3883ESX-1.2/NOPB Datasheet PDF - Texas Instruments
Part # LP3883ESX-1.2/NOPB
Download  LP3883ESX-1.2/NOPB Download
File Size   854.49 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP3883 3A Fast-Response Ultra Low Dropout Linear Regulators

LP3883ESX-1.2/NOPB Datasheet (PDF)

Go To PDF Page Download Datasheet
LP3883ESX-1.2/NOPB Datasheet PDF - Texas Instruments

Part # LP3883ESX-1.2/NOPB
Download  LP3883ESX-1.2/NOPB Click to download

File Size   854.49 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP3883 3A Fast-Response Ultra Low Dropout Linear Regulators

LP3883ESX-1.2/NOPB Datasheet (HTML) - Texas Instruments


LP3883ESX-1.2/NOPB Product details

1FEATURES
2• Ultra Low Dropout Voltage (210 mV @ 3A typ)
• Low Ground Pin Current
• Load Regulation of 0.04%/A
• 60 nA Typical Quiescent Current in Shutdown
• 1.5% Output Accuracy (25°C)
• TO-220, DDPAK/TO-263 Packages
• Over Temperature/over Current Protection
• −40°C to +125°C Junction Temperature Range

APPLICATIONS
• DSP Power Supplies
• Server Core and I/O Supplies
• Linear Power Supplies for PC Add-in-Cards
• Set-Top Box Power Supplies
• Microprocessor Power Supplies
• High Efficiency Linear Power Supplies
• SMPS Post-Regulators

DESCRIPTION
The LP3883 is a high-current, fast-response regulator
which can maintain output voltage regulation with
minimum input to output voltage drop. Fabricated on
a CMOS process, the device operates from two input
voltages: Vbias provides voltage to drive the gate of
the N-MOS power transistor, while Vin is the input voltage which supplies power to the load. The use of
an external bias rail allows the part to operate from
ultra low Vin voltages. Unlike bipolar regulators, the
CMOS architecture consumes extremely low
quiescent current at any output load current. The use
of an N-MOS power transistor results in wide bandwidth, yet minimum external capacitance is
required to maintain loop stability.
The fast transient response of these devices makes
them suitable for use in powering DSP,
Microcontroller Core voltages and Switch Mode
Power Supply post regulators. The parts are available
in TO-220 and DDPAK/TO-263 packages.
Dropout Voltage: 210 mV (typ) @ 3A load current.
Ground Pin Current: 3 mA (typ) at full load.
Shutdown Current: 60 nA (typ) when S/D pin is low.
Precision Output Voltage: 1.5% room temperature
accuracy.




Similar Part No. - LP3883ESX-1.2/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3883ESX-1.2/NOPB TI-LP3883ESX-1.2/NOPB Datasheet
1Mb / 19P
3A Fast-Response Ultra Low Dropout Linear Regulators
More results


Similar Description - LP3883ESX-1.2/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3853 NSC-LP3853 Datasheet
417Kb / 18P
3A Fast Response Ultra Low Dropout Linear Regulators
LP3883 NSC-LP3883 Datasheet
367Kb / 12P
3A Fast-Response Ultra Low Dropout Linear Regulators
LP3893 NSC-LP3893 Datasheet
342Kb / 12P
3A Fast-Response Ultra Low Dropout Linear Regulators
LP3856-ADJ NSC-LP3856-ADJ Datasheet
745Kb / 15P
3A Fast Response Ultra Low Dropout Linear Regulators
LP3963 NSC-LP3963_06 Datasheet
769Kb / 17P
3A Fast Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3853ET-33 TI1-LP3853ET-33 Datasheet
2Mb / 25P
LP3853/LP3856 3A Fast Response Ultra Low Dropout Linear Regulators
LP3856-ADJ TI-LP3856-ADJ_15 Datasheet
1Mb / 22P
3A Fast Response Ultra Low Dropout Linear Regulators
LP3873 TI-LP3873_15 Datasheet
2Mb / 24P
3A Fast Ultra Low Dropout Linear Regulators
LP3883 TI-LP3883_15 Datasheet
1Mb / 19P
3A Fast-Response Ultra Low Dropout Linear Regulators
LP3893 TI-LP3893_15 Datasheet
1Mb / 16P
3A Fast-Response Ultra Low Dropout Linear Regulators
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com