Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP38869 Datasheet (PDF) - Texas Instruments

LP38869 Datasheet PDF - Texas Instruments
Part # LP38869
Download  LP38869 Download
File Size   851.18 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP38869 1A FlexCap, Low-Dropout Linear Regulator with 0.75% Accuracy

LP38869 Datasheet (PDF)

Go To PDF Page Download Datasheet
LP38869 Datasheet PDF - Texas Instruments

Part # LP38869
Download  LP38869 Click to download

File Size   851.18 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP38869 1A FlexCap, Low-Dropout Linear Regulator with 0.75% Accuracy

LP38869 Datasheet (HTML) - Texas Instruments


LP38869 Product details

1FEATURES
2• Operating Input Supply Range: +2.7V to + 5.5V
• Maximum Continuous Output Current: 1A
• Preset Output Voltage of 2.5V, or Adjustable
Output Voltage From 0.8V to 5.0V
• Pre-Set Output Initial V OUT Tolerance ±0.5%
• Adjustable VREF Tolerance of ±0.75%
• PSRR of 50dB at 100kHz
• Low 200 mV Dropout at 1A
• Typical 2 μA Supply Current in Shutdown
Mode
• Adjustable Soft-Start for Output Current
• Fold-Back Output Current Limit
• Stable With Ceramic, Tantalum, or Aluminum
Capacitors
• Stable With 1uF Input/Output Capacitors
• Thermal Shutdown
• 16-pin HTSSOP Package

APPLICATIONS
• DSA, FPGA and MCU Power Supply
• SMPS Post-Regulator
• Applications Requiring Sequencing
• Gibabit SERDES Termination Supply

DESCRIPTION
The LP38869 low-dropout linear regulator operates
with an input voltage supply from +2.7V to +5.5V
input, and delivers a specified 1A load current with a
low 200 mV dropout. The high 50 dB PSRR at 100
kHz results from a high gain control loop that also
yields excellent transient response. Coupled with a
high accuracy output voltage, ±0.75 % over
temperature, the LP38869 is an ideal power supply
for FPGAs, DSPs or MCUs. Output voltage is preset
at +2.5V, or may be adjustable between +0.8V to +5V
with an external resistor divider.
The LP38869 only needs 1 μF output capacitance for
stability. The FlexCap compensation allows the use of
any type of output capacitor, regardless of ESR.
Other features include: Soft-Start; delayed reset
output; low-power shutdown; short-circuit protection;
and thermal shutdown protection
Ground Pin Current: Typically less than 1 mA at 1A
load
Shutdown Mode: Typically 2 μA quiescent current
when the SHDN pin is pulled low.
Simplified Compensation: Stable with any type of
output capacitor.




Similar Part No. - LP38869

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP38869 TI-LP38869 Datasheet
1Mb / 23P
1A FlexCap, Low-Dropout Linear Regulator with 0.75% Accuracy
LP38869MH/NOPB TI-LP38869MH/NOPB Datasheet
1Mb / 23P
1A FlexCap, Low-Dropout Linear Regulator with 0.75% Accuracy
LP38869MHE/NOPB TI-LP38869MHE/NOPB Datasheet
1Mb / 23P
1A FlexCap, Low-Dropout Linear Regulator with 0.75% Accuracy
LP38869MHX/NOPB TI-LP38869MHX/NOPB Datasheet
1Mb / 23P
1A FlexCap, Low-Dropout Linear Regulator with 0.75% Accuracy
LP38869 TI-LP38869_15 Datasheet
1Mb / 23P
1A FlexCap, Low-Dropout Linear Regulator with 0.75% Accuracy
More results


Similar Description - LP38869

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G1117-XX GMT-G1117-XX Datasheet
266Kb / 6P
1A Low-Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1117 BCDSEMI-AZ1117_12 Datasheet
1Mb / 27P
1A LOW DROPOUT LINEAR REGULATOR
logo
Texas Instruments
LP38869 TI-LP38869_15 Datasheet
1Mb / 23P
1A FlexCap, Low-Dropout Linear Regulator with 0.75% Accuracy
logo
ZP Semiconductor
CJB1117-1.5 ZPSEMI-CJB1117-1.5 Datasheet
1Mb / 8P
1A LOW DROPOUT LINEAR REGULATOR
CJB1117-ADJ ZPSEMI-CJB1117-ADJ Datasheet
1Mb / 8P
1A LOW DROPOUT LINEAR REGULATOR
logo
National Semiconductor ...
LMS8117 NSC-LMS8117 Datasheet
330Kb / 16P
1A Low-Dropout Linear Regulator
July 2000
logo
Shenzhen Huazhimei Semi...
HM1084 HMSEMI-HM1084 Datasheet
810Kb / 9P
1A low dropout linear regulator
logo
TECH PUBLIC Electronics...
AMS1117-1.8 TECHPUBLIC-AMS1117-1.8 Datasheet
2Mb / 8P
1A LOW DROPOUT LINEAR REGULATOR
AMS1117-5.0 TECHPUBLIC-AMS1117-5.0 Datasheet
2Mb / 8P
1A LOW DROPOUT LINEAR REGULATOR
LD1117-5.0 TECHPUBLIC-LD1117-5.0 Datasheet
2Mb / 8P
1A LOW DROPOUT LINEAR REGULATOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com