Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3981 Datasheet (PDF) - Texas Instruments

LP3981 Datasheet PDF - Texas Instruments
Part # LP3981
Download  LP3981 Download
File Size   795.48 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP3981 Micropower, 300-mA Ultra-Low-Dropout CMOS Voltage Regulator

LP3981 Datasheet (PDF)

Go To PDF Page Download Datasheet
LP3981 Datasheet PDF - Texas Instruments

Part # LP3981
Download  LP3981 Click to download

File Size   795.48 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP3981 Micropower, 300-mA Ultra-Low-Dropout CMOS Voltage Regulator

LP3981 Datasheet (HTML) - Texas Instruments


LP3981 Product details

1 Features
1• 2.5-V to 6-V Input Range
• 300-mA Output Current
• 60-dB PSRR at 1 kHz
• ≤ 1-μA Quiescent Current When Shut Down
• Fast Turnon Time: 120 μs (typical) with CBYPASS =
0.01 μF
• 132-mV Typical Dropout with 300-mA Load
• 35-μVrms Output Noise Over 10 Hz to 100 kHz
• Logic Controlled Enable
• Stable With Ceramic and High-Quality Tantalum
Capacitors
• Thermal Shutdown and Short-Circuit Current Limit
• Low Thermal Resistance in WSON-6 Package
Gives Excellent Power Capability

2 Applications
• CDMA Cellular Handsets
• Wideband CDMA Cellular Handsets
• GSM Cellular Handsets
• Portable Information Appliances

3 Description
Performance of the LP3981 device is optimized for
battery-powered systems to deliver ultra-low-noise, extremely low dropout voltage, and low quiescent
current. Regulator ground current increases only
slightly in dropout, further prolonging the battery life.
Power supply rejection is better than 60 dB at low
frequencies. This high power supply rejection is
maintained down to lower input voltage levels
common to battery-operated circuits.
The device is ideal for mobile phone and similar
battery-powered wireless applications. It provides up
to 300 mA, from a 2.5-V to 6-V input, consuming less
than 1 μA in disable mode.
The LP3981 is available in 8-pin VSSOP-8 and 6-pin
WSON packages. Performance is specified for −40°C
to +125°C temperature range. The device available in
the following output voltages: 2.5 V, 2.7 V, 2.8 V,
2.83 V, 3 V, 3.03 V and 3.3 V as standard. Other
output options can be made available; contact your local TI sales office for more information.




Similar Part No. - LP3981

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3981 NSC-LP3981 Datasheet
339Kb / 11P
Micropower, 300mA Ultra Low-Dropout CMOS Voltage
logo
Lowpower Semiconductor ...
LP3981 POWER-LP3981 Datasheet
348Kb / 8P
300mA,Ultra-low noise, Small Package Ultra-Fast CMOS LDO Regulator
logo
Texas Instruments
LP3981 TI-LP3981 Datasheet
1Mb / 21P
LP3981 Micropower, 300mA Ultra Low-Dropout CMOS Voltage Regulator
LP3981 TI-LP3981 Datasheet
1Mb / 21P
LP3981 Micropower, 300mA Ultra Low-Dropout CMOS Voltage Regulator
LP3981 TI-LP3981 Datasheet
1Mb / 21P
LP3981 Micropower, 300mA Ultra Low-Dropout CMOS Voltage Regulator
More results


Similar Description - LP3981

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3982IMMX-ADJ TI-LP3982IMMX-ADJ Datasheet
950Kb / 23P
LP3982 Micropower, Ultra Low-Dropout, Low-Noise, 300 mA CMOS Regulator
LP3982IMM-ADJ TI-LP3982IMM-ADJ Datasheet
950Kb / 23P
LP3982 Micropower, Ultra Low-Dropout, Low-Noise, 300 mA CMOS Regulator
LP3981IMM-3.3 TI-LP3981IMM-3.3 Datasheet
1Mb / 21P
LP3981 Micropower, 300mA Ultra Low-Dropout CMOS Voltage Regulator
LP3981IMM-2.5 TI-LP3981IMM-2.5 Datasheet
1Mb / 21P
LP3981 Micropower, 300mA Ultra Low-Dropout CMOS Voltage Regulator
LP3981ILD-3.3 TI-LP3981ILD-3.3 Datasheet
1Mb / 21P
LP3981 Micropower, 300mA Ultra Low-Dropout CMOS Voltage Regulator
LP3982IMM-1.8 TI-LP3982IMM-1.8 Datasheet
950Kb / 23P
LP3982 Micropower, Ultra Low-Dropout, Low-Noise, 300 mA CMOS Regulator
LP3981 TI-LP3981_15 Datasheet
1Mb / 25P
LP3981 Micropower, 300-mA Ultra-Low-Dropout CMOS Voltage Regulator
LP3982 TI-LP3982_15 Datasheet
839Kb / 25P
LP3982 Micropower, Ultra-Low-Dropout, Low-Noise, 300-mA CMOS Regulator
LP3981 TI1-LP3981_16 Datasheet
1Mb / 25P
Micropower, 300-mA Ultra-Low-Dropout CMOS Voltage Regulator
LP3982 TI1-LP3982_16 Datasheet
1Mb / 28P
Micropower, Ultra-Low-Dropout, Low-Noise, 300-mA CMOS Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com