Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5951MFX-1.3/NOPB Datasheet (PDF) - Texas Instruments

LP5951MFX-1.3/NOPB Datasheet PDF - Texas Instruments
Part # LP5951MFX-1.3/NOPB
Download  LP5951MFX-1.3/NOPB Download
File Size   902.03 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP5951 Micropower, 150-mA Low-Dropout CMOS Voltage Regulator

LP5951MFX-1.3/NOPB Datasheet (PDF)

Go To PDF Page Download Datasheet
LP5951MFX-1.3/NOPB Datasheet PDF - Texas Instruments

Part # LP5951MFX-1.3/NOPB
Download  LP5951MFX-1.3/NOPB Click to download

File Size   902.03 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP5951 Micropower, 150-mA Low-Dropout CMOS Voltage Regulator

LP5951MFX-1.3/NOPB Datasheet (HTML) - Texas Instruments


LP5951MFX-1.3/NOPB Product details

1 Features
1• Input Voltage Range: 1.8 V to 5.5 V
• Output Voltage Range: 1.3 V to 3.7 V
• Excellent Line Transient Response: ±2 mV
(typical)
• Excellent PSRR: –60 dB at 1 kHz typical
• Low Quiescent Current of 29 μA typical
• Small SC70-5 and SOT-23-5 Packages
• Fast Turnon Time of 30 μs typ.
• Typical < 1 nA Quiescent Current in Shutdown
• Ensured 150-mA Output Current
• Logic Controlled Enable 0.4 V/0.9 V
• Good Load Transient Response of 50 mVpp
(typical)
• Thermal Overload and Short-Circuit Protection
• -40°C to 125°C Junction Temperature Range

2 Applications
General Purpose

3 Description
The LP5951 regulator is designed to meet the
requirements of portable battery-powered systems providing a regulated output voltage and low
quiescent current. When switched to shutdown mode
via a logic signal at the Enable (EN) pin, the power
consumption is reduced to virtually zero.
The LP5951 is designed to be stable with small 1-μF
ceramic capacitors. The device also features internal
protection against short-circuit currents and over- temperature conditions.
Performance is specified for a –40°C to 125°C
temperature range.
The device is available in fixed output voltages in the
range of 1.3 V to 3.7 V. For availability, please
contact your local TI sales office.




Similar Part No. - LP5951MFX-1.3/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP5951MFX-1.3/NOPB TI1-LP5951MFX-1.3/NOPB Datasheet
1Mb / 26P
LP5951 Micropower, 150mA Low-Dropout CMOS Voltage Regulator
More results


Similar Description - LP5951MFX-1.3/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP5951MG-1.8 TI1-LP5951MG-1.8 Datasheet
1Mb / 26P
LP5951 Micropower, 150mA Low-Dropout CMOS Voltage Regulator
37136 TI-37136 Datasheet
933Kb / 17P
Micropower 150 mA Low-Noise Low-Dropout Regulator
logo
ON Semiconductor
NCP103 ONSEMI-NCP103 Datasheet
677Kb / 15P
150 mA CMOS Low Dropout Regulator
May, 2015 ??Rev. 9
logo
Texas Instruments
LP3985 TI-LP3985_15 Datasheet
1Mb / 33P
LP3985 Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
LP3984 TI1-LP3984 Datasheet
1Mb / 19P
Micropower 150 mA Ultra Low-Dropout CMOS Voltage Regulator in Subminiature
LP3985 TI1-LP3985 Datasheet
1Mb / 33P
Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
LP3987 TI1-LP3987 Datasheet
1Mb / 21P
Micropower DSBGA 150-mA Ultra Low-Dropout CMOS Voltage Regulator
LP3988 TI1-LP3988 Datasheet
1Mb / 25P
Micropower, 150-mA Ultra-Low-Dropout CMOS Voltage Regulator
logo
ON Semiconductor
NCP103 ONSEMI-NCP103_16 Datasheet
676Kb / 15P
150 mA CMOS Low Dropout Regulator
September, 2016 ??Rev. 11
logo
Texas Instruments
LP3985 TI1-LP3985_16 Datasheet
1Mb / 32P
Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com