Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP430L092 Datasheet (PDF) - Texas Instruments

MSP430L092 Datasheet PDF - Texas Instruments
Part # MSP430L092
Download  MSP430L092 Download
File Size   824.37 Kbytes
Page   48 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description MIXED SIGNAL MICROCONTROLLER

MSP430L092 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSP430L092 Datasheet PDF - Texas Instruments

Part # MSP430L092
Download  MSP430L092 Click to download

File Size   824.37 Kbytes
Page   48 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description MIXED SIGNAL MICROCONTROLLER

MSP430L092 Datasheet (HTML) - Texas Instruments


MSP430L092 Product details

1FEATURES
• Ultra-Low Supply Voltage (ULV) Range
– 0.9 V to 1.5 V (1 MHz)
– 1.5 V to 1.65 V (4 MHz)
• Low Power Consumption
– Active Mode (AM): 45 μA/MHz (1.3 V)
– Standby Mode (LPM3, WDT_A Mode): 6 μA
– Off Mode (LPM4): 3 μA
• Wake-Up From LPMx in Less Than 5 μs
• 16-Bit RISC Architecture
– Extended Instructions
– Up to 4-MHz System Clock
• Compact Clock System
– 1-MHz Internal Trimmable High-Frequency
Clock
– 20-kHz Internal Low-Frequency Clock
Source
– External Clock Input
• 16-Bit Timer0_A3 With Three Capture/Compare
Registers
• 16-Bit Timer1_A3 With Three Capture/Compare
Registers
• ULV Analog Pool Modes
– 8-Bit Analog-to-Digital Converter (ADC)
– 8-Bit Digital-to-Analog Converter (DAC)
– Programmable Comparator (COMP)
– Supply Voltage Monitor (SVM)
– Temperature Sensor
– Internal Reference Voltage Source
• ULV Port Logic
– VOL Better Than 0.15 V at 2.5 mA
– VOH Better Than VCC – 0.15 V at 1 mA
– Timer0 PWM Signal Available on All Ports
– Timer1 PWM Signal Available on All Ports
• ULV Brownout Circuit (BOR)
• ULV RAM Retention Voltage Below BOR Level
• 32-Bit Watchdog Timer (WDT-A)
• Bootstrap Loader in MSP430L092
Development/Prototyping Device
• Full Four-Wire JTAG Debug Interface
• Family Members Include
– MSP430C091
– 1KB ROM Memory
– 128 Bytes RAM + 96 Bytes CRAM
(Lockable)
– MSP430C092
– 2KB ROM Memory
– 128 Bytes RAM + 96 Bytes CRAM
(Lockable)
– MSP430L092
– 2KB Loader ROM With Service
Functions
– 2KB RAM
(1792 + 128 + 96 Bytes Lockable)
• For Complete Module Descriptions, See the
MSP430x09x Family User’s Guide (SLAU321)

DESCRIPTION
The Texas Instruments MSP430 family of ultra-low-power microcontrollers consists of several devices featuring
different sets of peripherals targeted for various applications. The architecture, combined with five low-power
modes, is optimized to achieve extended battery life in portable measurement applications. The device features a
powerful 16-bit RISC CPU, 16-bit registers, and constant generators that contribute to maximum code efficiency.
The digitally controlled internal oscillators allow wake-up from low-power modes to active mode in less than 5 μs.
The MSP430C09x and MSP430L092 series are microcontroller configurations with two 16-bit timers, an
ultra-low-voltage 8-bit analog-to-digital (A/D) converter, an 8-bit digital-to-analog (D/A) converter, and up to 11 I/O
pins.
Typical applications for this device include single-cell systems requiring a full analog signal chain.




Similar Part No. - MSP430L092

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
MIXED SIGNAL MICROCONTROLLER
MSP430l092 TI1-MSP430l092 Datasheet
6Mb / 21P
ULTRA-LOW-POWER MICROCONTROLLERS
MSP430L092 TI1-MSP430L092 Datasheet
671Kb / 46P
MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI1-MSP430L092 Datasheet
1Mb / 47P
MIXED SIGNAL MICROCONTROLLER
MSP430L092CY TI-MSP430L092CY Datasheet
691Kb / 44P
MIXED SIGNAL MICROCONTROLLER
More results


Similar Description - MSP430L092

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430X43X1 TI-MSP430X43X1 Datasheet
1Mb / 73P
MIXED SIGNAL MICROCONTROLLER
MSP430F23X0 TI-MSP430F23X0 Datasheet
1Mb / 64P
MIXED SIGNAL MICROCONTROLLER
MSP430X47X3 TI-MSP430X47X3_07 Datasheet
1Mb / 76P
MIXED SIGNAL MICROCONTROLLER
MSP430X43X1 TI-MSP430X43X1_08 Datasheet
1Mb / 73P
MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA Datasheet
670Kb / 44P
MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
MIXED SIGNAL MICROCONTROLLER
MSP430F533 TI1-MSP430F533 Datasheet
918Kb / 101P
MIXED SIGNAL MICROCONTROLLER
MSP430F534 TI1-MSP430F534 Datasheet
779Kb / 83P
MIXED SIGNAL MICROCONTROLLER
MSP430F643 TI1-MSP430F643 Datasheet
951Kb / 106P
MIXED SIGNAL MICROCONTROLLER
MSP430F530X TI1-MSP430F530X_12 Datasheet
1Mb / 100P
MIXED SIGNAL MICROCONTROLLER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com