Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA177FP Datasheet (PDF) - Texas Instruments

OPA177FP Datasheet PDF - Texas Instruments
Part # OPA177FP
Download  OPA177FP Download
File Size   891.04 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPA177 0.1-μV/°C Offset Drift, 10-μV Offset, Low-Noise, Bipolar Operational Amplifier

OPA177FP Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA177FP Datasheet PDF - Texas Instruments

Part # OPA177FP
Download  OPA177FP Click to download

File Size   891.04 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPA177 0.1-μV/°C Offset Drift, 10-μV Offset, Low-Noise, Bipolar Operational Amplifier

OPA177FP Datasheet (HTML) - Texas Instruments


OPA177FP Product details

1 Features
• Low offset voltage: 25 μV (max)
• Low offset voltage drift: 0.3 μV/°C (max)
• High open-loop gain: 134 dB (min)
• Low quiescent current: 1.3 mA (typ)
• Low input bias ±2 nA (max)
• Wide supply voltage range: 6 V to 36 V
• Replaces industry-standard op amps: OP-07,
OP-77, OP-177, AD707, and more
• For improved performance with ±40-V overvoltage
protection, see the OPA206

2 Applications
• Analog input module
• Data acquisition (DAQ)
• Battery test
• Lab and field instrumentation
• Temperature transmitter

3 Description
The OPA177 precision bipolar op amp feature very
low offset voltage and drift. Laser-trimmed offset, drift
and input bias current virtually eliminate the need for
costly external trimming. High performance and low
cost make these devices an excellent choice for a
wide range of precision instrumentation.
The low quiescent current of the OPA177
dramatically reduces warm-up drift and errors due to
thermoelectric effects in input interconnections. The
OPA177 provides an effective alternative to chopperstabilized
amplifiers. The low noise of the OPA177
helps maintain maximum signal integrity.
OPA177 performance grade-outs are available.
Packaging options include 8-pin plastic DIP and SO-8
surface-mount packages.




Similar Part No. - OPA177FP

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA177FP BURR-BROWN-OPA177FP Datasheet
135Kb / 7P
Precision OPERATIONAL AMPLIFIER
OPA177FP BURR-BROWN-OPA177FP Datasheet
171Kb / 9P
Precision OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA177FP TI1-OPA177FP Datasheet
302Kb / 11P
Precision OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA177FPG4 BURR-BROWN-OPA177FPG4 Datasheet
171Kb / 9P
Precision OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA177FPG4 TI1-OPA177FPG4 Datasheet
302Kb / 11P
Precision OPERATIONAL AMPLIFIER
More results


Similar Description - OPA177FP

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJMOP-07 NJRC-NJMOP-07 Datasheet
197Kb / 6P
ULTRA-LOW OFFSET VOLTAGE, LOW DRIFT OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LF411 NSC-LF411 Datasheet
456Kb / 12P
Low Offset, Low Drift JFET Input Operational Amplifier
OP-07 NSC-OP-07 Datasheet
124Kb / 6P
Low Offset, Low Drift Operational Amplifier
logo
Texas Instruments
OP-07 TI1-OP-07 Datasheet
373Kb / 8P
Low Offset, Low Drift Operational Amplifier
SM73308 TI-SM73308_15 Datasheet
1Mb / 26P
Low Offset, Low Noise, RRO Operational Amplifier
LF411-N TI1-LF411-N Datasheet
942Kb / 21P
Low Offset, Low Drift JFET Input Operational Amplifier
VLF411QML-SP TI1-VLF411QML-SP Datasheet
1Mb / 19P
Low Offset, Low Drift JFET Input Operational Amplifier
LF411JAN TI1-LF411JAN_16 Datasheet
1Mb / 18P
Low Offset, Low Drift JFET Input Operational Amplifier
logo
Analog Devices
OP227 AD-OP227_17 Datasheet
557Kb / 6P
Dual, Low-Offset Low Noise Operational Amplifier
18-Jul-2017
logo
ON Semiconductor
NCS333A ONSEMI-NCS333A_V01 Datasheet
1Mb / 22P
Operational Amplifier, Zero-Drift, 10 V Offset, 0.07 V/C
April, 2021 - Rev. 20
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com