Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA360 Datasheet (PDF) - Texas Instruments

OPA360 Datasheet PDF - Texas Instruments
Part # OPA360
Download  OPA360 Download
File Size   978.96 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 3V Single-Supply 80MHz High-Speed Op Amp in SC70

OPA360 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA360 Datasheet PDF - Texas Instruments

Part # OPA360
Download  OPA360 Click to download

File Size   978.96 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 3V Single-Supply 80MHz High-Speed Op Amp in SC70

OPA360 Datasheet (HTML) - Texas Instruments


OPA360 Product details

FEATURES
HIGH BANDWIDTH: 80MHz
HIGH SLEW RATE: 55V/μs
EXCELLENT VIDEO PERFORMANCE
0.5dB GAIN FLATNESS: 25MHz
DIFFERENTIAL GAIN: 0.3%
DIFFERENTIAL PHASE: 0.7°
INPUT RANGE INCLUDES GROUND
RAIL-TO-RAIL OUTPUT
SHUTDOWN CURRENT: < 5μA
LOW QUIESCENT CURRENT: 5.2mA
SINGLE-SUPPLY OPERATING RANGE:
+2.7V to +3.3V
MicroSIZE PACKAGE: SC70-6

APPLICATIONS
DIGITAL STILL CAMERAS
CAMERA PHONES
DIGITAL MEDIA PLAYERS
DIGITAL VIDEO CAMERAS
SET-TOP-BOX VIDEO FILTERS
OPTICAL POWER MONITORING
TRANSIMPEDANCE AMPLIFIERS
AUTOMATIC TEST EQUIPMENT

DESCRIPTION
The high-speed OPA358 amplifier is optimized for 3V
single-supply operation. The output typically swings within
5mV of GND with a 150Ω load connected to GND. The
input common-mode range includes GND and swings to
within 1V of the positive power supply. The OPA358 offers
excellent video performance: 0.5dB gain flatness is
25MHz, differential gain is 0.3%, and differential phase is
0.7°.
The OPA358 is optimized for supply voltages from +2.7V
to +3.3V, with an operating range of +2.5V to +3.6V.
Quiescent current is only 5.2mA per channel.
In shutdown mode, the quiescent current is reduced to
< 5μA, dramatically reducing power consumption. This is
especially important in battery-operated equipment such
as digital still cameras (DSCs) or mobile phones with
integrated cameras.
The OPA358 is available in SC70-6, the smallest package
currently available for video applications.




Similar Part No. - OPA360

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA360 BURR-BROWN-OPA360 Datasheet
329Kb / 15P
3V Video Amplifier with 6dB Gain and Filter in SC70
logo
Texas Instruments
OPA360 TI1-OPA360 Datasheet
1Mb / 24P
3V Video Amplifier with 6dB Gain and Filter
OPA360 TI2-OPA360 Datasheet
981Kb / 19P
3V VIDEO AMPLIFIER with Internal Gain and Filter in SC70
REVISED JANUARY 2006
OPA360 TI2-OPA360 Datasheet
982Kb / 19P
3V Single-Supply 80MHz High-Speed Op Amp in SC70
REVISED FEBRUARY 2005
logo
Burr-Brown (TI)
OPA360AIDCKR BURR-BROWN-OPA360AIDCKR Datasheet
329Kb / 15P
3V Video Amplifier with 6dB Gain and Filter in SC70
More results


Similar Description - OPA360

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC505 NSC-CLC505 Datasheet
735Kb / 12P
High-Speed, Programmable-Supply Current, Monolithic Op Amp
logo
Linear Technology
LT1006 LINER-LT1006 Datasheet
878Kb / 12P
Precision, Single Supply Op Amp
LT1006S8 LINER-LT1006S8 Datasheet
219Kb / 4P
Precision, Single Supply Op Amp?
logo
Burr-Brown (TI)
OPA358 BURR-BROWN-OPA358 Datasheet
212Kb / 14P
3V Single-Supply 80MHz High-Speed Op Amp in SC70
logo
Linear Technology
LT1006 LINER-LT1006_02 Datasheet
292Kb / 16P
Precision, Single Supply Op Amp
logo
National Semiconductor ...
MNCLC505A-X NSC-MNCLC505A-X Datasheet
106Kb / 16P
HIGH-SPEED, PROGRAMMABLE-SUPPLY CURRENT, MONOLITHIC OP AMP
logo
Analog Devices
ADA4858-3 AD-ADA4858-3 Datasheet
468Kb / 16P
Single-Supply, High Speed, Triple Op Amp with Charge Pump
REV. 0
logo
Linear Technology
LT1006 LINER-LT1006_15 Datasheet
302Kb / 16P
Precision, Single Supply Op Amp
logo
Texas Instruments
OPA358 TI1-OPA358 Datasheet
854Kb / 18P
3V Single-Supply 80MHz High-Speed Op Amp
logo
Analog Devices
ADA4858-3 AD-ADA4858-3_16 Datasheet
439Kb / 21P
Single-Supply, High Speed, Triple Op Amp with Charge Pump
Rev. B
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com