Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P-0502D1001QSWS Datasheet (PDF) - Vishay Siliconix

P-0502D1001QSWS Datasheet PDF - Vishay Siliconix
Part # P-0502D1001QSWS
Download  P-0502D1001QSWS Download
File Size   104.15 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Commercial Thin Film Resistor, Surface Mount Chip

P-0502D1001QSWS Datasheet (PDF)

Go To PDF Page Download Datasheet
P-0502D1001QSWS Datasheet PDF - Vishay Siliconix

Part # P-0502D1001QSWS
Download  P-0502D1001QSWS Click to download

File Size   104.15 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Commercial Thin Film Resistor, Surface Mount Chip

P-0502D1001QSWS Datasheet (HTML) - Vishay Siliconix


P-0502D1001QSWS Product details

FEATURES
• Moisture resistant (SPM) special passivation
method
• Non-standard values available
• Pre-tinned terminations over nickel barrier
(gold available)
• Very low noise and voltage coefficient
(< -35 dB, 0.1 ppm/V)
• Non-inductive
• Laser-trimmed tolerances to 0.02 %
• In-lot tracking less than 5 ppm/°C
• Epoxy bondable termination available
• Sulfur resistant (per ASTM B809-95 humid vapor test)
• Flame resistant UL 94 V-0
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - P-0502D1001QSWS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P-0-K-02 ETC1-P-0-K-02 Datasheet
211Kb / 1P
P-0-K-02
logo
BELIMO AIRCONTROLS (USA...
P-01RT-5B-0 BELIMO-P-01RT-5B-0 Datasheet
582Kb / 4P
Room Sensor Temperature
P-01RT-5L-0 BELIMO-P-01RT-5L-0 Datasheet
582Kb / 4P
Room Sensor Temperature
P-01RT-5M-0 BELIMO-P-01RT-5M-0 Datasheet
582Kb / 4P
Room Sensor Temperature
P-01RT-5Q-0 BELIMO-P-01RT-5Q-0 Datasheet
582Kb / 4P
Room Sensor Temperature
More results


Similar Description - P-0502D1001QSWS

ManufacturerPart #DatasheetDescription
logo
RFE international
RMT06R-10K-B25 RFE-RMT06R-10K-B25 Datasheet
76Kb / 1P
SURFACE MOUNT RMT Series: Thin Film Chip Resistor RESISTORS
logo
List of Unclassifed Man...
RG1005 ETC2-RG1005_1 Datasheet
1Mb / 3P
THIN FILM CHIP RESISTOR
logo
Vishay Siliconix
P1206E3322BBT VISHAY-P1206E3322BBT Datasheet
94Kb / 3P
Commercial Thin Film Resistor, Surface Mount Chip
27-Jun-13
PTN1206E3321BST1 VISHAY-PTN1206E3321BST1 Datasheet
93Kb / 4P
Commercial Thin Film Chip Resistor, Surface Mount Chip
07-Mar-12
PTN0805E1001BBT1 VISHAY-PTN0805E1001BBT1 Datasheet
93Kb / 4P
Commercial Thin Film Chip Resistor, Surface Mount Chip
07-Mar-12
logo
List of Unclassifed Man...
RG1608N-4121 ETC2-RG1608N-4121 Datasheet
179Kb / 3P
Thin Film Chip Resistor
RG1608P-2610 ETC2-RG1608P-2610 Datasheet
179Kb / 3P
Thin Film Chip Resistor
logo
Vishay Siliconix
PNS VISHAY-PNS Datasheet
93Kb / 3P
Commercial Thin Film Resistor, Surface Mount Chip
07-Aug-14
PTN VISHAY-PTN Datasheet
91Kb / 4P
Commercial Thin Film Chip Resistor,Surface Mount Chip
24-Aug-15
logo
Stackpole Electronics, ...
RNCF SEI-RNCF Datasheet
498Kb / 8P
Precision Thin Film Chip Resistor
7/8/2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com