Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

81036-660C01-RB-WF Datasheet (PDF) - 3M Electronics

81036-660C01-RB-WF Datasheet PDF - 3M Electronics
Part # 81036-660C01-RB-WF
Download  81036-660C01-RB-WF Download
File Size   1623.66 Kbytes
Page   8 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description 3M™ 4-Wall, Tripolarized Header .050" × .100" Latch/Ejector, PTH & SMT Straight, PTH Right Angle

81036-660C01-RB-WF Datasheet (PDF)

Go To PDF Page Download Datasheet
81036-660C01-RB-WF Datasheet PDF - 3M Electronics

Part # 81036-660C01-RB-WF
Download  81036-660C01-RB-WF Click to download

File Size   1623.66 Kbytes
Page   8 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description 3M™ 4-Wall, Tripolarized Header .050" × .100" Latch/Ejector, PTH & SMT Straight, PTH Right Angle

81036-660C01-RB-WF Datasheet (HTML) - 3M Electronics


81036-660C01-RB-WF Product details

Features
■ Current Rating: 3.00 A, 1 Contact Powered
■ 2.00 A, 4 Contacts Powered
■ 0.75 A, All Contacts powered
■ Rating Conditions: EIA-364-070 Method 2, 30 degrees C maximum temperature
■ rise, 20% derated. Reference appropriate 3M Product Specifi cation for detailed
■ current derating curves.
■ Insulation Resistance: > 1 × 109 Ω at 500 VDC
■ Withstanding Voltage: 500 VRMS at Sea Level Environmental
■ Temperature Rating: -55°C to +105°C
■ Process Rating: Maximum 260°C (Profi le per J-STD-020C) Moisture Sensitivity Level: 1 (per J-STD-020C)




Similar Part No. - 81036-660C01-RB-WF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
81036072A TI-81036072A Datasheet
357Kb / 18P
STANDARD HIGH-SPEED PAL CIRCUITS
81036072A TI2-81036072A Datasheet
833Kb / 22P
STANDARD HIGH-SPEED PAL) CIRCUITS
REVISED MARCH 1992
8103607RA TI-8103607RA Datasheet
357Kb / 18P
STANDARD HIGH-SPEED PAL CIRCUITS
8103607RA TI2-8103607RA Datasheet
833Kb / 22P
STANDARD HIGH-SPEED PAL) CIRCUITS
REVISED MARCH 1992
8103607SA TI-8103607SA Datasheet
357Kb / 18P
STANDARD HIGH-SPEED PAL CIRCUITS
More results


Similar Description - 81036-660C01-RB-WF

ManufacturerPart #DatasheetDescription
logo
3M Electronics
81068-600C04 3M-81068-600C04 Datasheet
1Mb / 8P
.050 × .100 Latch/Ejector, PTH & SMT Straight, PTH Right Angle 810 Series
14-Nov-2012
3428-1303 3M-3428-1303 Datasheet
1Mb / 6P
3M™ Three-Wall Header .100” × .100” Latch/Ejector, Straight and Right Angle
21-May-2012
3433-5005 3M-3433-5005 Datasheet
1Mb / 5P
Four-Wall Header .100" × .100" Latch/Ejector, Straight and Right Angle
2-Oct-2012
D3408-6002-AR 3M-D3408-6002-AR Datasheet
1Mb / 5P
Four-Wall Header .100” × .100” Latch/Ejector, Straight and Right Angle
21-May-2012
D3793-6202-AR 3M-D3793-6202-AR Datasheet
1Mb / 5P
100” × .100” Latch/Ejector, Straight and Right Angle
21-May-2012
N3429-630T02RB 3M-N3429-630T02RB Datasheet
1Mb / 5P
3M™ Four-Wall Header .100” × .100” Latch/Ejector, Straight, Compliant Pin
03-Apr-2013
N3408-6002RB 3M-N3408-6002RB Datasheet
1Mb / 5P
.100 × .100 Latch/Ejector, Straight and Right Angle
260
D3372-6302-AR 3M-D3372-6302-AR Datasheet
1Mb / 5P
3M™ Four-Wall Header .100” × .100” Latch/Ejector, Straight and Right Angle
21-May-2012
N3431-5203RB 3M-N3431-5203RB Datasheet
1Mb / 5P
3M™ Four-Wall Header .100" × .100" Latch/Ejector, Straight and Right Angle
2-Oct-2012
3000 3M-3000_V01 Datasheet
1Mb / 5P
100" × .100" Latch/Ejector, Straight and Right Angle
October 2, 2012
More results




About 3M Electronics


3M Electronics is a division of 3M, a multinational conglomerate corporation based in St. Paul, Minnesota.

3M Electronics is focused on the design, manufacturing, and marketing of electronics and electrical products, including interconnect and electromechanical solutions, passive and active electronic components, and electronic materials and adhesives.

The company serves a wide range of industries, including aerospace and defense, automotive, consumer electronics, industrial, and medical electronics.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com