Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3801 Datasheet (PDF) - Adafruit Industries

3801 Datasheet PDF - Adafruit Industries
Part # 3801
Download  3801 Download
File Size   3048.55 Kbytes
Page   4 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description TT Motor Bi-Metal Gearbox - 1:90 Gear Ratio

3801 Datasheet (PDF)

Go To PDF Page Download Datasheet
3801 Datasheet PDF - Adafruit Industries

Part # 3801
Download  3801 Click to download

File Size   3048.55 Kbytes
Page   4 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description TT Motor Bi-Metal Gearbox - 1:90 Gear Ratio

3801 Datasheet (HTML) - Adafruit Industries




Similar Part No. - 3801

ManufacturerPart #DatasheetDescription
logo
Lumberg
3801 LUMBERG-3801 Datasheet
649Kb / 3P
Multimodul connectors, pitch 2.5 mm
logo
Belden Inc.
38010 BELDEN-38010 Datasheet
150Kb / 2P
UL Type PV Wire, #10 Str TC, XLPO Ins, 600V PV 90C Dry/Wet
05-05-2023
38010-0105000 BELDEN-38010-0105000 Datasheet
150Kb / 2P
UL Type PV Wire, #10 Str TC, XLPO Ins, 600V PV 90C Dry/Wet
05-05-2023
logo
Lumberg
380102 LUMBERG-380102 Datasheet
96Kb / 2P
Multimodul??Steckverbinder, Raster 2,5 mm
380102 LUMBERG-380102 Datasheet
649Kb / 3P
Multimodul connectors, pitch 2.5 mm
More results


Similar Description - 3801

ManufacturerPart #DatasheetDescription
logo
promoco-motors.com
P20ZSZ280 PROMOCO-P20ZSZ280 Datasheet
148Kb / 1P
DC Gear Motor
P12ZGZ20 PROMOCO-P12ZGZ20 Datasheet
176Kb / 1P
DC Gear Motor
P24ZGP370 PROMOCO-P24ZGP370 Datasheet
144Kb / 1P
DC Gear Motor
P37ZFP510 PROMOCO-P37ZFP510 Datasheet
140Kb / 1P
DC Gear Motor
P44ZGP510 PROMOCO-P44ZGP510 Datasheet
162Kb / 1P
DC Gear Motor
P56ZGP540 PROMOCO-P56ZGP540 Datasheet
175Kb / 1P
DC Gear Motor
logo
SparkFun Electronics
ROB-00319 SPARKFUN-ROB-00319 Datasheet
142Kb / 1P
Dual Motor GearBox
2/9/2016
logo
Ningbo Leison Motor Co....
LS-25GA370 NINGBO-LS-25GA370 Datasheet
599Kb / 1P
DC GEAR MOTOR
LS-N20AGB NINGBO-LS-N20AGB Datasheet
673Kb / 1P
DC GEAR MOTOR
LS-SG555 NINGBO-LS-SG555 Datasheet
442Kb / 1P
DC GEAR MOTOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com