Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3872 Datasheet (PDF) - Adafruit Industries

3872 Datasheet PDF - Adafruit Industries
Part # 3872
Download  3872 Download
File Size   751.7 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description 5V Electromagnet - 2.5 Kg Holding Force - P20/15

3872 Datasheet (PDF)

Go To PDF Page Download Datasheet
3872 Datasheet PDF - Adafruit Industries

Part # 3872
Download  3872 Click to download

File Size   751.7 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description 5V Electromagnet - 2.5 Kg Holding Force - P20/15

3872 Datasheet (HTML) - Adafruit Industries




Similar Part No. - 3872

ManufacturerPart #DatasheetDescription
logo
Heyco.
3872 HEYCO-3872 Datasheet
107Kb / 1P
Locking Releasable Wire Clips
logo
Molex Electronics Ltd.
38720-010 MOLEX-38720-010 Datasheet
127Kb / 2P
9.53MM [375] SR BTS ASSY, INSULATED TURRET TERMINAL W/MTG
2006/09/13 REV A
38720-0210 MOLEX11-38720-0210 Datasheet
41Kb / 2P
9.53mm Pitch Beau PCB Terminal Strip, Screw Terminal, 10 Circuits
38720-0303 MOLEX11-38720-0303 Datasheet
41Kb / 2P
9.53mm Pitch Beau PCB Terminal Strip, Screw Terminal, 10 Circuits
38720-0304 MOLEX11-38720-0304 Datasheet
41Kb / 2P
9.53mm Pitch Beau PCB Terminal Strip, Screw Terminal, 4 Circuits
More results


Similar Description - 3872

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
41KD ETC-41KD Datasheet
459Kb / 8P
Interrupt Holding Register
logo
HOKURIKU ELECTRIC INDUS...
HFD-500S HOKURIKU-HFD-500S Datasheet
159Kb / 1P
Force Sensor
logo
Glenair, Inc.
600F005 GLENAIR-600F005 Datasheet
161Kb / 1P
Connector Holding Tool
600FF005 GLENAIR-600FF005 Datasheet
160Kb / 1P
Connector Holding Tool
600H005 GLENAIR-600H005 Datasheet
161Kb / 1P
Connector Holding Tool
600HH005 GLENAIR-600HH005 Datasheet
161Kb / 1P
Connector Holding Tool
logo
Weidmuller
2668980000 WEIDMULLER-2668980000 Datasheet
155Kb / 4P
AITB 2.5 LDT-L Weidm체ller Interface GmbH & Co. KG
logo
PHOENIX CONTACT
2749563 PHOENIX-2749563 Datasheet
70Kb / 3P
Housing - SCT-D-SUB 15-KG
09/12/2020
logo
Molex Electronics Ltd.
0638161900 MOLEX-0638161900 Datasheet
36Kb / 1P
Electric Crimping Machine, 15 kN Max. Crimp Force
08/26/2022
logo
KISTLER INSTRUMENT CORP...
9253B KISTLER-9253B Datasheet
1Mb / 7P
Multicomponent Force Plate –15 ... 30 kN, mounting plate 600x400 mm
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com