Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA2107 Datasheet (PDF) - Texas Instruments

OPA2107 Datasheet PDF - Texas Instruments
Part # OPA2107
Download  OPA2107 Download
File Size   842.04 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Precision Dual Difet ® Operational Amplifier

OPA2107 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA2107 Datasheet PDF - Texas Instruments

Part # OPA2107
Download  OPA2107 Click to download

File Size   842.04 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Precision Dual Difet ® Operational Amplifier

OPA2107 Datasheet (HTML) - Texas Instruments


OPA2107 Product details

FEATURES
Very Low Noise: 8nV/√Hz at 10kHz
Low VOS: 1mV max
Low Drift: 10μV/°C max
Low IB: 10pA max
Fast Settling Time: 2μs to 0.01%
Unity-Gain Stable

APPLICATIONS
Data Acquisition
DAC Output Amplifiers
Optoelectronics
High-Impedance Sensor Amps
High-Performance Audio Circuitry
Medical Equipment, CT Scanners

DESCRIPTION
The OPA2107 dual operational amplifier provides precision
Difet performance with the cost and space savings of a dual
op amp. It is useful in a wide range of precision and low-noise
analog circuitry and can be used to upgrade the performance
of designs currently using BIFET® type amplifiers.
The OPA2107 is fabricated on a proprietary dielectrically
isolated (Difet ) process. This holds input bias currents to
very low levels without sacrificing other important parameters,
such as input offset voltage, drift and noise. Lasertrimmed
input circuitry yields excellent dc performance. Superior
dynamic performance is achieved, yet quiescent current
is held to under 2.5mA per amplifier. The OPA2107 is
unity-gain stable.
The OPA2107 is available in DIP-8 and SO-8 packages.




Similar Part No. - OPA2107

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2107 BURR-BROWN-OPA2107 Datasheet
685Kb / 11P
Precision Dual Difet Operational Amplifier
OPA2107AP BURR-BROWN-OPA2107AP Datasheet
685Kb / 11P
Precision Dual Difet Operational Amplifier
OPA2107APG4 BURR-BROWN-OPA2107APG4 Datasheet
685Kb / 11P
Precision Dual Difet Operational Amplifier
OPA2107AU BURR-BROWN-OPA2107AU Datasheet
685Kb / 11P
Precision Dual Difet Operational Amplifier
OPA2107AU/2K5 BURR-BROWN-OPA2107AU/2K5 Datasheet
685Kb / 11P
Precision Dual Difet Operational Amplifier
More results


Similar Description - OPA2107

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA111 BURR-BROWN-OPA111 Datasheet
137Kb / 12P
Low Noise Precision Difet OPERATIONAL AMPLIFIER
OPA121 BURR-BROWN-OPA121 Datasheet
91Kb / 6P
Low Cost Precision Difet OPERATIONAL AMPLIFIER
OPA124 BURR-BROWN-OPA124 Datasheet
137Kb / 8P
Low Noise Precision Difet OPERATIONAL AMPLIFIER
OPA2111 BURR-BROWN-OPA2111 Datasheet
231Kb / 13P
Dual Low Noise Precision Difet OPERATIONAL AMPLIFIER
OPA404 BURR-BROWN-OPA404 Datasheet
228Kb / 11P
Quad High-Speed Precision Difet OPERATIONAL AMPLIFIER
OPA602 BURR-BROWN-OPA602 Datasheet
150Kb / 9P
High-Speed Precision Difet OPERATIONAL AMPLIFIER
OPA2107 BURR-BROWN-OPA2107 Datasheet
685Kb / 11P
Precision Dual Difet Operational Amplifier
logo
Texas Instruments
OPA602BPG4 TI-OPA602BPG4 Datasheet
405Kb / 15P
High-Speed Precision Difet OPERATIONAL AMPLIFIER
OPA404KUG4 TI-OPA404KUG4 Datasheet
760Kb / 16P
Quad High-Speed Precision Difet 짰 OPERATIONAL AMPLIFIER
OPA627-DIE TI-OPA627-DIE Datasheet
110Kb / 6P
OPA627-DIE Precision High-Speed DIFET Operational Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com